Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LVMDM-75G Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # LVMDM-75G
Description  LVMDM Series LVC Low Voltage Logic Buffered 5-Tap Delay SMD Modules
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

LVMDM-75G Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  LVMDM-75G Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.rhombus-ind.com
TEL: (714) 898-0960
sales@rhombus-ind.com
FAX: (714) 896-0971
6SHFLILFDWLRQV VXEMHFW WR FKDQJH ZLWKRXW QRWLFH
)RU RWKHU YDOXHV&XVWRP 'HVLJQV FRQWDFW IDFWRU\
UKRPEXV LQGXVWULHV LQF
LVMDM 2001-01
18
Inputs accept voltages up to 5.5 V
74LVC type input can be driven from either 3.3V or 5V
devices. This allows delay module to serve as a
translator in a mixed 3.3V / 5V system environment.
Electrical Specifications at 25OC
Low Profile 8-Pin Package
Two Surface Mount Versions
Low Voltage CMOS 74LVC
Logic Buffered
5 Equal Delay Taps
Operating Temp. -40OC to +85OC
LVMDM 8-Pin Schematic
Vcc
8
1
IN
3
5
6
7
GND
4
2
Tap4
Tap5
Tap1 Tap3
Tap2
** These part numbers do not have 5 equal taps. Tap-to-Tap Delays reference Tap 1.
LVC 5 Tap
SMD P/N
Tap 1
( ns )
Tap 2
( ns )
Tap 3
( ns )
Tap 4
( ns )
Tap 5
( ns )
Tap-to-Tap
(ns)
LVMDM-7G
3.0 ± 1.0
4.0 ± 1.0
5.0 ± 1.0
6.0 ± 1.0
7 ± 1.0
1.0 ± 0.4
LVMDM-9G
3.0 ± 1.0
4.5 ± 1.0
6.0 ± 1.0
7.5 ± 1.0
9 ± 1.0
1.5 ± 0.5
LVMDM-11G
3.0 ± 1.0
5.0 ± 1.0
7.0 ± 1.0
9.0 ± 1.0
11 ± 1.5
2.0 ± 0.6
LVMDM-13G
3.0 ± 1.0
5.5 ± 1.0
8.0 ± 1.0
10.5 ± 1.0
13 ± 1.5
2.5 ± 0.8
LVMDM-15G
3.0 ± 1.0
6.0 ± 1.0
9.0 ± 1.0
12.0 ± 1.5
15 ± 1.5
3.0 ± 1.0
LVMDM-20G
4.0 ± 1.0
8.0 ± 1.2
12.0 ± 1.5
16.0 ± 1.5
20 ± 2.0
4.0 ± 1.0
LVMDM-25G
5.0 ± 1.0
10.0 ± 1.5
15.0 ± 1.5
20.0 ± 2.0
25 ± 2.0
5.0 ± 1.5
LVMDM-30G
6.0 ± 1.0
12.0 ± 1.5
18.0 ± 1.5
24.0 ± 2.0
30 ± 2.0
6.0 ± 1.5
LVMDM-35G
7.0 ± 1.0
14.0 ± 1.5
21.0 ± 2.0
28.0 ± 2.0
35 ± 2.0
7.0 ± 1.8
LVMDM-40G
8.0 ± 1.0
16.0 ± 1.5
24.0 ± 2.0
32.0 ± 2.0
40 ± 2.0
8.0 ± 2.0
LVMDM-45G
9.0 ± 1.0
18.0 ± 1.5
27.0 ± 2.0
36.0 ± 2.0
45 ± 2.25
9.0 ± 2.0
LVMDM-50G
10.0 ± 1.5
20.0 ± 2.0
30.0 ± 2.0
40.0 ± 2.0
50 ± 2.5
10 ± 2.0
LVMDM-60G
12.0 ± 1.5
24.0 ± 2.0
36.0 ± 2.0
48.0 ± 2.4
60 ± 3.0
12 ± 2.0
LVMDM-75G
15.0 ± 2.0
30.0 ± 2.0
45.0 ± 2.25
60.0 ± 3.0
75 ± 3.75
15 ± 2.5
LVMDM-80G
16.0 ± 2.0
32.0 ± 2.0
48.0 ± 2.4
64.0 ± 3.2
80 ± 4.0
16 ± 2.5
LVMDM-100G
20.0 ± 2.0
40.0 ± 2.0
60.0 ± 3.0
80.0 ± 2.0
100 ± 5.0
20 ± 3.0
LVMDM Series LVC Low Voltage Logic
Buffered 5-Tap Delay SMD Modules
TEST CONDITIONS -- Low Voltage CMOS, LVC
V
CC Supply Voltage ................................................ 3.30VDC
Input Pulse Voltage ................................................... 2.70V
Input Pulse Rise Time ....................................... 3.0 ns max.
Input Pulse Width / Period ........................... 1000 / 2000 ns
1. Measurements made at 25OC
2. Delay Times measured at 1.50V level of leading edge.
3. Rise Times measured from 0.75V to 2.40V.
4. 50pf probe and fixture load on output under test.
P/N Description
LVMDM - XXX X
LVC Buffered 5 Tap Delay
Molded Package Series:
8-pin DIP: LVMDM
Total Delay in nanoseconds (ns)
Lead Style: Blank = Thru-hole
G = “Gull Wing” SMD
J = “J” Bend SMD
Examples: LVMDM-25G = 25ns (5ns per tap) 74LVC, 8-Pin G-SMD
LVMDM-100 = 100ns (20ns per tap) 74LVC, 8-Pin DIP
OPERATING SPECIFICATIONS
Supply Voltage, V
CC .......................................... 3.3 ± 0.3 VDC
Supply Current, I
CC ...........................
10 mA typ., 30 mA max.
Supply Current, I
CCL :
V
IN = GND .........................
22 mA max.
Supply Current, I
CCH :
V
IN = VCC ............................. 10 µA max.
Input Voltage, V
I .....................................
0 V min., 5.5 V max.
Logic “1” Input, V
IH ..................................................
2.0 V min.
Logic “0” Input, V
IL ................................................. 0.8 V max.
Logic “1” Out, V
OH: VCC = 3V & IOH = -24 mA ............ 2.0 V min.
Logic “0” Out, V
OL:
V
CC = 3V & IOL = 24 mA .........
0.55 V max.
Input Capacitance, C
I .............................................
5 pF, typ.
Input Pulse Width, P
WI ..............................
40% of Delay min.
Operating Temperature Range ......................... -40O to +85OC
Storage Temperature Range ........................ -65O to +150OC
.505
(12.83)
MAX.
.120
MIN.
(3.05)
MAX.
.250
(6.35)
.100
(2.54)
TYP.
.050
(1.27)
TYP.
.020
(0.51)
TYP.
.020
(0.51)
TYP.
.300
(7.62)
.285
(7.24)
MAX.
.010
(0.25)
TYP.
.365
(9.27)
MAX.
.250
(6.35)
MAX.
.015
(0.38)
TYP.
.400 (10.16)
.430 (10.92)
.030
(0.76)
TYP.
.008 R
(0.20)
.100
(2.54)
TYP.
.050
(1.27)
TYP.
.020
(0.51)
TYP.
.010
(0.25)
TYP.
.505
(12.83)
MAX.
.285
(7.24)
MAX.
MAX.
.265
(6.73)
.030
(0.76)
TYP.
.330 (8.38)
MAX.
.020 R
(0.51)
.285 (7.24)
.260 (6.60)
.100
(2.54)
TYP.
.050
(1.27)
TYP.
.020
(0.51)
TYP.
.505
(12.83)
MAX.
.285
(7.24)
MAX.
Dimensions in Inches (mm)
G-SMD
G-SMD
J-SMD
J-SMD
DIP
DIP


Similar Part No. - LVMDM-75G

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
LVMDL-10 RHOMBUS-IND-LVMDL-10 Datasheet
45Kb / 1P
   Logic Buffered Single - Dual - Triple Independent Delay Modules
LVMDL-100 RHOMBUS-IND-LVMDL-100 Datasheet
45Kb / 1P
   Logic Buffered Single - Dual - Triple Independent Delay Modules
LVMDL-100G RHOMBUS-IND-LVMDL-100G Datasheet
45Kb / 1P
   Logic Buffered Single - Dual - Triple Independent Delay Modules
LVMDL-100J RHOMBUS-IND-LVMDL-100J Datasheet
45Kb / 1P
   Logic Buffered Single - Dual - Triple Independent Delay Modules
LVMDL-10G RHOMBUS-IND-LVMDL-10G Datasheet
45Kb / 1P
   Logic Buffered Single - Dual - Triple Independent Delay Modules
More results

Similar Description - LVMDM-75G

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
LVITD-12 RHOMBUS-IND-LVITD-12 Datasheet
39Kb / 1P
   LVITD Series LVC Low Voltage Logic 10-Tap Delay Modules
ACDM-30 RHOMBUS-IND-ACDM-30 Datasheet
36Kb / 1P
   ACDM Series Advanced CMOS Logic Buffered 5-Tap Delay Modules
ACMDM-30 RHOMBUS-IND-ACMDM-30 Datasheet
36Kb / 1P
   ACMDM Series Advanced CMOS Logic Buffered 5-Tap Delay Modules
FAIDM-7 RHOMBUS-IND-FAIDM-7 Datasheet
39Kb / 1P
   FAST / TTL Buffered 5-Tap Delay Modules
DTZM1-9 RHOMBUS-IND-DTZM1-9 Datasheet
35Kb / 1P
   DTZM Series FAST / TTL Buffered 5-Tap Delay Modules
AIDM-7 RHOMBUS-IND-AIDM-7 Datasheet
39Kb / 1P
   AIDM Series FAST / TTL Buffered 5-Tap Delay Modules
AMDM-7 RHOMBUS-IND-AMDM-7 Datasheet
38Kb / 1P
   AMDM Series FAST / TTL Buffered 5-Tap Delay Modules
FSIDM-9 RHOMBUS-IND-FSIDM-9 Datasheet
33Kb / 1P
   FSIDM Series FAST / TTL Buffered 5-Tap Delay Modules
FAMDM-7 RHOMBUS-IND-FAMDM-7 Datasheet
38Kb / 1P
   FAMDM Series FAST / TTL Buffered 5-Tap Delay Modules
logo
Bel Fuse Inc.
S473-0025-02 BEL-S473-0025-02 Datasheet
47Kb / 1P
   5 TAP LEADING EDGE CONTROL LOW VOLTAGE DELAY MODULES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com