Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX25L1635DM2I-12G Datasheet(PDF) 17 Page - Macronix International

Part # MX25L1635DM2I-12G
Description  16M-BIT [x 1/x 2/x 4] CMOS SERIAL FLASH
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX25L1635DM2I-12G Datasheet(HTML) 17 Page - Macronix International

Back Button MX25L1635DM2I-12G Datasheet HTML 13Page - Macronix International MX25L1635DM2I-12G Datasheet HTML 14Page - Macronix International MX25L1635DM2I-12G Datasheet HTML 15Page - Macronix International MX25L1635DM2I-12G Datasheet HTML 16Page - Macronix International MX25L1635DM2I-12G Datasheet HTML 17Page - Macronix International MX25L1635DM2I-12G Datasheet HTML 18Page - Macronix International MX25L1635DM2I-12G Datasheet HTML 19Page - Macronix International MX25L1635DM2I-12G Datasheet HTML 20Page - Macronix International MX25L1635DM2I-12G Datasheet HTML 21Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 50 page
background image
17
MX25L1635D
P/N: PM1374
REV. 1.5, OCT. 01, 2008
(5) Write Status Register (WRSR)
The WRSR instruction is for changing the values of Status Register Bits. Before sending WRSR instruction, the Write
Enable (WREN) instruction must be decoded and executed to set the Write Enable Latch (WEL) bit in advance. The WRSR
instruction can change the value of Block Protect (BP3, BP2, BP1, BP0) bits to define the protected area of memory (as
shown in table 1). The WRSR also can set or reset the Quad enable (QE) bit and set or reset the Status Register Write
Disable (SRWD) bit in accordance with Write Protection (WP#/SIO2) pin signal, but has no effect on bit1(WEL) and bit0
(WIP) of the statur register. The WRSR instruction cannot be executed once the Hardware Protected Mode (HPM) is
entered.
The sequence of issuing WRSR instruction is: CS# goes low-> sending WRSR instruction code-> Status Register data
on SI-> CS# goes high. (see Figure 13)
The CS# must go high exactly at the byte boundary; otherwise, the instruction will be rejected and not executed. The self-
timed Write Status Register cycle time (tW) is initiated as soon as Chip Select (CS#) goes high. The Write in Progress
(WIP) bit still can be check out during the Write Status Register cycle is in progress. The WIP sets 1 during the tW timing,
and sets 0 when Write Status Register Cycle is completed, and the Write Enable Latch (WEL) bit is reset.
Table 6. Protection Modes
Note:
1. As defined by the values in the Block Protect (BP3, BP2, BP1, BP0) bits of the Status Register, as shown in Table 1.
As the above table showing, the summary of the Software Protected Mode (SPM) and Hardware Protected Mode (HPM).
Software Protected Mode (SPM):
-
When SRWD bit=0, no matter WP#/SIO2 is low or high, the WREN instruction may set the WEL bit and can change
the values of SRWD, BP3, BP2, BP1, BP0. The protected area, which is defined by BP3, BP2, BP1, BP0, is at software
protected mode (SPM).
-
When SRWD bit=1 and WP#/SIO2 is high, the WREN instruction may set the WEL bit can change the values of SRWD,
BP3, BP2, BP1, BP0. The protected area, which is defined by BP3, BP2, BP1, BP0, is at software protected mode
(SPM)
Note:
If SRWD bit=1 but WP#/SIO2 is low, it is impossible to write the Status Register even if the WEL bit has previously been
set. It is rejected to write the Status Register and not be executed.
Mode
Status register condition
Software protection
mode(SPM)
Status register can be written
in (WEL bit is set to "1") and
the SRWD, BP0-BP3
bits can be changed
WP# and SRWD bit status
Memory
WP#=1 and SRWD bit=0, or
WP#=0 and SRWD bit=0, or
WP#=1 and SRWD=1
The protected area cannot
be program or erase.
The protected area cannot
be program or erase.
WP#=0, SRWD bit=1
The SRWD, BP0-BP3 of
status register bits cannot be
changed
Hardware protection
mode (HPM)


Similar Part No. - MX25L1635DM2I-12G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L1635E MCNIX-MX25L1635E Datasheet
691Kb / 48P
   16M-BIT [x 1/x 2/x 4] CMOS SERIAL FLASH
MX25L1635EM2I10G MCNIX-MX25L1635EM2I10G Datasheet
691Kb / 48P
   16M-BIT [x 1/x 2/x 4] CMOS SERIAL FLASH
More results

Similar Description - MX25L1635DM2I-12G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L1636E MCNIX-MX25L1636E Datasheet
709Kb / 49P
   16M-BIT [x 1/x 2/x 4] CMOS SERIAL FLASH
MX25L1635E MCNIX-MX25L1635E Datasheet
691Kb / 48P
   16M-BIT [x 1/x 2/x 4] CMOS SERIAL FLASH
MX25L1608E MCNIX-MX25L1608E Datasheet
598Kb / 46P
   16M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L1605D MCNIX-MX25L1605D Datasheet
999Kb / 56P
   16M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L1606EZUI-12G MCNIX-MX25L1606EZUI-12G Datasheet
1Mb / 60P
   3V, 16M-BIT [x 1/x 2] CMOS SERIAL FLASH MEMORY
MX25L1602 MCNIX-MX25L1602 Datasheet
406Kb / 24P
   16M-BIT [16M x 1] CMOS SERIAL FLASH EEPROM
MX25L3225D MCNIX-MX25L3225D Datasheet
507Kb / 47P
   32M-BIT [x 1/x 2/x 4] CMOS SERIAL FLASH
logo
Generalplus Technology ...
GPR25L12805F GENERALPLUS-GPR25L12805F Datasheet
3Mb / 58P
   128M-bit [x 1/x 2/x 4] CMOS Serial Flash
logo
Macronix International
MX25L3235D MCNIX-MX25L3235D Datasheet
690Kb / 50P
   32M-BIT [x 1/x 2/x 4] CMOS SERIAL FLASH
logo
Generalplus Technology ...
GPR25L25605F GENERALPLUS-GPR25L25605F Datasheet
1Mb / 61P
   256M-bit [x 1/x 2/x 4] CMOS Serial Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com