Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MIW2300 Datasheet(PDF) 2 Page - Minmax Technology Co., Ltd.

Part No. MIW2300
Description  2-3W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MINMAX [Minmax Technology Co., Ltd.]
Homepage  http://www.minmax.com.tw
Logo 

MIW2300 Datasheet(HTML) 2 Page - Minmax Technology Co., Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
82
76
{13
{100
{15
MIW2337
82
76
{16
{125
{12
MIW2336
84
74
25
200
15
MIW2334
83
75
32
250
12
MIW2333
80
78
75
600
5
MIW2332
76
10
10
68
93
750
3.3
48
( 18 ~ 75 )
MIW2331
80
156
{13
{100
{15
MIW2327
80
156
{16
{125
{12
MIW2326
82
152
25
200
15
MIW2324
81
154
32
250
12
MIW2323
79
158
75
600
5
MIW2322
75
15
20
138
93
750
3.3
24
( 9 ~ 36 )
MIW2321
% (Typ.)
mA (Typ.)
mA (Typ.)
mA (Typ.)
mA
mA
VDC
VDC
@Max. Load
@No Load
@Max. Load
Min.
Max.
Efficiency
Reflected
Ripple
Current
Input Current
Output Current
Output
Voltage
Input
Voltage
Model
Number
Model Selection Guide
# For each output
uF
100
150
220
330
470
680
Maximum Capacitive Load
Unit
{15V #
{12V #
15V
12V
5V
3.3V
Models by Vout
Capacitive Load
500mA Slow - Blow Type
1000mA Slow - Blow Type
48V Input Models
24V Input Models
Input Fuse Selection Guide
Input Specifications
Pi Filter
Input Filter
mW
2000
---
---
Short Circuit Input Power
A
0.5
---
---
All Models
Reverse Polarity Input Current
16
---
---
48V Input Models
8.5
---
---
24V Input Models
Under Voltage Shutdown
18
15
12
48V Input Models
VDC
9
7.5
6
24V Input Models
Start Voltage
Unit
Max.
Typ.
Min.
Model
Parameter
MIW2300 Series
2
MINMAX
REV:5 2008/10/02


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn