Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDHU114 Datasheet(PDF) 2 Page - Minmax Technology Co., Ltd.

Part # MDHU114
Description  2W, Ultra-High Isolation DIP, Single & Dual Output DC/DC Converters
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MDHU114 Datasheet(HTML) 2 Page - Minmax Technology Co., Ltd.

  MDHU114 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MDHU114 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MDHU114 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MDHU114 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MDHU114 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MDHU114 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MDHU114 Datasheet HTML 7Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
75
10
110
{1
{66
{15
MDHU129
74
10
112
{1.5
{83
{12
MDHU128
66
10
126
2.5
133
15
MDHU125
66
10
125
3
165
12
MDHU124
66
12
15
126
8
400
5
24
( 21.6 ~ 26.4 )
MDHU122
75
10
220
{1
{66
{15
MDHU119
74
10
224
{1.5
{83
{12
MDHU118
66
10
252
2.5
133
15
MDHU115
66
10
250
3
165
12
MDHU114
66
12
30
253
8
400
5
12
(10.8 ~ 13.2)
MDHU112
73
10
542
{1
{66
{15
MDHU109
72
10
553
{1.5
{83
{12
MDHU108
66
10
605
2.5
133
15
MDHU105
66
10
600
3
165
12
MDHU104
66
12
60
606
8
400
5
5
(4.5 ~ 5.5)
MDHU102
% (Typ.)
% (Max.)
mA (Typ.)
mA (Typ.)
mA
mA
VDC
VDC
@Max. Load
@No Load
@Max. Load
Min.
Max.
Efficiency
Load
Regulation
Input Current
Output Current
Output
Voltage
Input
Voltage
Model
Number
Model Selection Guide
# For each output
uF
100
100
330
330
330
Maximum Capacitive Load
Unit
{15V #
{12V #
15V
12V
5V
Models by Vout
Capacitive Load
200mA Slow - Blow Type
500mA Slow - Blow Type
1000mA Slow - Blow Type
24V Input Models
12V Input Models
5V Input Models
Input Fuse Selection Guide
Internal Capacitor
Input Filter
A
0.3
---
---
All Models
Reverse Polarity Input Current
26.4
24
21.6
24V Input Models
13.2
12
10.8
12V Input Models
VDC
5.5
5
4.5
5V Input Models
Input Voltage Range
Unit
Max.
Typ.
Min.
Model
Parameter
Input Specifications
MDHU100 Series
2
MINMAX
REV:5 2009/01/16


Similar Part No. - MDHU114

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MDHU114 MINMAX-MDHU114 Datasheet
265Kb / 4P
   DC/DC CONVERTER 2W, Reinforced Inslation, Medical Safety
logo
Total Power Internation...
MDHU114 TOTAL-POWER-MDHU114 Datasheet
410Kb / 4P
   Reinforced Insulation rated for 300VAC Working Voltage
More results

Similar Description - MDHU114

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MIR500 MINMAX-MIR500 Datasheet
236Kb / 6P
   2W, Ultra-High Isolation DIP, Single & Dual Output DC/DC Converters
S2E00 MINMAX-S2E00 Datasheet
237Kb / 6P
   1.5W, Ultra-High Isolation DIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
MHI200DI5.7 MPD-MHI200DI5.7 Datasheet
645Kb / 3P
   High Isolation, 2W SIP Single & Dual Output DC/DC Converters
A200RI MPD-A200RI Datasheet
80Kb / 2P
   High Isolation, 2W & 3W Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MIHW3000 MINMAX-MIHW3000 Datasheet
173Kb / 8P
   5-6W, Ultra-High Isolation DIP, Single & Dual Output DC/DC Converters
S200R MINMAX-S200R Datasheet
233Kb / 6P
   2W, Low Cost DIP, Single & Dual Output DC/DC Converters
S2D00R MINMAX-S2D00R Datasheet
224Kb / 6P
   2-3W, High Isolation DIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
A100HI MPD-A100HI Datasheet
202Kb / 2P
   Ultra-High Isolation, 1.5W Single & Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TPB TOPPOWER-TPB_19 Datasheet
667Kb / 2P
   2W 3KVDC Isolation Regulated Single Output DC/DC Converters
logo
Minmax Technology Co., ...
MDW1000 MINMAX-MDW1000 Datasheet
212Kb / 8P
   2W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com