Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MEW1000 Datasheet(PDF) 3 Page - Minmax Technology Co., Ltd.

Part No. MEW1000
Description  2W, Wide Input Range SIP, Single & Dual Output DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MEW1000 Datasheet(HTML) 3 Page - Minmax Technology Co., Ltd.

  MEW1000 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MEW1000 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MEW1000 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MEW1000 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MEW1000 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MEW1000 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MEW1000 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MEW1000 Datasheet HTML 8Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
K Hours
---
---
1000
MIL-HDBK-217F @ 25], Ground Benign
MTBF
KHz
---
300
---
Switching Frequency
pF
500
250
---
100KHz,1V
Isolation Capacitance
M[
---
---
1000
500VDC
Isolation Resistance
VDC
---
---
1650
Flash Tested for 1 Second
Isolation Voltage Test
VDC
---
---
1500
60 Seconds
Isolation Voltage Rated
Unit
Max.
Typ.
Min.
Conditions
Parameter
General Specifications
Continuous
Output Short Circuit
%/]
{0.02
{0.01
---
Temperature Coefficient
%
{5
{3
---
Transient Response Deviation
uS
300
100
---
25% Load Step Change
Transient Recovery Time
%
---
---
120
Over Power Protection
mV rms
15
---
---
Ripple & Noise (20MHz)
mV P-P
75
---
---
Over Line, Load & Temp.
Ripple & Noise (20MHz)
mV P-P
50
30
---
Ripple & Noise (20MHz)
%
{0.75
{0.5
---
Io=25% to 100%
Load Regulation
%
{0.5
{0.3
---
Vin=Min. to Max.
Line Regulation
%
{2.0
{1.0
---
Dual Output, Balanced Loads
Output Voltage Balance
%
{2.0
{1.0
---
Output Voltage Accuracy
Unit
Max.
Typ.
Min.
Conditions
Parameter
Output Specifications
Referenced to Negative Input
Control Common
mA
1
---
---
Vin = 5.0V
Control Input Current ( off )
mA
-1
---
---
Vin = 0V
Control Input Current ( on )
mA
3
1
---
Device Standby Input Current
VDC
15
---
2.9
Supply Off
Under 0.6 VDC or Open Circuit, drops down to 0VDC by 2mV/]
Supply On
Unit
Max.
Typ.
Min.
Conditions
Parameter
Remote On/Off Control
Notes:
1. Specifications typical at Ta=+25], resistive load, nominal input voltage, rated output current unless otherwise noted.
2. Transient recovery time is measured to within 1% error band for a step change in output load of 75% to 100%.
3. Ripple & Noise measurement bandwidth is 0-20 MHz.
4. These power converters require a minimum output loading to maintain specified regulation.
5. Operation under no-load conditions will not damage these modules; however, they may not meet all specifications listed.
6. All DC/DC converters should be externally fused on the front end for protection.
7. Other input and output voltage may be available, please contact factory.
8. Specifications subject to change without notice.
MEW1000 Series
REV:3 2008/10/02
MINMAX
3


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn