Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MEW1000 Datasheet(PDF) 5 Page - Minmax Technology Co., Ltd.

Part # MEW1000
Description  2W, Wide Input Range SIP, Single & Dual Output DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MEW1000 Datasheet(HTML) 5 Page - Minmax Technology Co., Ltd.

  MEW1000 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MEW1000 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MEW1000 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MEW1000 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MEW1000 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MEW1000 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MEW1000 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MEW1000 Datasheet HTML 8Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Derating Curve
]
Ambient Temperature
0
20
40
60
80
100
-40
50
60
80
100
110
90
70
400LFM
200LFM
100LFM
Natural
convection
Efficiency vs Output Load ( Dual Output )
Efficiency vs Output Load ( Single Output )
20
30
40
50
60
70
80
90
Load Current(%)
10
20
60
40
80
100
20
30
40
50
60
70
80
90
Load Current(%)
10
20
60
40
80
100
Efficiency vs Input Voltage ( Dual Output )
Efficiency vs Input Voltage ( Single Output )
40
50
60
70
80
90
100
Nom
Low
High
Input Voltage (V)
40
50
60
70
80
90
100
Nom
Low
High
Input Voltage (V)
MEW1000 Series
REV:3 2008/10/02
MINMAX
5


Similar Part No. - MEW1000

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MEW1000 TOTAL-POWER-MEW1000 Datasheet
552Kb / 4P
   High Power Density in SIP-9 Package
logo
Minmax Technology Co., ...
MEW1000 MINMAX-MEW1000_13 Datasheet
655Kb / 4P
   DC/DC CONVERTER 2W High Power Density in SIP-9 Package
More results

Similar Description - MEW1000

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
D200RW MPD-D200RW Datasheet
198Kb / 2P
   Miniature SIP, 2W Wide Input Range DC/DC Converters
logo
List of Unclassifed Man...
D221RW ETC1-D221RW Datasheet
70Kb / 2P
   Miniature SIP, 2W Wide Input Range DC/DC Converters
logo
MicroPower Direct, LLC
MD200RU MPD-MD200RU Datasheet
444Kb / 2P
   Wide 4:1 Input, 2W SIP Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MDW1000 MINMAX-MDW1000 Datasheet
212Kb / 8P
   2W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MSDW1000 MINMAX-MSDW1000 Datasheet
223Kb / 8P
   2W, Wide Input Range SMD, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
D300RW MPD-D300RW Datasheet
191Kb / 2P
   Single & Dual Output 3W SIP, Wide Input DC/DC Converters
logo
Minmax Technology Co., ...
MAU300 MINMAX-MAU300 Datasheet
217Kb / 6P
   2W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
List of Unclassifed Man...
D221 ETC1-D221 Datasheet
91Kb / 2P
   Single & Dual Output Miniature, 2W SIP DC/DC Converters
logo
MicroPower Direct, LLC
D200 MPD-D200 Datasheet
219Kb / 2P
   Single & Dual Output Miniature, 2W SIP DC/DC Converters
logo
MPS Industries, Inc.
ADC300 MPSIND-ADC300 Datasheet
172Kb / 2P
   2W, Miniature SIP, Single & Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com