Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FD7344TL-25.0M-PLE Datasheet(PDF) 11 Page - Pletronics, Inc.

Part # FD7344TL-25.0M-PLE
Description  Multi-Output CMOS Clock Oscillator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

FD7344TL-25.0M-PLE Datasheet(HTML) 11 Page - Pletronics, Inc.

Back Button FD7344TL-25.0M-PLE Datasheet HTML 7Page - Pletronics, Inc. FD7344TL-25.0M-PLE Datasheet HTML 8Page - Pletronics, Inc. FD7344TL-25.0M-PLE Datasheet HTML 9Page - Pletronics, Inc. FD7344TL-25.0M-PLE Datasheet HTML 10Page - Pletronics, Inc. FD7344TL-25.0M-PLE Datasheet HTML 11Page - Pletronics, Inc. FD7344TL-25.0M-PLE Datasheet HTML 12Page - Pletronics, Inc. FD7344TL-25.0M-PLE Datasheet HTML 13Page - Pletronics, Inc. FD7344TL-25.0M-PLE Datasheet HTML 14Page - Pletronics, Inc. FD7344TL-25.0M-PLE Datasheet HTML 15Page - Pletronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
FD7T Series Multi-Output
CMOS Clock Oscillator
May 2008
www.pletronics.com
425-776-1880
11
0
5
10
15
20
25
30
10 30 50 70 90 110 130 150 170 190 210 230
Fout (MHz)
0
2
4
6
8
10
12
14
10 30 50 70 90 110 130 150 170 190 210 230
Fout (MHz)
7 Outputs On
6 Outputs On
5 Outputs On
4 Outputs On
3 Outputs On
2 Outputs On
1 Output On
All outputs Off
0
1
2
3
4
5
6
7
8
9
10
10
30
50
70
90 110 130 150 170 190 210 230
Fout (MHz)
7 Outputs On
6 Outputs On
5 Outputs On
4 Outputs On
3 Outputs On
2 Outputs On
1 Output On
All outputs Off
0
2
4
6
8
10
12
14
16
18
20
10
30
50
70
90 110 130 150 170 190 210 230
Fout (MHz)
0
10
20
30
40
50
60
70
80
90
10
30
50
70
90 110 130 150 170 190 210 230
PLL Frequency (MHz)
4 PLLs On
3 PLLs On
2 PLLs On
1 PLL On
All PLLs Off
FD7xxxT
I
DDOUT Current for Various Number of Outputs On
No Load
VDD=1.8V
V
DDOUT=3.3V
V
DDOUT=2.5V
V
DDOUT=1.8V
FD7xxxTL V
DD = VDDOUT=1.8V
FD7 Series I
DD versus PLLs Used
No Load
V
DD=1.8V
Phase noise of the reference signal, Out1.
25MHz Reference Frequency
RMS jitter is 1.4pS from 10Hz to 2MHz
Example of the PLL synthesizing a frequency.
25MHz Reference Frequency
Multiply by 8 to 200MHz
Divide the 200MHz PLL output by 8
Phase noise plot of the resulting 25MHz on Out 2


Similar Part No. - FD7344TL-25.0M-PLE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FD7-10 ETC2-FD7-10 Datasheet
75Kb / 1P
   Power Transformer Chassis Mount: Quick Pack
logo
TRIAD MAGNETICS
FD7-10 TRIAD-FD7-10 Datasheet
65Kb / 1P
   Chassis Mount: Quick Pack
logo
List of Unclassifed Man...
FD7-12 ETC2-FD7-12 Datasheet
75Kb / 1P
   Power Transformer Chassis Mount: Quick Pack
logo
TRIAD MAGNETICS
FD7-12 TRIAD-FD7-12 Datasheet
65Kb / 1P
   Chassis Mount: Quick Pack
FD7-120 TRIAD-FD7-120 Datasheet
62Kb / 1P
   Chassis Mount: Quick Pack
More results

Similar Description - FD7344TL-25.0M-PLE

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECS-300C ECS-ECS-300C Datasheet
154Kb / 1P
   DUAL OUTPUT CMOS CLOCK OSCILLATOR
ECS-300CX ECS-ECS-300CX Datasheet
157Kb / 1P
   DUAL OUTPUT CMOS CLOCK OSCILLATOR
logo
List of Unclassifed Man...
ECS-300C ETC1-ECS-300C Datasheet
135Kb / 1P
   DUAL OUTPUT CMOS CLOCK OSCILLATOR
logo
QUARTZCOM the communica...
MCO-6SP QUARTZCOM-MCO-6SP Datasheet
119Kb / 1P
   SMD Clock Oscillator Programmable Output signal CMOS
logo
Pletronics, Inc.
FD51XXT PLETRONICS-FD51XXT Datasheet
134Kb / 11P
   CMOS Clock Oscillator
logo
Wolfgang Knap
SXO2000 WK-SXO2000 Datasheet
35Kb / 1P
   HS CMOS CLOCK OSCILLATOR
logo
List of Unclassifed Man...
CB3 ETC1-CB3 Datasheet
145Kb / 4P
   CMOS/TTL CLOCK OSCILLATOR
logo
Wolfgang Knap
SXO100 WK-SXO100 Datasheet
30Kb / 1P
   CMOS/TTL CLOCK-OSCILLATOR
logo
CTS Corporation
636 CTS-636 Datasheet
154Kb / 4P
   CMOS/TTL CLOCK OSCILLATOR
logo
Pletronics, Inc.
FD5T PLETRONICS-FD5T Datasheet
213Kb / 12P
   Programmable CMOS Clock Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com