Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FD7410TE-25.0M-PLE Datasheet(PDF) 8 Page - Pletronics, Inc.

Part # FD7410TE-25.0M-PLE
Description  Multi-Output CMOS Clock Oscillator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

FD7410TE-25.0M-PLE Datasheet(HTML) 8 Page - Pletronics, Inc.

Back Button FD7410TE-25.0M-PLE Datasheet HTML 4Page - Pletronics, Inc. FD7410TE-25.0M-PLE Datasheet HTML 5Page - Pletronics, Inc. FD7410TE-25.0M-PLE Datasheet HTML 6Page - Pletronics, Inc. FD7410TE-25.0M-PLE Datasheet HTML 7Page - Pletronics, Inc. FD7410TE-25.0M-PLE Datasheet HTML 8Page - Pletronics, Inc. FD7410TE-25.0M-PLE Datasheet HTML 9Page - Pletronics, Inc. FD7410TE-25.0M-PLE Datasheet HTML 10Page - Pletronics, Inc. FD7410TE-25.0M-PLE Datasheet HTML 11Page - Pletronics, Inc. FD7410TE-25.0M-PLE Datasheet HTML 12Page - Pletronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
FD7T Series Multi-Output
CMOS Clock Oscillator
May 2008
www.pletronics.com
425-776-1880
8
Electrical Specification over the specified temperature range
Item
Min
Max
Unit
Condition
Base Frequency
12
32
MHZ
Frequency Range OUT1
0.0117
230
MHZ
Base Frequency / (1 to 1023) -or- PLL1
Frequency Range OUT2 - 7
0.0945
230
MHZ
Frequency Accuracy
45"
-50
+50
ppm
For all supply voltages, load changes,
aging for 1 year, shock, vibration and
temperatures
44"
-25
+25
20"
-20
+20
Recommended Operating Conditions
Device Supply Voltage V
DD
1.7
1.9
V
Output Supply Voltage V
DDOUT
1.7
3.6
V
Output Supply Voltage “L” V
DDOUT
1.7
1.9
V
Low Level Input voltage
--
30
%
of V
DD
High Level Input voltage
70
--
%
of V
DD
Input Voltage Range, S0
If 1K ohm in series with S0 pad
0
-1
1.9
4.0
VV
TH is 0.5 * VDD
Input Voltage Range, S1, S2
0
3.6
V
V
TH is 0.5 * VDD
Input current for:
S0 with 1K ohm in series
S0, S1, S2
03
mA
V
IN = 4V; VDD = 1.8V
05
µA
V
IN = VDD; VDD = 1.9V
-4
0
µA
V
IN = 0.0VD; VDD = 1.9V
Output Current, V
DDOUT = 3.3V
-12
+12
mA
Output Current, V
DDOUT = 2.5V
-10
+10
mA
Output Current, V
DDOUT = 1.8V
-5
+5
mA
Output Current “L”, V
DDOUT = 1.8V
-8
+8
mA
Output Load, LVCMOS
--
10
pf
Higher loads can be used
LVCMOS Output Parameters for V
DDOUT = 3.3v
Output High, V
DDOUT = 3.3V
2.9
--
V
I
OH = -0.1 mA
2.4
--
V
I
OH = -8.0 mA
2.2
--
V
I
OH = -12.0 mA
Output Low, V
DDOUT = 3.3V
--
0.1
V
I
OH = +0.1 mA
--
0.5
V
I
OH = +8.0 mA
--
0.8
V
I
OH = +12.0 mA
Rise & Fall Time
--
0.6
nS
V
DDOUT = 3.3v, 20 - 80%, 10pF Load
Output Symmetry
45
55
%
at 50% point of V
DDOUT


Similar Part No. - FD7410TE-25.0M-PLE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FD7-10 ETC2-FD7-10 Datasheet
75Kb / 1P
   Power Transformer Chassis Mount: Quick Pack
logo
TRIAD MAGNETICS
FD7-10 TRIAD-FD7-10 Datasheet
65Kb / 1P
   Chassis Mount: Quick Pack
logo
List of Unclassifed Man...
FD7-12 ETC2-FD7-12 Datasheet
75Kb / 1P
   Power Transformer Chassis Mount: Quick Pack
logo
TRIAD MAGNETICS
FD7-12 TRIAD-FD7-12 Datasheet
65Kb / 1P
   Chassis Mount: Quick Pack
FD7-120 TRIAD-FD7-120 Datasheet
62Kb / 1P
   Chassis Mount: Quick Pack
More results

Similar Description - FD7410TE-25.0M-PLE

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECS-300C ECS-ECS-300C Datasheet
154Kb / 1P
   DUAL OUTPUT CMOS CLOCK OSCILLATOR
ECS-300CX ECS-ECS-300CX Datasheet
157Kb / 1P
   DUAL OUTPUT CMOS CLOCK OSCILLATOR
logo
List of Unclassifed Man...
ECS-300C ETC1-ECS-300C Datasheet
135Kb / 1P
   DUAL OUTPUT CMOS CLOCK OSCILLATOR
logo
QUARTZCOM the communica...
MCO-6SP QUARTZCOM-MCO-6SP Datasheet
119Kb / 1P
   SMD Clock Oscillator Programmable Output signal CMOS
logo
Pletronics, Inc.
FD51XXT PLETRONICS-FD51XXT Datasheet
134Kb / 11P
   CMOS Clock Oscillator
logo
Wolfgang Knap
SXO2000 WK-SXO2000 Datasheet
35Kb / 1P
   HS CMOS CLOCK OSCILLATOR
logo
List of Unclassifed Man...
CB3 ETC1-CB3 Datasheet
145Kb / 4P
   CMOS/TTL CLOCK OSCILLATOR
logo
Wolfgang Knap
SXO100 WK-SXO100 Datasheet
30Kb / 1P
   CMOS/TTL CLOCK-OSCILLATOR
logo
CTS Corporation
636 CTS-636 Datasheet
154Kb / 4P
   CMOS/TTL CLOCK OSCILLATOR
logo
Pletronics, Inc.
FD5T PLETRONICS-FD5T Datasheet
213Kb / 12P
   Programmable CMOS Clock Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com