Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FD7510TE-25.0M-PLE Datasheet(PDF) 7 Page - Pletronics, Inc.

Part # FD7510TE-25.0M-PLE
Description  Multi-Output CMOS Clock Oscillator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

FD7510TE-25.0M-PLE Datasheet(HTML) 7 Page - Pletronics, Inc.

Back Button FD7510TE-25.0M-PLE Datasheet HTML 3Page - Pletronics, Inc. FD7510TE-25.0M-PLE Datasheet HTML 4Page - Pletronics, Inc. FD7510TE-25.0M-PLE Datasheet HTML 5Page - Pletronics, Inc. FD7510TE-25.0M-PLE Datasheet HTML 6Page - Pletronics, Inc. FD7510TE-25.0M-PLE Datasheet HTML 7Page - Pletronics, Inc. FD7510TE-25.0M-PLE Datasheet HTML 8Page - Pletronics, Inc. FD7510TE-25.0M-PLE Datasheet HTML 9Page - Pletronics, Inc. FD7510TE-25.0M-PLE Datasheet HTML 10Page - Pletronics, Inc. FD7510TE-25.0M-PLE Datasheet HTML 11Page - Pletronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
FD7T Series Multi-Output
CMOS Clock Oscillator
May 2008
www.pletronics.com
425-776-1880
7
PART NUMBER:
FD7 7 45 T L E -25.0M -YYY -XX
Packaging code or blank
T250 = 250 per Tape and Reel
T500 = 500 per Tape and Reel
T1K = 1000 per Tape and Reel
Configuration Number
This is a 3 character alpha-numeric code issued by
Pletronics that defines the FD77T function (the output pin
functions, the available frequencies and the pin number
assignments). Each configuration is given a unique value.
Base Frequency (Crystal oscillator frequency) in MHZ
Optional Enhanced Operating temperature Range
Blank = Temp. range -20
oC to +70oC
E = Temp. range -40
oC to +85oC
Blank = V
DDOUT 3.3V, 2.5V and 1.8V device
L = V
DDOUT 1.8V only high output drive level device
Series Model
Frequency Stability for fixed frequency oscillator
45 = +
_ 50 ppm
15 = +
_ 15 ppm
44 = +
_ 25 ppm
10 = +
_ 10 ppm
20 = +
_ 20 ppm
Frequency Pull Ability for VCXO option enabled
99 = +
_ 100 ppm Absolute Pull Range (APR)
75 = +
_ 25 ppm Absolute Pull Range (APR)
50 = +
_ 50 ppm Absolute Pull Range (APR)
7 = 7 outputs
4 PLL version
5 = 5 outputs
3 PLL version
4 = 4 outputs
2 PLL version
3 = 3 outputs
1 PLL version
Series Model
Part Marking:
PLE FD7x
Marking Legend:
PLE = Pletronics
X
=
Model type
ZZZ
ZZZ = configuration
YMD
=
Date of Manufacture
YMD
All other marking is internal factory codes
(year-month-day)
Codes for Date Code YMD
Code
89012
Code
AB
C
D
E
F
G
H
J
K
L
M
Year 2008 2009 2010 2011 2012 Month JAN FEB MAR APR MAY JUN JUL AUG SEP OCT NOV DEC
Code
123456789
A
B
C
D
E
F
G
Day
123456789
10
11
12
13
14
15
16
Code
H
J
K
L
M
N
P
R
T
U
V
W
X
Y
Z
Day
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31


Similar Part No. - FD7510TE-25.0M-PLE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FD7509 ETC-FD7509 Datasheet
916Kb / 11P
   80A 75V N-channel Enhancement Mode Power MOSFET
Rev. 1.0
More results

Similar Description - FD7510TE-25.0M-PLE

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECS-300C ECS-ECS-300C Datasheet
154Kb / 1P
   DUAL OUTPUT CMOS CLOCK OSCILLATOR
ECS-300CX ECS-ECS-300CX Datasheet
157Kb / 1P
   DUAL OUTPUT CMOS CLOCK OSCILLATOR
logo
List of Unclassifed Man...
ECS-300C ETC1-ECS-300C Datasheet
135Kb / 1P
   DUAL OUTPUT CMOS CLOCK OSCILLATOR
logo
QUARTZCOM the communica...
MCO-6SP QUARTZCOM-MCO-6SP Datasheet
119Kb / 1P
   SMD Clock Oscillator Programmable Output signal CMOS
logo
Pletronics, Inc.
FD51XXT PLETRONICS-FD51XXT Datasheet
134Kb / 11P
   CMOS Clock Oscillator
logo
Wolfgang Knap
SXO2000 WK-SXO2000 Datasheet
35Kb / 1P
   HS CMOS CLOCK OSCILLATOR
logo
List of Unclassifed Man...
CB3 ETC1-CB3 Datasheet
145Kb / 4P
   CMOS/TTL CLOCK OSCILLATOR
logo
Wolfgang Knap
SXO100 WK-SXO100 Datasheet
30Kb / 1P
   CMOS/TTL CLOCK-OSCILLATOR
logo
CTS Corporation
636 CTS-636 Datasheet
154Kb / 4P
   CMOS/TTL CLOCK OSCILLATOR
logo
Pletronics, Inc.
FD5T PLETRONICS-FD5T Datasheet
213Kb / 12P
   Programmable CMOS Clock Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com