Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L9D125G80BG4 Datasheet(PDF) 17 Page - LOGIC Devices Incorporated

Part # L9D125G80BG4
Description  2.5 Gb, DDR - SDRAM Integrated Module
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

L9D125G80BG4 Datasheet(HTML) 17 Page - LOGIC Devices Incorporated

Back Button L9D125G80BG4 Datasheet HTML 13Page - LOGIC Devices Incorporated L9D125G80BG4 Datasheet HTML 14Page - LOGIC Devices Incorporated L9D125G80BG4 Datasheet HTML 15Page - LOGIC Devices Incorporated L9D125G80BG4 Datasheet HTML 16Page - LOGIC Devices Incorporated L9D125G80BG4 Datasheet HTML 17Page - LOGIC Devices Incorporated L9D125G80BG4 Datasheet HTML 18Page - LOGIC Devices Incorporated L9D125G80BG4 Datasheet HTML 19Page - LOGIC Devices Incorporated L9D125G80BG4 Datasheet HTML 20Page - LOGIC Devices Incorporated L9D125G80BG4 Datasheet HTML 21Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 45 page
background image
LOGIC Devices Incorporated
www.logicdevices.com
Feb 2, 2009 LDS-L9D125G80BG4-C
17
2.5 Gb, DDR - SDRAM Integrated Module (IMOD)
PreLIMINArY INforMAtIoN
L9D125G80BG4
High Performance, Integrated Memory Module Product
The BURST TERMINATE command is used to truncate READ bursts.
The most recently registered READ command prior to the BURST TER-
MINATE command will be truncated. The open page which the READ
burst was terminated from, remains open.
Burst terminate
ABsolute maximum ratings
AUTO REFRESH is used during normal operations of the IMOD and is
analogous to CASx\-BEFORE-RASx\ (CBR) REFRESH in conventional
DRAMs. This command is non-persistent so it must be issued each time
a REFRESH is required.
The addressing is generated by the internal REFRESH controller. This
makes the address bits “Don’t Care” during an AUTO REFRESH com-
mand. Each DDR die within the IMOD, requires AUTO REFRESH cycles
at an average of 7.8125 us (maximum).
To allow for improved efficiency in scheduling and switching between
tasks, some flexibility in the absolute REFRESH interval is provided. A
maximum of eight AUTO REFRESH commands can be posted to any
given DDR die, meaning that the maximum absolute interval between any
AUTO REFRESH command is 9 x 7.8125uS (70.3uS). This maximum
absolute interval is to allow future support for DLL updates internal to the
DDR SDRAM die.
Although not a JEDEC requirement, to provide for future functionality
enhancements, CKEx must be active (HIGH) during the AUTO REFRESH
period. The AUTO REFRESH period begins when the AUTO REFRESH
command is registered and ends tRFC later.
Auto reFresh
The SELF REFRESH command can be used to retain data in the DDR
IMOD even if the rest of the system is powered down. When in the SELF
REFRESH mode, the DDR IMOD retains data without external clocking.
The SELF REFRESH command is initiated like an AUTO REFRESH com-
mand except CKEx is disabled (LOW). The DLL is automatically enabled
upon entering SELF REFRESH (200 clock cycles must then occur before
a READ command can be issued). Input signals except CLEx are “Don’t
Care” during SELF REFRESH.
The procedure for exiting SELF REFRESH requires a sequence of com-
mands. First, CLKx must be stable prior to CKEx going back to HIGH.
Once CLEx is HIGH, the DDR die must have a NOP command issued
for tXSNR, because time is required for the completion of any internal
REFRESH in progress.
A simple algorithm for meeting both REFRESH and DLL requirements is
to apply NOPs for 200 clock cycles before applying any other command.
SelF reFresh
Parameter
MIN
MAX
UNITS
V
V
V
V
C
mA
+3.6V
+3.6V
+3.6V
VCCQ + 0.5V
+150
50
-1.0V
-1.0V
-1.0V
-0.5V
-55
−−
VCC Supply Voltage relative to VSS
VCCQ I/O Supply Voltage relative to VSS
VREF and inputs Voltage relative to VSS
I/O pins Voltage relative to VSS
Storage Temperature
Short circuit current
CaPacitance
Parameter
SYMBOL
MAX
UNITS
pF
pF
pF
pF
5
30
7
8
Input Capacitance [CKx\CKx\]
Addresses, BA0-1
Input Capacitance [All other Input Pins]
DQ line
Cl1
CA
C12
C10


Similar Part No. - L9D125G80BG4

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
L9D112G80BG4 LODEV-L9D112G80BG4 Datasheet
5Mb / 45P
   1.2 Gb, DDR - SDRAM Integrated Module
L9D112G80BG4E10 LODEV-L9D112G80BG4E10 Datasheet
5Mb / 45P
   1.2 Gb, DDR - SDRAM Integrated Module
L9D112G80BG4E6 LODEV-L9D112G80BG4E6 Datasheet
5Mb / 45P
   1.2 Gb, DDR - SDRAM Integrated Module
L9D112G80BG4E75 LODEV-L9D112G80BG4E75 Datasheet
5Mb / 45P
   1.2 Gb, DDR - SDRAM Integrated Module
L9D112G80BG4E8 LODEV-L9D112G80BG4E8 Datasheet
5Mb / 45P
   1.2 Gb, DDR - SDRAM Integrated Module
More results

Similar Description - L9D125G80BG4

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
L9D112G80BG4 LODEV-L9D112G80BG4 Datasheet
5Mb / 45P
   1.2 Gb, DDR - SDRAM Integrated Module
logo
Samsung semiconductor
M312L2920BG0 SAMSUNG-M312L2920BG0 Datasheet
274Kb / 18P
   DDR SDRAM Registered Module
M368L6423ETM SAMSUNG-M368L6423ETM Datasheet
288Kb / 19P
   DDR SDRAM Unbuffered Module
M470L3224BT0 SAMSUNG-M470L3224BT0 Datasheet
137Kb / 14P
   256MB DDR SDRAM MODULE
DS_M368L3223DTL SAMSUNG-DS_M368L3223DTL Datasheet
82Kb / 12P
   256MB DDR SDRAM MODULE
M470L3224DT0 SAMSUNG-M470L3224DT0 Datasheet
153Kb / 12P
   256MB DDR SDRAM MODULE
M312L2920BT SAMSUNG-M312L2920BT Datasheet
258Kb / 23P
   DDR SDRAM Registered Module
M470L3223DT0 SAMSUNG-M470L3223DT0 Datasheet
171Kb / 16P
   256MB DDR SDRAM MODULE
M368L5623MTN SAMSUNG-M368L5623MTN Datasheet
250Kb / 17P
   DDR SDRAM Unbuffered Module
M368L6523CUS SAMSUNG-M368L6523CUS Datasheet
443Kb / 25P
   DDR SDRAM Unbuffered Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com