Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T-13223 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # T-13223
Description  ISDN U-Interface Transformers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

T-13223 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  T-13223 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
For other values & Custom Designs, contact factory.
Specifications subject to change without notice.
15801 Chemical Lane, Huntington Beach, CA 92649-1595
Tel: (714) 898-0960 • Fax: (714) 896-0971
Rhombus
Industries Inc.
17
ISDN-U - 4/99
ISDN U-Interface Transformers Manufacturer
I.C.
Transformer High Isolation
Name
P/N
P/N
P/N
Motorola
MC145472
T-13209
T-13223
Motorola
MC145572
T-13207
T-13221
National
TP 3410
T-13211
T-13224
National
TP 3410
T-13212
T-13220
Siemens
PEB 2091
T-13214
T-13222
Siemens
PEB 2090/20901 T-13215
T-13225
SGS-Thomson
SD 5411
T-13210
T-13219
For both 2B1Q & 4B3T ISDN U-Interface Applications
Excellent Longitudinal Balance
Designed for use with leading Transceiver Chips
Meets key parameters of ANSI T1.601-1992
Isolation 2000 V
RMS & 3000 VRMS Minimum
Surface Mount Versions Available
Electrical Specifications at 25OC
Schematic "A"
SE C
d e vice
PR I
lin e
Turns
OCL
(1, 3)
Line
DCR
(1)
DCR
(2)
DC
Part
Ratio
Pri +6%
Side
max.
max.
Bias
Isolation
Schem.
Number
( + 3 % )
( mH )
Pins
(
Ω )( Ω )(mA)
Coding
(V
RMS)
Style
(3)
T-13207
1.25:1
28.0
(1-5)
12
8
80
2B1Q
2000
A
T-13209
2.00:1
27.0
(1-5)
11.6
6.4
60
2B1Q
2000
A
T-13210
1.50:1
15.0
(4-2)
16
2.5
60
2B1Q
2000
B
T-13211
1.50:1
27.0
(4-2)
20
3.0
60
2B1Q
2000
B
T-13212
1.50:1
27.0
(1-5)
20
3.0
60
2B1Q
2000
A
T-13214
1.65:1
15.5
(1-5)
6.0
3.5
60
2B1Q
2000
A
T-13215
1.32:1
7.7
(1-5)
2.4
2.7
60
4B3T
2000
A
T-13219
1.50:1
15.0
(4-2)
18
3.0
60
2B1Q
3000
B
T-13220
1.50:1
27.0
(1-5)
20
3.0
60
2B1Q
3000
A
T-13221
1.25:1
25.5
(1-5)
13
9.0
80
2B1Q
3000
A
T-13222
1.65:1
15.5
(1-5)
6.0
3.5
60
2B1Q
3000
A
T-13223
2.00:1
27.0
(1-5)
12.6
7.4
60
2B1Q
3000
A
T-13224
1.50:1
27.0
(4-2)
20
3.0
60
2B1Q
3000
B
T-13225
1.32:1
7.7
(1-5)
2.7
3.0
60
4B3T
3000
A
1. Line Side.
2. Device Side
3. OCL Tested @10 kHz / 700 mV,
pins 2&4 shorted for Schem. "A";
pins 1&5 shorted for Schem. "B."
3. For all parts unused Pin # 6
can be removed for keying to
printed circuit board. Add suffix "-9"
Longitudinal Balance (2B1Q Coding)
281 Hz to 40 KHz
55 dB min.
> 40 KHz
-20 dB/decade
Longitudinal Balance (4B3T Coding)
5 KHz
20 dB min.
20 KHz to 150 KHz
40 dB min.
1 MHz
36 dB min.
Return Loss
10 and 25 KHz
20 dB min.
Schematic "B"
SE C
d e vice
PR I
lin e
Operating Temp. Range -400C to +850C
Primary is Line Side / Secondary is Chip Side
Surge Voltage Capability:
Metallic Voltage: 800 V peak, 10/700 µS
Longitudinal Voltage: 2400 V peak, 10/560 µS
.100
(2.54)
MIN.
.920
(23.37)
MAX.
.470
(11.94)
MAX.
Terminal Dimensions
.020 (.051) X .040 (1.02) Typical.
.900
(22.86)
REF.
1.070
(27.18)
REF.
.040
(1.02)
TYP.
Termination Numbers for Reference Only.
10
9
8
7
1
2
3
4
5
6
.800
(20.32)
.150
(3.81)
TYP.
Bottom View
Package Physical Dimensions
in inches (mm)
10
9
8
7
6
1
2
3
4
5
.920
(23.37)
MAX.
.470
(11.94)
MAX.
.040
(1.02)
TYP.
.150
(3.81)
TYP.
.900
(22.86)
REF.
1.070
(27.18)
REF.
.570
(14.48)
MAX.
.090
(2.29)
TYP.
1.10 (27.94)
1.04 (26.42)
Top View
.180
(4.57)
.150
(3.81)
1.19
(30.23)
.080
(2.03)
For Surface Mount Versions
of all parts on this page
Add suffix "G" to part number: T-13207G
With Pin 6 removed: T-13207-9G


Similar Part No. - T-13223

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-13223 RHOMBUS-IND-T-13223 Datasheet
35Kb / 1P
   U Interface Transformer (2B1Q Coding Applications)
T-13223G RHOMBUS-IND-T-13223G Datasheet
27Kb / 1P
   U Interface Transformer (2B1Q Coding Applications)
More results

Similar Description - T-13223

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-1049 RHOMBUS-IND-T-1049 Datasheet
30Kb / 1P
   ISDN TRANSFORMERS "U" INTERFACE
logo
Bel Fuse Inc.
0559-5683-00 BEL-0559-5683-00 Datasheet
54Kb / 1P
   ISDN U INTERFACE TRANSFORMERS
logo
Pulse A Technitrol Comp...
T4008 PULSE-T4008 Datasheet
81Kb / 1P
   ISDN U-INTERFACE TRANSFORMERS
logo
PCA ELECTRONICS INC.
EPR1101 PCA-EPR1101 Datasheet
27Kb / 1P
   ISDN U Interface Transformers
EPR1166 PCA-EPR1166 Datasheet
39Kb / 1P
   ISDN U Interface Transformers
EPR1102 PCA-EPR1102 Datasheet
51Kb / 1P
   ISDN U Interface Transformers
logo
Rhombus Industries Inc.
T-1053 RHOMBUS-IND-T-1053 Datasheet
32Kb / 1P
   ISDN TRANSFORMERS "U" INTERFACE
T-1054 RHOMBUS-IND-T-1054 Datasheet
32Kb / 1P
   ISDN TRANSFORMERS "U" INTERFACE
logo
PCA ELECTRONICS INC.
EPR1136 PCA-EPR1136 Datasheet
38Kb / 1P
   ISDN U Interface Transformers
logo
Bel Fuse Inc.
0559-6204-00 BEL-0559-6204-00 Datasheet
54Kb / 1P
   ISDN U INTERFACE TRANSFORMERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com