Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

T-18300 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part No. T-18300
Description  ISDN S-Interface Low Profile SMT Dual Transformers
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RHOMBUS-IND [Rhombus Industries Inc.]
Homepage  http://www.rhombus-ind.com
Logo 

T-18300 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.rhombus-ind.com
TEL: (714) 898-0960
sales@rhombus-ind.com
FAX: (714) 896-0971
6SHFLILFDWLRQV VXEMHFW WR FKDQJH ZLWKRXW QRWLFH
)RU RWKHU YDOXHV&XVWRP 'HVLJQV FRQWDFW IDFWRU\
UKRPEXV LQGXVWULHV LQF
ISDNDLPSM 2002-01
1) Primary is Line Side
2) Inductances measured at 10 KHz and 700 mV
3) Unbalanced current at TE:
∆ Idc = 1 mA max.
.100
(2.54)
TYP.
.040
(1.02)
TYP.
.018
(0.46)
TYP.
.737
(18.72)
.022
(0.56)
.080
(2.03)
.590
(14.99)
.960
(24.38)
MAX.
MAX.
TYP.
.010
(0.25)
TYP.
.300
(7.62)
MAX.
Meets the Pulse Waveform Template of CCITT I.430
when recommended Transformer & Chip pair are used.
Excellent Longitudinal Balance
2000VRMS min. Isolation
Tape and Reel Available
ISDN S-Interface
Low Profile SMT
Dual Transformers
Dual - Transmit / Receive
Electrical Specifications (1,2,3) at 25OC
2000V
RMS
OCL
L
L
Cw/w
CD pri
DCR pri
DCR sec
Isolation
Transmit
Ratio
Pri. min.
Sec. max.
max.
max.
+ 25%
+ 25%
SMD P/N
Receive
( + 2%)
( mH )
(
µH )
( pF )
( pF )
(
Ω )
(
Ω )
T-18300
T
1:2.5
22
40
100
110
2.4
5.3
R
1:2.5
22
40
100
110
2.4
5.3
T-18301
T
1:2
22
11
100
180
2.4
4.4
R
1:2
22
11
100
180
2.4
4.4
T-18302
T
1:2
22
5
85
80
2.4
4.2
R
1:2
22
5
85
80
2.4
4.2
T-18303
T
1:1
22
5
100
42
2.4
2.4
R
1:1
22
5
100
42
2.4
2.4
T-18304
T
1:1
22
4
100
42
2.4
2.4
R
1:2
22
5
100
80
2.4
4.2
T-18305
T
1:1.8
22
15
100
160
2.4
3.8
R
1:1.8
22
15
100
160
2.4
3.8
Dimensions in Inches (mm)
Schematic
)RU FRPSOHWH GHWDLOV LQFOXGLQJ GRZQORDGDEOH
3') FDWDORJV DQG GDWD VKHHWV SOHDVH YLVLW
ZZZUKRPEXVLQGFRP


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn