Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ2052 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2052
Description  Gas Gauge IC for Lithium Primary Cells
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2052 Datasheet(HTML) 10 Page - Texas Instruments

Back Button BQ2052 Datasheet HTML 6Page - Texas Instruments BQ2052 Datasheet HTML 7Page - Texas Instruments BQ2052 Datasheet HTML 8Page - Texas Instruments BQ2052 Datasheet HTML 9Page - Texas Instruments BQ2052 Datasheet HTML 10Page - Texas Instruments BQ2052 Datasheet HTML 11Page - Texas Instruments BQ2052 Datasheet HTML 12Page - Texas Instruments BQ2052 Datasheet HTML 13Page - Texas Instruments BQ2052 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Primary Status Flags Register (FLGS1)
The FLGS1 register (address = 01h) contains the pri-
mary bq2052 flags.
The initialized flag (INIT) is asserted to a 1 or 0 when-
ever the bq2052 is initialized either by the application of
Vcc or by a serial port command. INIT = 1 signifies that
the device has been reset with FNAC set to PFC. INIT = 0
signifies that the battery has been reset with FNAC = 0.
The INIT location is:
FLGS1 Bits
76
5
4
3
2
1
0
INIT
-
-
-
-
-
-
-
where INIT is:
0
The bq2052 initialized with FNAC = 0.
1
The bq2052 initialized with FNAC = PFC.
The CPIN but reflects the state of the CP output. If set,
the CP output is high impedance. If cleared, the CP out-
put is asserted low. The CP output is an open drain out-
put and requires an external pull-up register.
The CPIN location is
FLGS1 Bits
76543210
-
-
-
CPIN
----
Where CPIN is:
0
CP is low
1
CP is high impedance
The bq2052 sets the first end-of-discharge warning
flag (EDV1) when the battery voltage VSB is less than
the EDV1 threshold VTS. The flag warns the user that
the battery is almost empty. The bq2052 modulates the
first segment pin, SEG1, at a 4Hz rate if the 4 or 5 seg-
ment display mode is enabled and EDV1 is asserted.
The EDV1 threshold has a default value of 0.76V but
can be adjusted by writing the VTS register .
The EDV1 location is
FLGS1 Bits
76
5
4
3
2
1
0
-
-
-
-
-
-
EDV1
-
Where EDV1 is:
0VSB
≥ VTS
1VSB <VTS
The bq2052 sets the final end-of-discharge warning
flag (EDVF) when VSB is less than the EDVF threshold.
The EDVF threshold is set 100mV below the EDV1
threshold. The EDVF flag is used to warn the system or
user that battery power is at a failure condition. The
bq2052 turns all segment drivers off upon EDVF detec-
tion.
The EDVF location is:
FLGS1 Bits
76
5
4
3
2
1
0
--
-
-
-
-
-
EDVF
Where EDVF is:
0VSB
≥ (VTS - 100mV)
1VSB < (VTS -100mV)
Temperature Register (TEMP)
The 8-bit TEMP register (address=02h) contains the
battery temperature in degrees C. The bq2052 contains
an internal temperature sensor.
The temperature is
used to set discharge efficiency factors. The temperature
register contents are store in 2’s complement form and
represent the temperature
± 5°C.
Nominal Available Capacity Register (NAC)
The NAC register contains the uncompensated remaining
capacity of the battery. The bq2052 determines NAC as
NAC = FNAC - DCR
Battery Identification Register (BATID)
The 8-bit BATID register (address=04h) is a general
purpose memory register that can be used to uniquely
identify a battery pack. The bq2052 maintains the
BATID contents as long as VRBI is greater than 2V. The
contents of this register have no effect on the operation
of the bq2052.
Current Scale Registers (VSRL/VSRH)
The VSRH high-byte register and the VSRL low-byte
register are used to calculate the average signal across
the SR and VSS pins. This register pair is updated ev-
ery 5.625 seconds. VSRH and VSRL form a 16-bit value
representing the average current over this time. The
battery pack current can be calculated by:
|I(mA)| =
(VSRH
256 + VSRL)
(R )
S
10
bq2052 Preliminary


Similar Part No. - BQ2052

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
bq2052 TI1-bq2052 Datasheet
629Kb / 20P
[Old version datasheet]   Gas Gauge IC
BQ2052SN-A515 TI1-BQ2052SN-A515 Datasheet
629Kb / 20P
[Old version datasheet]   Gas Gauge IC
BQ2052SN-A515G4 TI1-BQ2052SN-A515G4 Datasheet
629Kb / 20P
[Old version datasheet]   Gas Gauge IC
BQ2052 TI1-BQ2052_15 Datasheet
629Kb / 20P
[Old version datasheet]   Gas Gauge IC
More results

Similar Description - BQ2052

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2010 TI-BQ2010 Datasheet
185Kb / 20P
[Old version datasheet]   Gas Gauge IC
BQ2052 TI1-BQ2052_15 Datasheet
629Kb / 20P
[Old version datasheet]   Gas Gauge IC
BQ2010 TI1-BQ2010_15 Datasheet
1Mb / 26P
[Old version datasheet]   Gas Gauge IC
BQ35100 TI1-BQ35100 Datasheet
493Kb / 26P
[Old version datasheet]   Lithium Primary Battery Fuel Gauge
BQ2011K TI1-BQ2011K_11 Datasheet
234Kb / 22P
[Old version datasheet]   Gas Gauge IC for High Discharge Rates
BQ2016 TI-BQ2016 Datasheet
291Kb / 21P
[Old version datasheet]   GAS GAUGE IC FOR HIGH DISCHARGE RATES
BQ2013H TI-BQ2013H Datasheet
195Kb / 24P
[Old version datasheet]   Gas Gauge IC for Power- Assist Applications
BQ2011 TI-BQ2011_05 Datasheet
204Kb / 21P
[Old version datasheet]   Gas Gauge IC for High Discharge Rates
BQ2013HSN-A514TR TI-BQ2013HSN-A514TR Datasheet
295Kb / 29P
[Old version datasheet]   Gas Gauge IC for Power- Assist Applications
BQ2011 TI1-BQ2011_15 Datasheet
603Kb / 26P
[Old version datasheet]   Gas Gauge IC for High Discharge Rates
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com