Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3530EDD-PBF Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3530EDD-PBF
Description  Wide Input Voltage Synchronous Buck-Boost DC/DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3530EDD-PBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3530EDD-PBF Datasheet HTML 5Page - Linear Technology LTC3530EDD-PBF Datasheet HTML 6Page - Linear Technology LTC3530EDD-PBF Datasheet HTML 7Page - Linear Technology LTC3530EDD-PBF Datasheet HTML 8Page - Linear Technology LTC3530EDD-PBF Datasheet HTML 9Page - Linear Technology LTC3530EDD-PBF Datasheet HTML 10Page - Linear Technology LTC3530EDD-PBF Datasheet HTML 11Page - Linear Technology LTC3530EDD-PBF Datasheet HTML 12Page - Linear Technology LTC3530EDD-PBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LTC3530
9
3530fb
The efficiency below 1mA becomes dominated primarily
by the quiescent current. The Burst Mode operation ef-
ficiency is given by:
EFFICIENCY
•ILOAD
40
μA +ILOAD
where η is typically 90% during Burst Mode operation.
Automatic Burst Mode Operation Control
Burst Mode operation can be automatic or manually con-
trolled with a single pin. In automatic mode, the IC will
enter Burst Mode operation at light load and return to fixed
frequency operation at heavier loads. The load current at
which the mode transition occurs is programmed using a
single external resistor from BURST to ground, according
to the following equations:
Enter Burst Mode: IBURST =
8.8
RBURST
Leave Burst Mode: I
BURST =
11.2
RBURST
where RBURST is in kΩ and IBURST is the load transition
current in Amps. Do not use values of RBURST greater
than 500kΩ.
For automatic operation, a filter capacitor must also be
connected from BURST to ground. The equation for the
minimum capacitor value is:
CBURST(MIN)
COUT •VOUT
60,000
where CBURST(MIN) and COUT are in μF
In the event that a load transient causes FB to drop by more
than 4% from the regulation value while in Burst Mode
operation, the IC will immediately switch to fixed frequency
mode and an internal pull-up will be momentarily applied
to BURST, rapidly charging CBURST. This prevents the IC
from immediately re-entering Burst Mode operation once
the output achieves regulation.
Manual Burst Mode Operation
For manual control of Burst Mode operation, the RC
network connected to BURST can be eliminated. To force
fixed frequency mode, BURST should be connected to
VIN. To force Burst Mode operation, BURST should be
grounded. When commanding Burst Mode operation
manually, the circuit connected to BURST should be able
to sink up to 2mA.
For optimum transient response with large dynamic loads,
the operating mode should be controlled manually by the
host. By commanding fixed frequency operation prior to
a sudden increase in load, output voltage droop can be
minimized. Note that if the load current applied during
forced Burst Mode operation (BURST pin is grounded)
exceeds the current that can be supplied, the output voltage
will start to droop and the IC will automatically come out
of Burst Mode operation and enter fixed frequency mode,
raising VOUT. Once regulation is achieved, the IC will then
enter Burst Mode operation once again, and the cycle will
repeat, resulting in about 4% output ripple.
Burst Mode Operation to Fixed Frequency Transient
Response
In Burst Mode operation, the compensation network is
not used and VC is disconnected from the error amplifier.
During long periods of Burst Mode operation, leakage
currents in the external components or on the PC board
could cause the compensation capacitor to charge (or
discharge), which could result in a large output transient
when returning to fixed frequency mode of operation, even
at the same load current. To prevent this, the LTC3530
incorporates an active clamp circuit that holds the voltage
on VC at an optimal voltage during Burst Mode operation.
This minimizes any output transient when returning to
fixed frequency mode operation. For optimum transient
response, Type 3 compensation is also recommended to
broad band the control loop and roll off past the two pole
response of the output LC filter. See Closing the Feedback
Loop under Applications Information.
OPERATION


Similar Part No. - LTC3530EDD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3530EDD LINER-LTC3530EDD Datasheet
280Kb / 16P
   Wide Input Voltage Synchronous Buck-Boost DC/DC Converter
More results

Similar Description - LTC3530EDD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3530 LINER-LTC3530_15 Datasheet
303Kb / 16P
   Wide Input Voltage Synchronous Buck-Boost DC/DC Converter
LTC3530EMS LINER-LTC3530EMS Datasheet
280Kb / 16P
   Wide Input Voltage Synchronous Buck-Boost DC/DC Converter
LTC3533 LINER-LTC3533 Datasheet
318Kb / 16P
   2A Wide Input Voltage Synchronous Buck-Boost DC/DC Converter
LTC3533 LINER-LTC3533_15 Datasheet
323Kb / 16P
   2A Wide Input Voltage Synchronous Buck-Boost DC/DC Converter
LTC3532EMS LINER-LTC3532EMS Datasheet
342Kb / 16P
   Micropower Synchronous Buck-Boost DC/DC Converter
LTC3538 LINER-LTC3538 Datasheet
210Kb / 16P
   800mA Synchronous Buck-Boost DC/DC Converter
LTC3440 LINER-LTC3440_15 Datasheet
289Kb / 20P
   Micropower Synchronous Buck-Boost DC/DC Converter
LTC3440 LINER-LTC3440 Datasheet
220Kb / 20P
   Micropower Synchronous Buck-Boost DC/DC Converter
logo
Fujitsu Component Limit...
MB39C326 FUJITSU-MB39C326 Datasheet
1Mb / 2P
   6MHz Synchronous Buck Boost DC/DC Converter
logo
Linear Technology
LTC3532 LINER-LTC3532 Datasheet
360Kb / 16P
   Micropower Synchronous Buck-Boost DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com