Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FD7715T-25.0M-PLE-1K Datasheet(PDF) 10 Page - Pletronics, Inc.

Part # FD7715T-25.0M-PLE-1K
Description  Multi-Output CMOS Clock Oscillator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

FD7715T-25.0M-PLE-1K Datasheet(HTML) 10 Page - Pletronics, Inc.

Back Button FD7715T-25.0M-PLE-1K Datasheet HTML 6Page - Pletronics, Inc. FD7715T-25.0M-PLE-1K Datasheet HTML 7Page - Pletronics, Inc. FD7715T-25.0M-PLE-1K Datasheet HTML 8Page - Pletronics, Inc. FD7715T-25.0M-PLE-1K Datasheet HTML 9Page - Pletronics, Inc. FD7715T-25.0M-PLE-1K Datasheet HTML 10Page - Pletronics, Inc. FD7715T-25.0M-PLE-1K Datasheet HTML 11Page - Pletronics, Inc. FD7715T-25.0M-PLE-1K Datasheet HTML 12Page - Pletronics, Inc. FD7715T-25.0M-PLE-1K Datasheet HTML 13Page - Pletronics, Inc. FD7715T-25.0M-PLE-1K Datasheet HTML 14Page - Pletronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
FD7T Series Multi-Output
CMOS Clock Oscillator
May 2008
Item
Min
Max
Unit
Condition
www.pletronics.com
425-776-1880
10
Output Skew
--
60
pS
OUT1 to OUT2
--
160
pS
OUT3 to OUT7
LVCMOS Output Parameters for V
DDOUT = 1.8v
“L” Version
Output High, V
DDOUT = 1.8V
1.6
--
V
I
OH = -0.1 mA
1.4
--
V
I
OH = -4.0 mA
1.1
--
V
I
OH = -8.0 mA
Output Low, V
DDOUT = 1.8V
--
0.1
V
I
OH = +0.1 mA
--
0.3
V
I
OH = +4.0 mA
--
0.6
V
I
OH = +8.0 mA
Rise & Fall Time
0.7
nS
V
DDOUT = 1.8v, 20 - 80%, 10pF Load
Output Symmetry
45
55
%
at 50% point of V
DDOUT
Peak-to-Peak Jitter
(1)(2)
--
140
pS
1 PLL Switching
--
190
pS
4 PLLs Switching
Cycle-to-Cycle Jitter
(1)(2)
--
120
pS
1 PLL Switching
--
170
pS
4 PLLs Switching
Output Skew
--
60
pS
OUT1 to OUT2
--
160
pS
OUT3 to OUT7
VCXO Function
Vcontrol Input Range Usable
0.5
V
DD - 0.5V
V
The slope is positive
Vcontrol Input Range Allowed
- Direct connect to Vcontrol
- Limit current to
+
_ 3mA
0.0
-1.0
V
DD
4.0
V
The slope is positive
Recommend >=1K ohm to Vcontrol
Pull Ability specified in the P.N.
Linearity
-10
+10
%
(1) 10,000 cycles
(2) Jitter depends on the device configuration. Data is taken under the following conditions: 1-PLL; 27MHz Crystal, Out2 and Out3
are 27MHz (measured at Out2). 4-PLL; 27MHz Crystal, Out2 and Out3 are 27MHz (measured at Out2). Out4 is 16.384MHz, Out5 is
74.25MHz, Out6 and Out7 are 48MHz.
Frequency Tolerance:
For the FD7x15T and the FD7x10T devices, Pletronics recommends that the tight
tolerance be required on the PLL outputs only. In this case the reference frequency
output would only achieve ±25ppm tolerance. This will reduce the cost of the device.


Similar Part No. - FD7715T-25.0M-PLE-1K

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FD777 FAIRCHILD-FD777 Datasheet
36Kb / 1P
   Ultra Fast Diodes
logo
New Jersey Semi-Conduct...
FD777 NJSEMI-FD777 Datasheet
123Kb / 2P
   Ultra Fast Diodes
More results

Similar Description - FD7715T-25.0M-PLE-1K

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECS-300C ECS-ECS-300C Datasheet
154Kb / 1P
   DUAL OUTPUT CMOS CLOCK OSCILLATOR
ECS-300CX ECS-ECS-300CX Datasheet
157Kb / 1P
   DUAL OUTPUT CMOS CLOCK OSCILLATOR
logo
List of Unclassifed Man...
ECS-300C ETC1-ECS-300C Datasheet
135Kb / 1P
   DUAL OUTPUT CMOS CLOCK OSCILLATOR
logo
QUARTZCOM the communica...
MCO-6SP QUARTZCOM-MCO-6SP Datasheet
119Kb / 1P
   SMD Clock Oscillator Programmable Output signal CMOS
logo
Pletronics, Inc.
FD51XXT PLETRONICS-FD51XXT Datasheet
134Kb / 11P
   CMOS Clock Oscillator
logo
Wolfgang Knap
SXO2000 WK-SXO2000 Datasheet
35Kb / 1P
   HS CMOS CLOCK OSCILLATOR
logo
List of Unclassifed Man...
CB3 ETC1-CB3 Datasheet
145Kb / 4P
   CMOS/TTL CLOCK OSCILLATOR
logo
Wolfgang Knap
SXO100 WK-SXO100 Datasheet
30Kb / 1P
   CMOS/TTL CLOCK-OSCILLATOR
logo
CTS Corporation
636 CTS-636 Datasheet
154Kb / 4P
   CMOS/TTL CLOCK OSCILLATOR
logo
Pletronics, Inc.
FD5T PLETRONICS-FD5T Datasheet
213Kb / 12P
   Programmable CMOS Clock Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com