Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAI3D-25J Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # FAI3D-25J
Description  FAST / TTL Logic Triple & Quad Delays 14-Pin DIP & SMD
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

FAI3D-25J Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  FAI3D-25J Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
For other values & Custom Designs, contact factory.
Specifications subject to change without notice.
15801 Chemical Lane, Huntington Beach, CA 92649-1595
Tel: (714) 898-0960 • Fax: (714) 896-0971
FAI34D 1/98
Rhombus
Industries Inc.
FAST / TTL Logic Triple & Quad Delays 14-Pin DIP & SMD
.785
(19.94)
MAX.
.265
(6.73)
MAX.
.030
(0.76)
TYP.
.050
(1.27)
TYP.
.020
(0.51)
TYP.
.200
(5.08)
TYP.
J-SMD (FAI3D-XXJ)
.330 (8.38)
MAX.
.020 R
(0.51)
.285
(7.24)
MAX.
.285 (7.24)
.260 (6.60)
.785
(19.94)
MAX.
.265
(6.73)
MAX.
.030
(0.76)
TYP.
.050
(1.27)
TYP.
.020
(0.51)
TYP.
.100
(2.54)
TYP.
J-SMD (FAI4D-XXJ)
.250
(6.35)
MAX.
.015
(0.38)
TYP.
.785
(19.94)
MAX.
.050
(1.27)
TYP.
.020
(0.51)
TYP.
.200
(5.08)
TYP.
.400 (10.16)
.430 (10.92)
.285
(7.24)
MAX.
.010
(0.25)
TYP.
.008 R
(0.20)
.030
(0.76)
TYP.
.250
(6.35)
MAX.
.015
(0.38)
TYP.
.785
(19.94)
MAX.
.050
(1.27)
TYP.
.020
(0.51)
TYP.
.100
(2.54)
TYP.
G-SMD (FAI3D-XXG)
G-SMD (FAI4D-XXG)
.300
(7.62)
.285
(7.24)
MAX.
.008 R
(0.20)
.365
(9.27)
MAX.
.010
(0.25)
TYP.
.120
(3.05)
MIN.
.250
(6.35)
MAX.
.020
(0.51)
.785
(19.94)
MAX.
.050
(1.27)
TYP.
.020
(0.51)
TYP.
.100
(2.54)
TYP.
.120
(3.05)
MIN.
.250
(6.35)
MAX.
.020
(0.51)
.785
(19.94)
MAX.
.050
(1.27)
TYP.
.020
(0.51)
TYP.
.200
(5.08)
TYP.
Dimensions in Inches (mm)
Part Number Description
FAIXD - XXX X
14-Pin Logic Buffered Multi-Line Delays:
FAI3D, FAI4D
Delay Per Line in nanoseconds (ns)
Lead Style: Blank = Auto-Insertable DIP
G = “Gull Wing” Surface Mount
J = “J” Bend Surface Mount
Examples:
FAI4D-20 =
20ns Quadruple 74F Buffered, DIP
FAI3D-5G =
5ns Triple 74F Buffered, G-SMD
GENERAL:
For Operating Specifications and Test Conditions, see
Tables I and VI on page 5 of this catalog. Delays specified for the Leading
Edge.
Minimum Input Pulse Width ...................................... 100% of total delay
Operating Temp. Range .................................................... 0OC to +70OC
Temperature Coefficient ............................................ 800ppm/OC typical
Supply Current, I
CC : FAI3D ............................
45 mA typ., 95 mA max.
FAI4D .......................... 65 mA typ., 130 mA max.
DIP (Default, FAI3D-XX)
DIP (Default, FAI4D-XX)
21
Delay
(ns)
FAST Buffered Multi-Line
Triple P/N
Quadruple P/N
4 ± 1.00
FAI3D-4
FAI4D-4
5 ± 1.00
FAI3D-5
FAI4D-5
6 ± 1.00
FAI3D-6
FAI4D-6
7 ± 1.00
FAI3D-7
FAI4D-7
8 ± 1.00
FAI3D-8
FAI4D-8
10 ± 1.50 FAI3D-10
FAI4D-10
15 ± 2.00 FAI3D-15
FAI4D-15
16 ± 2.00 FAI3D-16
FAI4D-16
20 ± 2.00 FAI3D-20
FAI4D-20
25 ± 2.00 FAI3D-25
FAI4D-25
30 ± 2.00 FAI3D-30
FAI4D-30
50 ± 2.50 FAI3D-50
FAI4D-50
Quad 14-Pin Schematic
1
3
7
8
10
12
Vcc
14
IN1
IN2
IN 4
GND
5
OUT1
OUT2
OUT4
9
11
13
4
2
6
OUT 3
IN 3
Triple 14-Pin Schematic
1
3
7
8
10
12
Vcc
14
IN 1
IN 2
IN 3
GND
5
OUT1
OUT2
OUT 3
Electrical Specifications at 25OC


Similar Part No. - FAI3D-25J

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
FAI36H0114K AVX-FAI36H0114K Datasheet
485Kb / 9P
   Medium Power Film Capacitors
FAI36H0245K AVX-FAI36H0245K Datasheet
485Kb / 9P
   Medium Power Film Capacitors
FAI36H0405K AVX-FAI36H0405K Datasheet
485Kb / 9P
   Medium Power Film Capacitors
FAI36I0114K AVX-FAI36I0114K Datasheet
485Kb / 9P
   Medium Power Film Capacitors
FAI36I0245K AVX-FAI36I0245K Datasheet
485Kb / 9P
   Medium Power Film Capacitors
More results

Similar Description - FAI3D-25J

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
FAI4D-M01 RHOMBUS-IND-FAI4D-M01 Datasheet
34Kb / 1P
   FAST / TTL Logic Buffered Triple & Quad Delays Modules
logo
Connor-Winfield Corpora...
S55R8 CONNOR-WINFIELD-S55R8 Datasheet
50Kb / 1P
   14 PIN DIP TTL
S17R8 CONNOR-WINFIELD-S17R8 Datasheet
51Kb / 1P
   14 PIN DIP TTL
S54R8 CONNOR-WINFIELD-S54R8 Datasheet
52Kb / 1P
   14 PIN DIP TTL
logo
PCA ELECTRONICS INC.
EPA313 PCA-EPA313_15 Datasheet
21Kb / 1P
   14 Pin DIP Triple TTL High Speed Delay Line
logo
Rhombus Industries Inc.
MSDM-5 RHOMBUS-IND-MSDM-5 Datasheet
31Kb / 1P
   MSDM Series FAST / TTL Buffered Triple Independent Delays
logo
PCA ELECTRONICS INC.
EP9206 PCA-EP9206_15 Datasheet
55Kb / 1P
   14 Pin DIP Triple TTL Compatible Active Delay Lines
EP9206-005 PCA-EP9206-005 Datasheet
55Kb / 1P
   14 Pin DIP Triple TTL Compatible Active Delay Lines
logo
List of Unclassifed Man...
EP9206-005 ETC2-EP9206-005 Datasheet
21Kb / 1P
   14 Pin DIP Triple TTL Compatible Active Delay Lines
logo
PCA ELECTRONICS INC.
EPA1145-4 PCA-EPA1145-4 Datasheet
23Kb / 1P
   14 Pin DIP 5 Tap Fast-TTL Logic Compatible Active Delay Lines
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com