Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4217CFE-TR Datasheet(PDF) 11 Page - Linear Technology

Part # LTC4217CFE-TR
Description  2A Integrated Hot Swap Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4217CFE-TR Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC4217CFE-TR Datasheet HTML 7Page - Linear Technology LTC4217CFE-TR Datasheet HTML 8Page - Linear Technology LTC4217CFE-TR Datasheet HTML 9Page - Linear Technology LTC4217CFE-TR Datasheet HTML 10Page - Linear Technology LTC4217CFE-TR Datasheet HTML 11Page - Linear Technology LTC4217CFE-TR Datasheet HTML 12Page - Linear Technology LTC4217CFE-TR Datasheet HTML 13Page - Linear Technology LTC4217CFE-TR Datasheet HTML 14Page - Linear Technology LTC4217CFE-TR Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
LTC4217
11
4217fc
APPLICATIONS INFORMATION
Tying the TIMER pin to INTVCC will force the part to use
the internally generated (circuit breaker) delay of 2ms.
In either case the FLT pin is pulled low to indicate an
overcurrent fault has turned off the pass MOSFET. For a
given the circuit breaker time delay, the equation for setting
the timing capacitor’s value is as follows:
CT = tCB • 0.083(μF/ms)
After the switch is turned off, the TIMER pin begins dis-
charging the timing capacitor with a 2μA pull-down current.
When the TIMER pin reaches its 0.2V threshold, an internal
100ms timer is started. After the 100ms delay, the switch
is allowed to turn on again if the overcurrent fault has been
cleared. Bringing the UV pin below 0.6V and then high will
clear the fault. If the TIMER pin is tied to INTVCC then the
switch is allowed to turn on again (after an internal 100ms
delay) if the overcurrent fault is cleared.
Tying the FLT pin to the UV pin allows the part to self-
clear the fault and turn the MOSFET on as soon as TIMER
pin has ramped below 0.2V. In this auto-retry mode the
LTC4217 repeatedly tries to turn on after an overcurrent
at a period determined by the capacitor on the TIMER pin.
The auto-retry mode also functions when the TIMER pin
is tied to INTVCC.
The waveform in Figure 4 shows how the output latches
off following a short-circuit. The current in the MOSFET
is 0.5A as the timer ramps up.
Current Limit Adjustment
The default value of the active current limit is 2A. The
current limit threshold can be adjusted lower by placing
(OV pin), overcurrent circuit breaker (SENSE pin) or over
temperature. Normally the switch is turned off with a 250μA
current pulling down the GATE pin to ground. With the
switch turned off, the OUT voltage drops which pulls the
FB pin below its threshold. PG then pulls low to indicate
output power is no longer good.
If VDD drops below 2.65V for greater than 5μs or INTVCC
drops below 2.5V for greater than 1μs, a fast shutdown
of the switch is initiated. The GATE is pulled down with a
170mA current to the OUT pin.
Overcurrent Fault
The LTC4217 features an adjustable current limit with
foldback that protects against short-circuits or excessive
load current. To prevent excessive power dissipation in the
switch during active current limit, the available current is
reduced as a function of the output voltage sensed by the
FB pin. A graph in the Typical Performance Characteristics
curves shows the current limit versus FB voltage.
An overcurrent fault occurs when the current limit circuitry
has been engaged for longer than the timeout delay set
by the TIMER. Current limiting begins when the MOSFET
current reaches 0.5A to 2A (depending on the foldback).
The GATE pin is then brought down with a 140mA GATE-
to-OUT current. The voltage on the GATE is regulated in
order to limit the current to less than 2A. At this point, a
circuit breaker time delay starts by charging the external
timing capacitor from the TIMER pin with a 100μA pull-
up current. If the TIMER pin reaches its 1.2V threshold,
the internal switch turns off (with a 250μA current from
GATE to ground). Included in the Typical Performance
Characteristics curves is a graph of the Safe Operating
Area for the MOSFET. From this graph one can determine
the MOSFET’s maximum time in current limit for a given
output power.
Figure 3. Compensation for Small CLOAD
4217 F03
LTC4217
*OPTIONAL
RC TO LOWER
INRUSH CURRENT
GATE
CP
2.2nF
Figure 4. Short-Circuit Waveform
IOUT
1A/DIV
VOUT
10V/DIV
ΔVGATE
10V/DIV
TIMER
2V/DIV
1ms/DIV
4217 F04


Similar Part No. - LTC4217CFE-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4217 LINER-LTC4217 Datasheet
678Kb / 20P
   20A Guaranteed SOA Hot Swap Controller
LTC4217 LINER-LTC4217 Datasheet
248Kb / 18P
   2A Integrated Hot Swap Controller
logo
Analog Devices
LTC4217 AD-LTC4217 Datasheet
803Kb / 18P
   50A Hot Swap E-Fuse with Guaranteed SOA
Rev. 0
logo
Linear Technology
LTC4217HFE LINER-LTC4217HFE Datasheet
248Kb / 18P
   2A Integrated Hot Swap Controller
LTC4217 LINER-LTC4217_15 Datasheet
248Kb / 18P
   2A Integrated Hot Swap Controller
More results

Similar Description - LTC4217CFE-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4217 LINER-LTC4217_15 Datasheet
248Kb / 18P
   2A Integrated Hot Swap Controller
LTC4219 LINER-LTC4219 Datasheet
203Kb / 16P
   5A Integrated Hot Swap Controller
LTC4232 LINER-LTC4232_15 Datasheet
738Kb / 16P
   5A Integrated Hot Swap Controller
LTC4232-1 LINER-LTC4232-1_15 Datasheet
564Kb / 16P
   5A Integrated Hot Swap Controller
LTC4219 LINER-LTC4219_15 Datasheet
277Kb / 18P
   5A Integrated Hot Swap Controller
LTC4219 LINER-LTC4219_V01 Datasheet
277Kb / 18P
   5A Integrated Hot Swap Controller
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
   Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
   Hot Swap Controller
LTC1421 LINER-LTC1421 Datasheet
464Kb / 24P
   Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com