Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4217CDHC-TRPBF Datasheet(PDF) 10 Page - Linear Technology

Part # LTC4217CDHC-TRPBF
Description  2A Integrated Hot Swap Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4217CDHC-TRPBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC4217CDHC-TRPBF Datasheet HTML 6Page - Linear Technology LTC4217CDHC-TRPBF Datasheet HTML 7Page - Linear Technology LTC4217CDHC-TRPBF Datasheet HTML 8Page - Linear Technology LTC4217CDHC-TRPBF Datasheet HTML 9Page - Linear Technology LTC4217CDHC-TRPBF Datasheet HTML 10Page - Linear Technology LTC4217CDHC-TRPBF Datasheet HTML 11Page - Linear Technology LTC4217CDHC-TRPBF Datasheet HTML 12Page - Linear Technology LTC4217CDHC-TRPBF Datasheet HTML 13Page - Linear Technology LTC4217CDHC-TRPBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
LTC4217
10
4217fc
APPLICATIONS INFORMATION
evident from this graph that the power dissipation at 12V,
300mA for 40ms is in the safe region.
Adding a capacitor and a 1k series resistor from GATE
to ground will lower the inrush current below the default
value set by the INRUSH circuit. The GATE is charged
with an 24μA current source (when INRUSH circuit is
not driving the GATE). The voltage at the GATE pin rises
with a slope equal to 24μA/CGATE and the supply inrush
current is set at:
IINRUSH =
CL
CGATE
•24µA
When the GATE voltage reaches the MOSFET threshold
voltage, the switch begins to turn on and the OUT volt-
age follows the GATE voltage as it increases. Once OUT
reaches VDD, the GATE will ramp up until clamped by the
6.15V Zener between GATE and OUT.
As the OUT voltage rises, so will the FB pin which is moni-
toring it. Once the FB pin crosses its 1.235V threshold and
the GATE to OUT voltage exceeds 4.2V, the PG pin will cease
to pull low and indicate that the power is good.
Parasitic MOSFET Oscillation
When the N-channel MOSFET ramps up the output dur-
ing power-up it operates as a source follower. The source
follower configuration may self-oscillate in the range of
25kHz to 300kHz when the load capacitance is less than
10μF, especially if the wiring inductance from the supply
to the VDD pin is greater than 3μH. The possibility of oscil-
lation will increase as the load current (during power-up)
increases. There are two ways to prevent this type of
oscillation. The simplest way is to avoid load capacitances
below 10μF. For wiring inductance larger than 20μH, the
minimum load capacitance may extend to 100μF. A second
choice is to connect an external gate capacitor CP >1.5nF
as shown in Figure 3.
Turn-Off Sequence
The switch can be turned off by a variety of conditions. A
normal turn-off is initiated by the UV pin going below its
1.235V threshold. Additionally, several fault conditions
will turn off the switch. These include an input overvoltage
Figure 2. Supply Turn-On
Figure 1. 0.8A, 12V Card Resident Application
After the power-on-reset pulse, the LTC4217 will go through
the following sequence. First, the UV and OV pins must
indicate that the input voltage is within the acceptable range.
All of these conditions must be satisfied for the duration
of 100ms to ensure that any contact bounce during the
insertion has ended.
The MOSFET is turned on by charging up the GATE with a
charge pump generated current source whose value is ad-
justed by shunting a portion of the pull-up current to ground.
The charging current is controlled by the INRUSH circuit
that maintains a constant slope of GATE voltage versus time
(Figure 2). The voltage at the GATE pin rises with a slope of
0.3V/ms and the supply inrush current is set at:
IINRUSH = CL • (0.3V/ms)
This gate slope is designed to charge up a 1000μF ca-
pacitor to 12V in 40ms, with an inrush current of 300mA.
This allows the inrush current to stay under the current
limit threshold (500mA) for capacitors less than 1000μF.
Included in the Typical Performance Characteristics section
is a graph of the Safe Operating Area for the MOSFET. It is
R5
150k
R6
20k
ADC
R1
224k
C1
0.1μF
R2
20k
12V
12V
4217 F01
R7
10k
CT
0.1μF
CL
330μF
VOUT
12V
0.8A
VDD
UV
OUT
FB
PG
GND
IMON
RSET
20k
RMON
20k
ISET
CGATE
0.1μF
RGATE
1k
GATE
LTC4217FE
OV
INTVCC
TIMER
FLT
+
R3
140k
R4
20k
t1
t2
SLOPE = 0.3V/ms
GATE
OUT
VDD + 6.15
VDD
4217 F02


Similar Part No. - LTC4217CDHC-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4217 LINER-LTC4217 Datasheet
678Kb / 20P
   20A Guaranteed SOA Hot Swap Controller
LTC4217 LINER-LTC4217 Datasheet
248Kb / 18P
   2A Integrated Hot Swap Controller
logo
Analog Devices
LTC4217 AD-LTC4217 Datasheet
803Kb / 18P
   50A Hot Swap E-Fuse with Guaranteed SOA
Rev. 0
logo
Linear Technology
LTC4217HFE LINER-LTC4217HFE Datasheet
248Kb / 18P
   2A Integrated Hot Swap Controller
LTC4217 LINER-LTC4217_15 Datasheet
248Kb / 18P
   2A Integrated Hot Swap Controller
More results

Similar Description - LTC4217CDHC-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4217 LINER-LTC4217_15 Datasheet
248Kb / 18P
   2A Integrated Hot Swap Controller
LTC4219 LINER-LTC4219 Datasheet
203Kb / 16P
   5A Integrated Hot Swap Controller
LTC4232 LINER-LTC4232_15 Datasheet
738Kb / 16P
   5A Integrated Hot Swap Controller
LTC4232-1 LINER-LTC4232-1_15 Datasheet
564Kb / 16P
   5A Integrated Hot Swap Controller
LTC4219 LINER-LTC4219_15 Datasheet
277Kb / 18P
   5A Integrated Hot Swap Controller
LTC4219 LINER-LTC4219_V01 Datasheet
277Kb / 18P
   5A Integrated Hot Swap Controller
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
   Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
   Hot Swap Controller
LTC1421 LINER-LTC1421 Datasheet
464Kb / 24P
   Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com