Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T-15501 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # T-15501
Description  100 BASE-T / FAST ETHERNET DUAL TRANSFORMERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

T-15501 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  T-15501 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
For other values & Custom Designs, contact factory.
Specifications subject to change without notice.
15801 Chemical Lane, Huntington Beach, CA 92649-1595
Tel: (714) 898-0960 • Fax: (714) 896-0971
Rhombus
Industries Inc.
28
FASTETHR - 1/99
100 BASE-T / FAST ETHERNET
SINGLE TRANSFORMERS
Part
Turns Ratio
Number
Transmit
Receive
T-15500
1.41CT:1CT
1CT:1CT
T-15501
2CT:1CT
1CT:1CT
T-15502
1.25CT:1CT
1CT:1CT
Electrical Specifications at 25o C
OCL (100KHz & 100 mV
RMS @8mA) ....................... 350 µH Min.
Leakage Inductance .............................................. 0.40
µH Max.
C
W/W .........................................................................
20 pF Nom.
DCR .......................................................................... 0.9
Ω Max.
Rise Time ................................................................ 2.5 ns Nom.
Cross Talk (0.1-100 MHz) ......................................... -38 dB Min.
CMR (0.1-100MHz) ................................................. -40 dB Nom.
Isolation ............................................................... 1500 V
RMS Min.
Designed for 100 Base-X and Twisted Pair FDDI
Supports 155Mbps ATM applications over UTP-5 cable
Dual Module (Transmit and Receive channels)
IEEE 802.3 Compatible
Low common mode emisions
Fast Rise Times
100 BASE-T / FAST ETHERNET
DUAL TRANSFORMERS
Physical Dimensions in inches (mm)
(Unused Pins Omitted)
Available on
Tape & Reel
MAX.
.260
(6.60)
MAX.
.300
(7.62)
MAX.
.900
(22.86)
.020
(0.51)
TYP.
.100
(2.54)
TYP.
.510 (12.95)
.480 (12.19)
MAX.
.410
(10.41)
.040
(1.02)
TYP.
.010
(0.25)
TYP.
1
3
2
7
5
6
16
14
15
10
11
12
TX
RX
Schematic
Designed for 100 Base-X and Twisted Pair FDDI
Supports 155Mbps ATM applications over UTP-5 cable
Supports either transmit or receive channels
IEEE 802.3 Compatible
Low common mode emisions
Fast Rise Times
8
10
9
16
15
1
Schematic
Electrical Specifications at 25o C
OCL (100KHz & 100 mV
RMS @8mA) ....................... 350 µH Min.
Leakage Inductance .............................................. 0.40
µH Max.
C
W/W ...........................................................................
0 pF Nom.
DCR .......................................................................... 0.9
Ω Max.
Rise Time ................................................................ 2.5 ns Nom.
Cross Talk (0.1-100 MHz) ......................................... -38 dB Min.
CMR (0.1-100MHz) ................................................. -40 dB Nom.
Isolation ............................................................... 1500 V
RMS Min.
Part
Turns
Number
Ratio
T-15527
2CT:1CT
T-15528
1.25CT:1CT
Part
Turns
Number
Ratio
T-15525
1CT:1CT
T-15526
1.41CT:1CT
Available on
Tape & Reel
.015
(0.38)
TYP.
.505
(12.83)
MAX.
.016
(0.41)
TYP.
.205
(5.21)
MAX.
.360 (9.14)
.380 (9.65)
.285
(7.24)
MAX.
.025
(0.64)
TYP.
.050
(1.27)
TYP.
.010
(0.25)
TYP.
Dimensions in Inches (mm)


Similar Part No. - T-15501

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-15503 RHOMBUS-IND-T-15503 Datasheet
37Kb / 1P
   ATM Interface Transformers
T-15505 RHOMBUS-IND-T-15505 Datasheet
27Kb / 1P
   ATM Interface Transformers
T-15506 RHOMBUS-IND-T-15506 Datasheet
28Kb / 1P
   ATM Interface Transformers
T-15507 RHOMBUS-IND-T-15507 Datasheet
27Kb / 1P
   ATM Interface Transformers
More results

Similar Description - T-15501

ManufacturerPart #DatasheetDescription
logo
VITALCONN ELECTRONICS H...
TH16011S VITALCONN-TH16011S Datasheet
643Kb / 2P
   10/100 BASE-T SMT TRANSFORMERS
2021/11/03 (REV:A1)
TH16010S1 VITALCONN-TH16010S1 Datasheet
299Kb / 1P
   10/100 BASE-T SMT TRANSFORMERS
TH16020S1 VITALCONN-TH16020S1 Datasheet
279Kb / 1P
   10/100 BASE-T SMT TRANSFORMERS
logo
Allied Components Inter...
AR11-3806IR ALLIED-AR11-3806IR Datasheet
546Kb / 2P
   10/100 Base-T Ethernet Application
AR14-4164IR ALLIED-AR14-4164IR Datasheet
1Mb / 2P
   10/100 Base-T Ethernet Application
ARLP11-3647I ALLIED-ARLP11-3647I Datasheet
612Kb / 2P
   10/100 Base-T Ethernet Application
logo
Bothhand USA, LP.
20PT1021 BOTHHAND-20PT1021 Datasheet
508Kb / 6P
   10/100 BASE DUAL PORT TRANSFORMERS
20PT1021ALF BOTHHAND-20PT1021ALF Datasheet
776Kb / 4P
   10/100 BASE DUAL PORT TRANSFORMERS
TS6115 BOTHHAND-TS6115 Datasheet
181Kb / 1P
   10/100 BASE-T ETHERNET ISOLATION TRANSFORMER
TS6121CXLF BOTHHAND-TS6121CXLF Datasheet
112Kb / 1P
   10/100 BASE-T ETHERNET ISOLATION TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com