Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4217CFE Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4217CFE
Description  2A Integrated Hot Swap Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4217CFE Datasheet(HTML) 4 Page - Linear Technology

  LTC4217CFE Datasheet HTML 1Page - Linear Technology LTC4217CFE Datasheet HTML 2Page - Linear Technology LTC4217CFE Datasheet HTML 3Page - Linear Technology LTC4217CFE Datasheet HTML 4Page - Linear Technology LTC4217CFE Datasheet HTML 5Page - Linear Technology LTC4217CFE Datasheet HTML 6Page - Linear Technology LTC4217CFE Datasheet HTML 7Page - Linear Technology LTC4217CFE Datasheet HTML 8Page - Linear Technology LTC4217CFE Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
LTC4217
4
4217fc
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All currents into pins are positive, all voltages are referenced to
GND unless otherwise specified.
Note 3: An internal clamp limits the GATE pin to a maximum of 6.5V
above OUT. Driving this pin to voltages beyond the clamp may damage the
device.
Note 4: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VDD = 12V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Inputs
IIN
OV, UV, FB Pin Input Current
VIN = 1.2V, LTC4217
l
0±1
μA
RIN
OV, UV, FB Pin Input Resistance
LTC4217-12
l
13
18
23
k
Ω
VTH
OV, UV, FB Pin Threshold Voltage
VIN Rising
l
1.21
1.235
1.26
V
ΔVOV(HYST)
OV Pin Hysteresis
l
10
20
30
mV
ΔVUV(HYST)
UV Pin Hysteresis
l
50
80
110
mV
VUV(RTH)
UV Pin Reset Threshold Voltage
VUV Falling
l
0.55
0.62
0.7
V
ΔVFB(HYST)
FB Pin Power Good Hysteresis
l
10
20
30
mV
RISET
ISET Pin Output Resistor
l
19.5
20
20.5
k
Ω
Outputs
VOL
PG, FLT Pin Output Low Voltage
IOUT = 2mA
l
0.4
0.8
V
IOH
PG, FLT Pin Input Leakage Current
VOUT = 30V
l
0
±10
μA
VTIMER(H)
TIMER Pin High Threshold
VTIMER Rising
l
1.2
1.235
1.28
V
VTIMER(L)
TIMER Pin Low Threshold
VTIMER Falling
l
0.1
0.21
0.3
V
ITIMER(UP)
TIMER Pin Pull-Up Current
VTIMER = 0V
l
–80
–100
–120
μA
ITIMER(DN)
TIMER Pin Pull-Down Current
VTIMER = 1.2V
l
1.4
2
2.6
μA
ITIMER(RATIO)
TIMER Pin Current Ratio ITIMER(DN)/ITIMER(UP)
l
1.6
2
2.7
%
AIMON
IMON Pin Current Gain
IOUT = 2A
l
47.5
50
52.5
μA/A
IOFF(IMON)
IMON Pin Offset Current
IOUT = 132mA
l
0
±7.5
μA
IGATE(UP)
Gate Pull-Up Current
Gate Drive On, VGATE = VOUT = 12V
l
–19
–24
–29
μA
IGATE(DN)
Gate Pull-Down Current
Gate Drive Off, VGATE = 18V, VOUT = 12V
l
190
250
340
μA
IGATE(FST)
Gate Fast Pull-Down Current
Fast Turn Off, VGATE = 18V, VOUT = 12V
140
mA
AC Characteristics
tPHL(GATE)
Input High (OV), Input Low (UV) to Gate Low
Propagation Delay
VGATE < 16.5V Falling
l
810
μs
tPHL(ILIM)
Short-Circuit to Gate Low
VFB = 0, Step ISENSE to 1.2A,
VGATE < 16.5V Falling
l
15
μs
tD(ON)
Turn-On Delay
Step VUV to 2V, VGATE > 13V
l
50
100
150
ms
tD(CB)
Circuit Breaker Filter Delay Time (Internal)
VFB = 0V, Step ISENSE to 1.2A
l
1.5
2
2.7
ms
tD(AUTO-RETRY)
Auto-Retry Turn-On Delay (Internal)
l
50
100
150
ms
Note 5: TJ is calculated from the ambient temperature, TA, and power
dissipation, PD, according to the formula:
LTC4217DHC, LTC4217DHC-12: TJ = TA + (PD • 43°C/W)
LTC4217FE: TJ = TA + (PD • 38°C/W)
Note 6: For the DHC package, switch on-resistance is guaranteed by
design and test correlation.


Similar Part No. - LTC4217CFE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4217 LINER-LTC4217 Datasheet
678Kb / 20P
   20A Guaranteed SOA Hot Swap Controller
LTC4217 LINER-LTC4217 Datasheet
248Kb / 18P
   2A Integrated Hot Swap Controller
logo
Analog Devices
LTC4217 AD-LTC4217 Datasheet
803Kb / 18P
   50A Hot Swap E-Fuse with Guaranteed SOA
Rev. 0
logo
Linear Technology
LTC4217HFE LINER-LTC4217HFE Datasheet
248Kb / 18P
   2A Integrated Hot Swap Controller
LTC4217 LINER-LTC4217_15 Datasheet
248Kb / 18P
   2A Integrated Hot Swap Controller
More results

Similar Description - LTC4217CFE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4217 LINER-LTC4217_15 Datasheet
248Kb / 18P
   2A Integrated Hot Swap Controller
LTC4219 LINER-LTC4219 Datasheet
203Kb / 16P
   5A Integrated Hot Swap Controller
LTC4232 LINER-LTC4232_15 Datasheet
738Kb / 16P
   5A Integrated Hot Swap Controller
LTC4232-1 LINER-LTC4232-1_15 Datasheet
564Kb / 16P
   5A Integrated Hot Swap Controller
LTC4219 LINER-LTC4219_15 Datasheet
277Kb / 18P
   5A Integrated Hot Swap Controller
LTC4219 LINER-LTC4219_V01 Datasheet
277Kb / 18P
   5A Integrated Hot Swap Controller
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
   Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
   Hot Swap Controller
LTC1421 LINER-LTC1421 Datasheet
464Kb / 24P
   Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com