Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4215-1 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4215-1
Description  Hot Swap Controller with I2C Compatible Monitoring
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4215-1 Datasheet(HTML) 4 Page - Linear Technology

  LTC4215-1 Datasheet HTML 1Page - Linear Technology LTC4215-1 Datasheet HTML 2Page - Linear Technology LTC4215-1 Datasheet HTML 3Page - Linear Technology LTC4215-1 Datasheet HTML 4Page - Linear Technology LTC4215-1 Datasheet HTML 5Page - Linear Technology LTC4215-1 Datasheet HTML 6Page - Linear Technology LTC4215-1 Datasheet HTML 7Page - Linear Technology LTC4215-1 Datasheet HTML 8Page - Linear Technology LTC4215-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LTC4215-1
4
42151fa
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VDD = 12V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Other Pin Functions
VGPIO1(OL)
GPIO1 Pin Output Low Voltage
IGPIO1 = 5mA
l
0.25
0.4
V
VGPIO2(OL)
GPIO2 Output Low Voltage
IGPIO2 = 3mA
l
0.2
0.4
V
VGPIO3(OL)
GPIO3 Output Low Voltage
IGPIO3 = 1mA
l
0.2
0.4
V
IGPIO1-3(OH)
GPIO1-3 Pin Input Leakage Current
VGPIO1 = 15V, VGPIO2-3 = 5V
l
0±1
μA
ISOURCE
SOURCE Pin Input Current
SOURCE = 15V
l
40
80
120
μA
tP(GATE)
Input (ON, OV, UV, EN) to GATE Off
Propagation Delay
l
35
μs
tD(GATE)
Turn-On Delay
ON
UV, OV, EN
Overcurrent Auto-Retry
l
l
l
50
2.5
1
100
5
2
150
75
μs
ms
s
VTIMERL(TH)
Timer Low Threshold
l
0.17
0.2
0.23
V
VTIMERH(TH)
Timer High Threshold
l
1.2
1.235
1.26
V
ITIMER(UP)
TIMER Pin Pull-Up Current
l
–80
–100
–120
μA
ITIMER(DOWN)
TIMER Pin Pull-Down Current for OC Auto-Retry
l
1.4
2
2.6
μA
ITIMER(UP/DOWN) TIMER Current Up/Down Ratio
l
40
50
60
ISS
Soft-Start Ramp Pull-Up Current
Ramping
Waiting for GATE to Slew
l
l
–7.5
–0.4
–10
–0.7
–12.5
–1.0
μA
μA
ADC
RES
Resolution (No Missing Codes)
l
8
Bits
INL
Integral Nonlinearity
VDD – SENSE (Note 5)
SOURCE
ADIN
l
l
l
–2
–1.25
–1.25
0.5
0.2
0.2
2
1.25
1.25
LSB
LSB
LSB
VOS
Offset Error (Note 4)
VDD – SENSE
SOURCE
ADIN
l
l
l
±2.0
±1.0
±1.0
LSB
LSB
LSB
TUE
Total Unadjusted Error
VDD – SENSE
SOURCE
ADIN
l
l
l
±5.5
±5.0
±5.0
LSB
LSB
LSB
FSE
Full-Scale Error
VDD – SENSE
SOURCE
ADIN
l
l
l
±5.5
±5.0
±5.0
LSB
LSB
LSB
VFS
Full-Scale Voltage (255 • VLSB)VDD – SENSE
SOURCE
ADIN
l
l
l
37.625
15.14
1.205
38.45
15.44
1.23
39.275
15.74
1.255
mV
V
V
RADIN
ADIN Pin Sampling Resistance
VADIN = 1.28V
l
12
IADIN
ADIN Pin Input Current
VADIN = 1.28V
l
0
±0.1
μA
Conversion Rate
10
Hz
I2C Interface
VADR(H)
ADR0, ADR1, Input High Voltage
l
INTVCC
–0.8
INTVCC
–0.4
INTVCC
–0.2
V
IADR(IN,Z)
ADR0, ADR1, Hi-Z Input Current
ADR0, ADR1= 0.8V
ADR0, ADR1= INTVCC – 0.8V
l
l
3
–3
μA
μA
VADR(L)
ADR0, ADR1, Input Low Voltage
l
0.2
0.4
0.8
V
IADR(IN)
ADR0, ADR1, Input Current
ADR0, ADR1 = 0V, INTVCC
l
–80
80
μA
ELECTRICAL CHARACTERISTICS


Similar Part No. - LTC4215-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4215-1 LINER-LTC4215-1 Datasheet
317Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215-1 LINER-LTC4215-1_15 Datasheet
317Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
More results

Similar Description - LTC4215-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4215-3 LINER-LTC4215-3_15 Datasheet
317Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215-2 LINER-LTC4215-2_15 Datasheet
271Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215-1 LINER-LTC4215-1_15 Datasheet
317Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215 LINER-LTC4215_15 Datasheet
271Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4280 LINER-LTC4280_15 Datasheet
296Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215 LINER-LTC4215 Datasheet
350Kb / 24P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215CUFD-2 LINER-LTC4215CUFD-2 Datasheet
271Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4280 LINER-LTC4280 Datasheet
292Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215CUFD-3 LINER-LTC4215CUFD-3 Datasheet
317Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4222 LINER-LTC4222_15 Datasheet
344Kb / 32P
   Dual Hot Swap Controller with I2C Compatible Monitoring
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com