Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ2014H Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2014H
Description  Low-Cost NiCd/NiMH Gas Gauge IC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2014H Datasheet(HTML) 12 Page - Texas Instruments

Back Button BQ2014H Datasheet HTML 8Page - Texas Instruments BQ2014H Datasheet HTML 9Page - Texas Instruments BQ2014H Datasheet HTML 10Page - Texas Instruments BQ2014H Datasheet HTML 11Page - Texas Instruments BQ2014H Datasheet HTML 12Page - Texas Instruments BQ2014H Datasheet HTML 13Page - Texas Instruments BQ2014H Datasheet HTML 14Page - Texas Instruments BQ2014H Datasheet HTML 15Page - Texas Instruments BQ2014H Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
12
Symbol
Register Name
Loc.
(hex)
Read/
Write
Control Field
7(MSB)
6
5
4
3
2
1
0(LSB)
FLGS1
Primary status flags
register
01h
R
CHGS
BRP
0
CI
VDQ
1
EDV1
EDVF
TMP
Temperature register
02h
R
TMP3
TMP2
TMP1
TMP0
GG3
GG2
GG1
GG0
NACH
Nominal available capac-
ity high byte register
03h
R/W NACH7 NACH6 NACH5 NACH4 NACH3 NACH2 NACH1 NACH0
NACL
Nominal available
capacity low byte register
17h
R/W
NACL7 NACL6 NACL5 NACL4 NACL3 NACL2 NACL1 NACL0
BATID
Battery identification
register
04h
R/W BATID7 BATID6 BATID5 BATID4 BATID3 BATID2 BATID1 BATID0
LMD
Last measured
discharge register
05h
R/W
LMD7
LMD6
LMD5
LMD4
LMD3
LMD2
LMD1
LMD0
FLGS2
Secondary status flags
register
06h
R
RSVD
DR2
DR1
DR0
ENINT
VQ
RSVD
OVLD
PPD
Program pin pull-down
register
07h
R
RSVD
RSVD
RSVD
PPD5
PPD4
PPD3
PPD2
PPD1
PPU
Program pin pull-up
register
08h
R
RSVD
RSVD
RSVD
PPU5
PPU4
PPU3
PPU2
PPU1
CPI
Capacity
inaccurate count register
09h
R/W
CPI7
CPI6
CPI5
CPI4
CPI3
CPI2
CPI1
CPI0
VSB
Battery voltage
register
0bh
R
VSB7
VSB6
VSB5
VSB4
VSB3
VSB2
VSB1
VSB0
VTS
End-of-discharge thresh-
old select register
0ch
R/W
VTS7
VTS6
VTS5
VTS4
VTS3
VTS2
VTS1
VTS0
CACT
Temperature and dis-
charge rate compensated
available capacity
0dh
R/W
CACT7 CACT6 CACT5 CACT4 CACT3 CACT2 CACT1 CACT0
CACD
Discharge rate com-
pensated available
capacity
0eh
R/W
CACD7 CACD6 CACD5 CACD4 CACD3 CACD2 CACD1 CACD0
SAEH
Scaled available energy
high byte register
0fh
R
SAEH7 SAEH6 SAEH5 SAEH4 SAEH3 SAEH2 SAEH1 SAEH0
SAEL
Scaled available energy
low byte register
10h
R
SAEL7 SAEL6 SAEL5 SAEL4 SAEL3 SAEL2 SAEL1 SAEL0
RCAC
Relative CAC
11h
R
-
RCAC6 RCAC5 RCAC4 RCAC3 RCAC2 RCAC1 RCAC0
VSRH
Current scale high
12h
R
VSRH7 VSRH6 VSRH5 VSRH4 VSRH3 VSRH2 VSRH1 VSRH0
VSRL
Current scale low
13h
R
VSRL7 VSRL6 VSRL5 VSRL4 VSRL3 VSRL2 VSRL1 VSRL0
DCR
Discharge register
18h
R/W
DCR7
DCR6
DCR5
DCR4
DCR3
DCR2
DCR1
DCR0
PPFC
Program pin data
1eh
R/W
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
INTSS
VOS Interrupt
38h
R/W
RSVD
RSVD
RSVD
RSVD DCHGI RSVD
RSVD
CHGI
Notes:
RSVD = reserved.
All other registers not documented are reserved.
Table 8. bq2014H Command and Status Registers
bq2014H Preliminary


Similar Part No. - BQ2014H

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2014H TI1-BQ2014H Datasheet
842Kb / 28P
[Old version datasheet]   Low-Cost NiCd/NiMH Gas Gauge IC
BQ2014HSN TI1-BQ2014HSN Datasheet
842Kb / 28P
[Old version datasheet]   Low-Cost NiCd/NiMH Gas Gauge IC
BQ2014HSNG4 TI1-BQ2014HSNG4 Datasheet
842Kb / 28P
[Old version datasheet]   Low-Cost NiCd/NiMH Gas Gauge IC
BQ2014HSNTR TI1-BQ2014HSNTR Datasheet
842Kb / 28P
[Old version datasheet]   Low-Cost NiCd/NiMH Gas Gauge IC
BQ2014HSNTRG4 TI1-BQ2014HSNTRG4 Datasheet
842Kb / 28P
[Old version datasheet]   Low-Cost NiCd/NiMH Gas Gauge IC
More results

Similar Description - BQ2014H

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2014H TI1-BQ2014H_15 Datasheet
842Kb / 28P
[Old version datasheet]   Low-Cost NiCd/NiMH Gas Gauge IC
BQ2110 TI-BQ2110 Datasheet
770Kb / 8P
[Old version datasheet]   NiCd or NiMH Gas Gauge Module
BQ2164 TI-BQ2164 Datasheet
143Kb / 7P
[Old version datasheet]   NiCd or NiMH Gas Gauge Module with Fast-Charge Control
BQ2114 TI-BQ2114 Datasheet
659Kb / 7P
[Old version datasheet]   NiCd or NiMH Gas Gauge Module with Charge-Control Output
BQ2112 TI-BQ2112 Datasheet
749Kb / 7P
[Old version datasheet]   NiCd or NiMH Gas Gauge Module with Slow-Charge Control
BQ2002C TI-BQ2002C Datasheet
76Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management IC
9/97
BQ2002C TI1-BQ2002C_11 Datasheet
387Kb / 17P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management IC
BQ24401 TI1-BQ24401_15 Datasheet
1Mb / 27P
[Old version datasheet]   Programmable NiCd/NiMH Fast-Charge Management IC
BQ24400 TI1-BQ24400_16 Datasheet
1Mb / 27P
[Old version datasheet]   Programmable NiCd/NiMH Fast-Charge Management IC
BQ2010 TI-BQ2010 Datasheet
185Kb / 20P
[Old version datasheet]   Gas Gauge IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com