Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4097 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4097
Description  USB/Wall Adapter Standalone Li-Ion/Polymer Battery Charger
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4097 Datasheet(HTML) 5 Page - Linear Technology

  LTC4097 Datasheet HTML 1Page - Linear Technology LTC4097 Datasheet HTML 2Page - Linear Technology LTC4097 Datasheet HTML 3Page - Linear Technology LTC4097 Datasheet HTML 4Page - Linear Technology LTC4097 Datasheet HTML 5Page - Linear Technology LTC4097 Datasheet HTML 6Page - Linear Technology LTC4097 Datasheet HTML 7Page - Linear Technology LTC4097 Datasheet HTML 8Page - Linear Technology LTC4097 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTC4097
5
4097f
TYPICAL PERFORMANCE CHARACTERISTICS NTC = 0V, HPWR = 5V, T
A = 25°C,
unless otherwise noted.
4097 G17
VDCIN = 5V
RIDC = 1k
θJA = 60°C/W
1200
1000
800
600
400
200
0
VBAT (V)
2.0
4.5
2.5
3.5
3.0
4.0
THERMAL REGULATION
VDCIN, VUSBIN (V)
4.25
5.50
5.00
5.25
4097 G16
4.75
4.50
104
102
100
98
96
VBAT = 3.7V
RIDC = 10k
RIUSB = 10k
TEMPERATURE (
°C)
–50
–25
0
50
25
75
125
100
4097 G15
VDCIN = 5V
VUSBIN = 5V
VBAT = 3.7V
θJA = 60°C/W
RIDC = 1k
RIUSB = 2k
1200
1000
800
600
400
200
0
THERMAL REGULATION
VBAT (V)
3.0
4.0
3.6
3.8
4097 G14
3.4
3.2
600
575
550
525
500
475
450
425
400
VUSBIN = 5V
RIUSB = 2k
VBAT (V)
3.0
4.0
3.6
3.8
4097 G13
3.4
3.2
1200
1150
1100
1050
1000
950
900
850
800
VDCIN = 5V
RIDC = 1k
THERMAL REGULATION
4097 G12
120
115
110
105
100
95
90
85
80
VDCIN = VUSBIN = 5V
TEMPERATURE (
°C)
–50
–25
0
50
25
75
100
VDCIN (V)
4.25
5.50
5.00
5.25
4097 G10
4.75
4.50
1.006
1.004
1.002
1.000
0.998
0.996
0.994
VBAT = 3.7V
RIDC = 10k
VUSBIN (V)
4.25
5.50
5.00
5.25
4097 G11
4.75
4.50
1.006
1.004
1.002
1.000
0.998
0.996
0.994
VBAT = 3.7V
RIUSB = 10k
Recharge Threshold Voltage
vs Temperature
Charge Current vs Battery Voltage
Charge Current vs Battery Voltage
Charge Current vs Ambient
Temperature with Thermal
Regulation
Charge Current vs Supply Voltage
Charge Current vs Battery Voltage
IDC Pin Voltage vs VDCIN
(Constant-Current Mode)
IUSB Pin Voltage vs VUSBIN
(Constant-Current Mode)
Charge Current vs Battery Voltage
4097 G18
VUSBIN = 5V
RIUSB = 2k
θJA = 60°C/W
600
500
400
300
200
100
0
VBAT (V)
2.0
4.5
2.5
3.5
3.0
4.0


Similar Part No. - LTC4097

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4097 LINER-LTC4097_15 Datasheet
230Kb / 20P
   USB/Wall Adapter Standalone Li-Ion/Polymer Battery Charger
More results

Similar Description - LTC4097

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4097 LINER-LTC4097_15 Datasheet
230Kb / 20P
   USB/Wall Adapter Standalone Li-Ion/Polymer Battery Charger
LTC4095 LINER-LTC4095_15 Datasheet
236Kb / 16P
   Standalone USB Li-Ion/Polymer Battery Charger
logo
Shanghai Consonance Ele...
CN3703 CONSONANCE-CN3703 Datasheet
238Kb / 11P
   Standalone Li-ion Battery Charger
CN3704 CONSONANCE-CN3704 Datasheet
238Kb / 11P
   Standalone Li-ion Battery Charger
CN3702 CONSONANCE-CN3702 Datasheet
239Kb / 11P
   Standalone Li-ion Battery Charger
CN3761 CONSONANCE-CN3761 Datasheet
213Kb / 11P
   Standalone Li-ion Battery Charger
logo
Linear Technology
LTC4065-4.4 LINER-LTC4065-4.4_15 Datasheet
189Kb / 16P
   Standalone 750mA Li-Ion Battery Charger
LTC4065L LINER-LTC4065L_15 Datasheet
200Kb / 18P
   Standalone 250mA Li-Ion Battery Charger
LTC4065 LINER-LTC4065_15 Datasheet
225Kb / 16P
   Standalone 750mA Li-Ion Battery Charger
logo
Shanghai Consonance Ele...
CN3781 CONSONANCE-CN3781 Datasheet
212Kb / 11P
   Standalone Li-ion Battery Charger IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com