Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4090EDJC-TRPBF Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4090EDJC-TRPBF
Description  USB Power Manager with 2A High Voltage Bat-Track Buck Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4090EDJC-TRPBF Datasheet(HTML) 1 Page - Linear Technology

  LTC4090EDJC-TRPBF Datasheet HTML 1Page - Linear Technology LTC4090EDJC-TRPBF Datasheet HTML 2Page - Linear Technology LTC4090EDJC-TRPBF Datasheet HTML 3Page - Linear Technology LTC4090EDJC-TRPBF Datasheet HTML 4Page - Linear Technology LTC4090EDJC-TRPBF Datasheet HTML 5Page - Linear Technology LTC4090EDJC-TRPBF Datasheet HTML 6Page - Linear Technology LTC4090EDJC-TRPBF Datasheet HTML 7Page - Linear Technology LTC4090EDJC-TRPBF Datasheet HTML 8Page - Linear Technology LTC4090EDJC-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LTC4090/LTC4090-5
1
4090fa
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
USB Power Manager with
2A High Voltage Bat-Track
Buck Regulator
The LTC®4090/LTC4090-5 are USB power managers plus
high voltage Li-Ion/Polymer battery chargers. The devices
control the total current used by the USB peripheral for
operation and battery charging. Battery charge current is
automatically reduced such that the sum of the load current
and the charge current does not exceed the programmed
input current limit. The LTC4090/LTC4090-5 also accom-
modate high voltage power supplies, such as 12V AC/DC
wall adapters, FireWire, or automotive power.
The LTC4090 provides a Bat-Track adaptive output that
tracks the battery voltage for high efficiency charging from
the high voltage input. The LTC4090-5 provides a fixed 5V
output from the high voltage input to charge single cell
Li-Ion bateries. The charge current is programmable and an
end-of-charge status output (
⎯C⎯H⎯R⎯G) indicates full charge.
Also featured are programmable total charge time, an NTC
thermistor input used to monitor battery temperature while
charging and automatic recharging of the battery.
Seamless Transition Between Power Sources: Li-
Ion Battery, USB, and 6V to 36V Supply (60V Max)
2A Output High Voltage Buck Regulator with Bat-
TrackTM Adaptive Output Control (LTC4090)
Internal 215m
Ω Ideal Diode Plus Optional External
Ideal Diode Controller Provides Low Loss Power
Path When External Supply / USB Not Present
Load Dependent Charging from USB Input Guaran-
tees Current Compliance
Full Featured Li-Ion Battery Charger
1.5A Maximum Charge Current with Thermal Limiting
NTC Thermistor Input for Temperature Qualified
Charging
Tiny (3mm
× 6mm × 0.75mm) 22-Pin DFN Package
HDD-Based Media Players
Personal Navigation Devices
Other USB-Based Handheld Products
Automotive Accessories
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
Bat-Track is a trademark of Linear Technology Corporation. All other trademarks are the
property of their respective owners.
HVIN
BOOST
IN
SW
4.7
μF
22
μF
4.7
μF
1
μF
TIMER
CLPROG
LTC4090
GND
PROG
HVOUT
HVPR
OUT
BAT
0.1
μF
270pF
100k
2k
5V WALL
ADAPTER
USB
HIGH (6V-36V)
VOLTAGE INPUT
VC
59k
RT
40.2k
Li-Ion BATTERY
+
1k
LOAD
4090 TAO1
VOUT (TYP)
VBAT + 0.3V
5V
5V
VBAT
AVAILABLE INPUT
HV INPUT (LTC4090)
HV INPUT (LTC4090-5)
USB ONLY
BAT ONLY
6.8
μH
0.47
μF
LTC4090/LTC4090-5 High Voltage
Battery Charger Efficiency
VBAT (V)
2.0
70
80
90
4.0
4090 TA01b
60
50
20
40
30
2.5
3.0
3.5
4.5
FIGURE 12 SCHEMATIC
WITH RPROG = 52k
NO OUTPUT LOAD
HVIN = 8V
HVIN = 12V
HVIN = 24V
HVIN = 36V
LTC4090
LTC4090-5


Similar Part No. - LTC4090EDJC-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4090 LINER-LTC4090 Datasheet
391Kb / 52P
   Dual-Input Power Manager
logo
Analog Devices
LTC4090 AD-LTC4090 Datasheet
965Kb / 26P
   2.5A Supercapacitor Backup Power Manager
Rev A
logo
Linear Technology
LTC4090-3 LINER-LTC4090-3 Datasheet
527Kb / 30P
   USB Power Manager with 2A High Voltage Bat-Track Buck Regulator
LTC4090-3 LINER-LTC4090-3_15 Datasheet
840Kb / 30P
   USB Power Manager with 2A High Voltage Bat-Track Buck Regulator
LTC4090-5 LINER-LTC4090-5 Datasheet
391Kb / 52P
   Dual-Input Power Manager
More results

Similar Description - LTC4090EDJC-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4090-3 LINER-LTC4090-3 Datasheet
527Kb / 30P
   USB Power Manager with 2A High Voltage Bat-Track Buck Regulator
LTC4090 LINER-LTC4090_15 Datasheet
852Kb / 30P
   USB Power Manager with 2A High Voltage Bat-Track Buck Regulator
LTC4090-3 LINER-LTC4090-3_15 Datasheet
840Kb / 30P
   USB Power Manager with 2A High Voltage Bat-Track Buck Regulator
LTC4090-5 LINER-LTC4090-5_15 Datasheet
852Kb / 30P
   USB Power Manager with 2A High Voltage Bat-Track Buck Regulator
LTC4089 LINER-LTC4089_15 Datasheet
360Kb / 24P
   USB Power Manager with High Voltage Switching Charger
LTC4089-1 LINER-LTC4089-1_15 Datasheet
354Kb / 24P
   USB Power Manager with High Voltage Switching Charger
LTC4089-1 LINER-LTC4089-1 Datasheet
546Kb / 24P
   USB Power Manager with High Voltage Switching Charger
LTC4089-3 LINER-LTC4089-3 Datasheet
572Kb / 24P
   USB Power Manager with High Voltage Switching Charger
LTC4089-5 LINER-LTC4089-5_15 Datasheet
360Kb / 24P
   USB Power Manager with High Voltage Switching Charger
LTC4089-3 LINER-LTC4089-3_15 Datasheet
572Kb / 24P
   USB Power Manager with High Voltage Switching Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com