Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4080XEMSE-PBF Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4080XEMSE-PBF
Description  500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck in 3mm3mm DFN
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4080XEMSE-PBF Datasheet(HTML) 5 Page - Linear Technology

  LTC4080XEMSE-PBF Datasheet HTML 1Page - Linear Technology LTC4080XEMSE-PBF Datasheet HTML 2Page - Linear Technology LTC4080XEMSE-PBF Datasheet HTML 3Page - Linear Technology LTC4080XEMSE-PBF Datasheet HTML 4Page - Linear Technology LTC4080XEMSE-PBF Datasheet HTML 5Page - Linear Technology LTC4080XEMSE-PBF Datasheet HTML 6Page - Linear Technology LTC4080XEMSE-PBF Datasheet HTML 7Page - Linear Technology LTC4080XEMSE-PBF Datasheet HTML 8Page - Linear Technology LTC4080XEMSE-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTC4080X
5
4080Xf
VCC SUPPLY VOLTAGE (V)
4
4.20
5.5
4.05
3.95
4.5
5
3.90
3.85
4.25
4.15
4.10
4.00
6
4080
X G03
CHARGE CURRENT (mA)
0
4.17
4.18
4.21
4.20
150
4080X G01
4.16
4.15
50
100
200
250
4.14
4.13
4.19
RPROG = 2k
TEMPERATURE (
°C)
–50
4.195
10
4.180
4.170
– 30
– 10
30
4.165
4.160
4.210
4.205
4.200
4.190
4.185
4.175
50
70
90
4080
X G02
TEMPERATURE (
°C)
–50
200
250
100
150
100
0
–25
50
125
25
75
50
0
4080
X G04
VCC = 6V
VBAT = 3V
RPROG = 2k
THERMAL CONTROL
LOOP IN OPERATION
CHARGE CURRENT (mA)
0
0.6
0.8
1.0
175
0.4
0.2
0
25
75
125
50
100
150
200
4080
X G05
RPROG = 2k
TEMPERATURE (
°C)
–50
0.7
10
0.4
0.2
– 30
–10
30
0.1
0
0.9
0.8
0.6
0.5
0.3
50
70
90
4080
X G06
VCC = 4V
IBAT = 350mA
TEMPERATURE (
°C)
–50
0.50
0.55
0.65
0.70
0.75
30
0.95
0.60
–10
–30
50
70
10
90
0.80
0.85
0.90
4080
X G07
FALLING
RISING
TEMPERATURE (
°C)
1.0
1.1
1.3
1.4
1.5
1.7
1.2
1.6
4080
X G08
–50
30
–10
–30
50
70
10
90
Battery Regulation (Float) Voltage
vs Charge Current
Battery Regulation (Float) Voltage
vs Temperature
Battery Regulation (Float) Voltage
vs VCC Supply Voltage
Charge Current vs Temperature
with Thermal Regulation
(Constant-Current Mode)
PROG Pin Voltage
vs Charge Current
Charger FET On-Resistance
vs Temperature
⎯E⎯N⎯_⎯C⎯H⎯R⎯G, EN_BUCK and
MODE Pin Threshold Voltage
vs Temperature
⎯E⎯N⎯_⎯C⎯H⎯R⎯G Pin Pulldown
Resistance vs Temperature
TYPICAL PERFORMANCE CHARACTERISTICS (T
A = 25°C, VCC = 5V, VBAT = 3.8V, unless otherwise
specified)


Similar Part No. - LTC4080XEMSE-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4080X LINER-LTC4080X Datasheet
309Kb / 20P
   500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck
LTC4080X LINER-LTC4080X_15 Datasheet
309Kb / 20P
   500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck
More results

Similar Description - LTC4080XEMSE-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4080 LINER-LTC4080_15 Datasheet
272Kb / 20P
   500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck
LTC4080X LINER-LTC4080X_15 Datasheet
309Kb / 20P
   500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck
LTC4080 LINER-LTC4080 Datasheet
256Kb / 20P
   500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck
LTC4081 LINER-LTC4081_15 Datasheet
470Kb / 24P
   500mA Li-Ion Charger with NTC Input and 300mA Synchronous Buck
LTC4065-4.4 LINER-LTC4065-4.4 Datasheet
189Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 횞 2 DFN
logo
Linear Integrated Syste...
LTC4065L LINEAR-LTC4065L_12 Datasheet
195Kb / 18P
   Standalone 250mA Li-Ion Battery Charger in 2 횞 2 DFN
logo
Linear Technology
LTC4081 LINER-LTC4081 Datasheet
285Kb / 24P
   500mA Li-Ion Charger with NTC Input and 300mA Synchronous Buck
LTC3447 LINER-LTC3447 Datasheet
564Kb / 16P
   I2C Controllable Buck Regulator in 3mm 횞 3mm DFN
LTC4095 LINER-LTC4095 Datasheet
230Kb / 16P
   Standalone USB Li-Ion/Polymer Battery Charger in 2mm 횞 2mm DFN
LTC3409A LINER-LTC3409A Datasheet
314Kb / 16P
   600mA Low VIN Buck Regulator in 3mm 횞 3mm DFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com