Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4077 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4077
Description  Dual Input Standalone Li-Ion Battery Charger
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4077 Datasheet(HTML) 1 Page - Linear Technology

  LTC4077 Datasheet HTML 1Page - Linear Technology LTC4077 Datasheet HTML 2Page - Linear Technology LTC4077 Datasheet HTML 3Page - Linear Technology LTC4077 Datasheet HTML 4Page - Linear Technology LTC4077 Datasheet HTML 5Page - Linear Technology LTC4077 Datasheet HTML 6Page - Linear Technology LTC4077 Datasheet HTML 7Page - Linear Technology LTC4077 Datasheet HTML 8Page - Linear Technology LTC4077 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC4077
1
4077f
The LTC®4077 is a standalone linear charger that is capable
of charging a single-cell Li-Ion battery from both wall
adapter and USB inputs. The charger can detect power at
the inputs and automatically select the appropriate power
source for charging.
No external sense resistor or blocking diode is required
for charging due to the internal MOSFET architecture.
Internal thermal feedback regulates the battery charge
current to maintain a constant die temperature during high
power operation or high ambient temperature conditions.
The float voltage is fixed at 4.2V and the charge current
is programmed with an external resistor. The LTC4077
terminates the charge cycle when the charge current drops
below the termination threshold after the final float voltage
is reached. The LTC4077 can be put into shutdown mode
reducing the DCIN supply current to 20µA, the USBIN
supply current to 10µA, and the battery drain current to
less than 2µA even with power applied to both inputs.
Other features include automatic recharge, undervoltage
lockout, charge status output, power present status output
to indicate the presence of wall adapter or USB power and
high power/low power adjustable mode for USB compat-
ible applications.
Dual Input Battery Charger for Single-Cell Li-Ion
LTC4077
DCIN
USBIN
IUSB
IDC
BAT
HPWR
IUSBL
1.24k
1%
2k
1%
2k
1%
WALL
ADAPTER
USB
PORT
1
mF
1
mF
4.2V
SINGLE CELL
Li-Ion BATTERY
800mA (WALL)
500mA (USB)
4077 TA01
GND
+
Dual Input Standalone
Li-Ion Battery Charger
TIME (HR)
0
4.2
200
0
400
800
600
1000
1.5
2.5
"%% 6)>
3.6
3.4
5.0
4.0
3.8
2.5
0
0.5
1.0
2.0
3.0
CONSTANT VOLTAGE
USBIN = 5V
TA = 25°C
RIDC = 1.24k
RIUSB = 2k
HPWR = 5V
Complete Charge Cycle (1100mAh Battery)
, LTC and LT are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
*Protected by U.S. patents, including 6522118
APPLICATIO S
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
Charges Single-Cell Li-Ion Batteries from Wall
Adapter and USB Inputs
Automatic Input Power Detection and Selection
Charge Current Programmable up to 950mA from
Wall Adapter Input
C/10 Charge Current Termination
Thermal Regulation Maximizes Charge Rate
Without Risk of Overheating*
Preset Charge Voltage with ±0.6% Accuracy
18µA USB Suspend Current in Shutdown
Power Present Status Output
Charge Status Output
Automatic Recharge
Available in a Thermally Enhanced, Low Profile
(0.75mm) 10-Lead (3mm × 3mm) DFN Package
Cellular Telephones
Handheld Computers
Portable MP3 Players
Digital Cameras


Similar Part No. - LTC4077

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4077 LINER-LTC4077 Datasheet
424Kb / 16P
   Dual Input Standalone Li-Ion Battery Charger
LTC4077 LINER-LTC4077_15 Datasheet
424Kb / 16P
   Dual Input Standalone Li-Ion Battery Charger
More results

Similar Description - LTC4077

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4077 LINER-LTC4077_15 Datasheet
424Kb / 16P
   Dual Input Standalone Li-Ion Battery Charger
LTC4076 LINER-LTC4076_15 Datasheet
422Kb / 16P
   Dual Input Standalone Li-Ion Battery Charger
LTC4076 LINER-LTC4076 Datasheet
416Kb / 16P
   Dual Input Standalone Li-Ion Battery Charger
logo
Shanghai Consonance Ele...
CN3703 CONSONANCE-CN3703 Datasheet
238Kb / 11P
   Standalone Li-ion Battery Charger
CN3704 CONSONANCE-CN3704 Datasheet
238Kb / 11P
   Standalone Li-ion Battery Charger
CN3702 CONSONANCE-CN3702 Datasheet
239Kb / 11P
   Standalone Li-ion Battery Charger
CN3761 CONSONANCE-CN3761 Datasheet
213Kb / 11P
   Standalone Li-ion Battery Charger
logo
Linear Technology
LTC4065-4.4 LINER-LTC4065-4.4_15 Datasheet
189Kb / 16P
   Standalone 750mA Li-Ion Battery Charger
LTC4065L LINER-LTC4065L_15 Datasheet
200Kb / 18P
   Standalone 250mA Li-Ion Battery Charger
LTC4065 LINER-LTC4065_15 Datasheet
225Kb / 16P
   Standalone 750mA Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com