Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV3745BE-70.0M Datasheet(PDF) 1 Page - Pletronics, Inc.

Part # LV3745BE-70.0M
Description  6 Pad Leadless Surface Mount Oscillator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

LV3745BE-70.0M Datasheet(HTML) 1 Page - Pletronics, Inc.

  LV3745BE-70.0M Datasheet HTML 1Page - Pletronics, Inc. LV3745BE-70.0M Datasheet HTML 2Page - Pletronics, Inc. LV3745BE-70.0M Datasheet HTML 3Page - Pletronics, Inc. LV3745BE-70.0M Datasheet HTML 4Page - Pletronics, Inc. LV3745BE-70.0M Datasheet HTML 5Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Pletronics, Inc.
19013 36
th Ave. West
PO Box 2607
Lynnwood, Washington
98036 U.S.A.
T: 1-425-776-1880
F: 1-425-776-2760
E: ple-sales@pletronics.com
www.pletronics.com
Effective January 1, 2008
The LV11xxBY and the LV11xxBW devices are discontinued.
These were discontinued because the components needed to make these parts are no longer available.
For the LV11xxBY
Use the LV99xxDV oscillator and a 3.3V LDO. The board space required will be similar.
For the LV11xxBW
Use the LV77xxDW oscillator, this is a smaller footprint and superior performance


Similar Part No. - LV3745BE-70.0M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LV374A TI-LV374A Datasheet
847Kb / 20P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results

Similar Description - LV3745BE-70.0M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PE2245B ETC1-PE2245B Datasheet
41Kb / 1P
   10 Pad Leadless Surface Mount Clock Oscillator,see PE1145B for 6Pad
PVM5VBV ETC1-PVM5VBV Datasheet
48Kb / 2P
   6 Pad Leadless Surface Mount or 4 Lead Thru-Hole PECL Voltage Controlled Xtal Oscillator
logo
Connor-Winfield Corpora...
MSD611 CONNOR-WINFIELD-MSD611 Datasheet
210Kb / 2P
   LEADLESS SURFACE MOUNT HCMOS CLOCK OSCILLATOR
MSD621 CONNOR-WINFIELD-MSD621 Datasheet
203Kb / 2P
   LEADLESS SURFACE MOUNT HCMOS CLOCK OSCILLATOR
MSD641 CONNOR-WINFIELD-MSD641 Datasheet
210Kb / 2P
   LEADLESS SURFACE MOUNT HCMOS CLOCK OSCILLATOR
MSD631 CONNOR-WINFIELD-MSD631 Datasheet
203Kb / 2P
   LEADLESS SURFACE MOUNT HCMOS CLOCK OSCILLATOR
logo
CTS Corporation
753 CTS-753 Datasheet
234Kb / 6P
   Leadless Surface Mount
logo
Microsemi Corporation
1N4614UR-1 MICROSEMI-1N4614UR-1 Datasheet
122Kb / 2P
   LEADLESS PACKAGE FOR SURFACE MOUNT
1N746AUR-1 MICROSEMI-1N746AUR-1 Datasheet
44Kb / 2P
   LEADLESS PACKAGE FOR SURFACE MOUNT
BZV55C7V5 MICROSEMI-BZV55C7V5 Datasheet
24Kb / 1P
   LEADLESS PACKAGE FOR SURFACE MOUNT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com