Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3862HGN-1-TRPBF Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3862HGN-1-TRPBF
Description  Multi-Phase Current Mode Step-Up DC/DC Controller
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3862HGN-1-TRPBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3862HGN-1-TRPBF Datasheet HTML 2Page - Linear Technology LTC3862HGN-1-TRPBF Datasheet HTML 3Page - Linear Technology LTC3862HGN-1-TRPBF Datasheet HTML 4Page - Linear Technology LTC3862HGN-1-TRPBF Datasheet HTML 5Page - Linear Technology LTC3862HGN-1-TRPBF Datasheet HTML 6Page - Linear Technology LTC3862HGN-1-TRPBF Datasheet HTML 7Page - Linear Technology LTC3862HGN-1-TRPBF Datasheet HTML 8Page - Linear Technology LTC3862HGN-1-TRPBF Datasheet HTML 9Page - Linear Technology LTC3862HGN-1-TRPBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
LTC3862-1
6
38621f
TYPICAL PERFORMANCE CHARACTERISTICS
INTVCC Line Regulation
INTVCC Load Regulation
INTVCC vs Temperature
INTVCC LDO Dropout
vs Load Current, Temperature
INTVCC UVLO Threshold
vs Temperature
Feedback Voltage vs Temperature
Feedback Voltage Line
Regulation
Current Sense Threshold
vs ITH Voltage
Current Sense Threshold
vs Temperature
TEMPERATURE (°C)
–50
1.211
1.215
1.219
1.223
1.227
1.235
–25
025
50
38621 G14
75
100 125 150
1.231
1.213
1.217
1.221
1.225
1.233
1.229
INPUT VOLTAGE (V)
1.220
1.221
1.222
1.223
1.224
12
20
28
36
38621 G15
1.225
1.226
816
24
32
ITH VOLTAGE (V)
50
60
70
38621 G16
30
0
0
0.4
0.8
1.2
1.6
2.0
2.4
80
40
20
10
TEMPERATURE (°C)
–50
70
71
73
74
75
80
77
0
50
75
38621 G17
72
78
79
76
–25
25
100 125
150
INPUT VOLTAGE (V)
8
10.0
10.1
10.2
36
38621 G09
9.9
9.8
12
16
20
24
32
28
INTVCC LOAD CURRENT (mA)
0
10.00
10.05
10.10
50
38621 G10
9.95
9.90
10
20
40
30
TEMPERATURE (°C)
–50
10.03
10.04
10.05
25
75
150
38621 G11
10.02
10.01
10.00
9.95
9.96
9.97
9.98
9.99
–25
0
50
100 125
INTVCC LOAD (mA)
0
800
1000
1200
20
50
38621 G12
600
400
200
0
10
30
40
150°C
125°C
85°C
25°C
–40°C
TEMPERATURE (°C)
–50
7.8
7.9
8.0
25
75
150
38621 G13
7.7
7.6
7.5
6.6
6.7
6.8
6.9
7.4
7.3
7.2
7.1
7.0
–25
0
50
100 125


Similar Part No. - LTC3862HGN-1-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3862HGN-PBF LINER-LTC3862HGN-PBF Datasheet
612Kb / 40P
   Multi-Phase Current Mode Step-Up DC/DC Controller
LTC3862HGN-TRPBF LINER-LTC3862HGN-TRPBF Datasheet
612Kb / 40P
   Multi-Phase Current Mode Step-Up DC/DC Controller
More results

Similar Description - LTC3862HGN-1-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3862-1 LINER-LTC3862-1_15 Datasheet
1Mb / 42P
   Multi-Phase Current Mode Step-Up DC/DC Controller
LTC3862 LINER-LTC3862 Datasheet
612Kb / 40P
   Multi-Phase Current Mode Step-Up DC/DC Controller
LTC3862-2 LINER-LTC3862-2_15 Datasheet
880Kb / 46P
   Multi-Phase Current Mode Step-Up DC/DC Controller
LTC3862 LINER-LTC3862_15 Datasheet
1,021Kb / 42P
   Multi-Phase Current Mode Step-Up DC/DC Controller
logo
Analog Devices
LT8277 AD-LT8277 Datasheet
601Kb / 31P
   Multiphase Current Mode Step-Up DC/DC Controller
Rev 0
ADP1621 AD-ADP1621_15 Datasheet
598Kb / 32P
   Constant-Frequency, Current-Mode Step-Up DC/DC Controller
REV. B
ADP1621 AD-ADP1621 Datasheet
819Kb / 32P
   Constant-Frequency, Current-Mode Step-Up DC/DC Controller
REV. A
logo
Linear Technology
LT3782 LINER-LT3782_15 Datasheet
233Kb / 20P
   2-Phase Step-UP DC/DC Controller
LT3782A LINER-LT3782A Datasheet
238Kb / 20P
   2-Phase Step-Up DC/DC Controller
LT3782A LINER-LT3782A_15 Datasheet
275Kb / 20P
   2-Phase Step-Up DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com