Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3862HFE-1-TRPBF Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3862HFE-1-TRPBF
Description  Multi-Phase Current Mode Step-Up DC/DC Controller
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3862HFE-1-TRPBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3862HFE-1-TRPBF Datasheet HTML 5Page - Linear Technology LTC3862HFE-1-TRPBF Datasheet HTML 6Page - Linear Technology LTC3862HFE-1-TRPBF Datasheet HTML 7Page - Linear Technology LTC3862HFE-1-TRPBF Datasheet HTML 8Page - Linear Technology LTC3862HFE-1-TRPBF Datasheet HTML 9Page - Linear Technology LTC3862HFE-1-TRPBF Datasheet HTML 10Page - Linear Technology LTC3862HFE-1-TRPBF Datasheet HTML 11Page - Linear Technology LTC3862HFE-1-TRPBF Datasheet HTML 12Page - Linear Technology LTC3862HFE-1-TRPBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
LTC3862-1
9
38621f
PIN FUNCTIONS
3V8: Output of the Internal 3.8V LDO from INTVCC. Supply
pin for the low voltage analog and digital circuits. A low
ESR 1nF ceramic bypass capacitor should be connected
between 3V8 and SGND, as close as possible to the IC.
BLANK: Blanking Time. Floating this pin provides a nominal
minimum on-time of 290ns. Connecting this pin to 3V8
provides a minimum on-time of 375ns, while connecting
it to SGND provides a minimum on-time of 210ns.
CLKOUT: Digital Output Used for Daisy-Chaining Multiple
LTC3862-1 ICs in Multi-Phase Systems. The PHASEMODE
pin voltage controls the relationship between CH1 and CH2
as well as between CH1 and CLKOUT.
DMAX: Maximum Duty Cycle.This pin programs the maxi-
mum duty cycle. Floating this pin provides 84% duty cycle.
Connecting this pin to 3V8 provides 75% duty cycle, while
connecting it to SGND provides 96% duty cycle.
FB: Error Amplifier Input. The FB pin should be connected
through a resistive divider network to VOUT to set the
output voltage.
FREQ: A resistor from FREQ to SGND sets the operating
frequency.
GATE1, GATE2: Gate Drive Output. The LTC3862-1 pro-
vides a 10V gate drive referenced to PGND to drive a high
voltage MOSFET.
INTVCC: Output of the Internal 10V Low Dropout Regulator
(LDO). A low ESR 4.7μF (X5R or better) ceramic bypass
capacitor should be connected between INTVCC and PGND,
as close as possible to the IC.
ITH: Error Amplifier Output. The current comparator trip
threshold increases with the ITH control voltage. The ITH
pin is also used for compensating the control loop of the
converter.
PGND: Power Ground. Connect this pin close to the
sources of the power MOSFETs. PGND should also be
connected to the negative terminals of VIN and INTVCC
bypass capacitors. PGND is electrically isolated from the
SGND pin. The Exposed Pad of the QFN and FE packages
is connected to PGND.
PHASEMODE: The PHASEMODE pin voltage programs
the phase relationship between CH1 and CH2 rising gate
signals, as well as the phase relationship between CH1
gate signal and CLKOUT. Floating this pin or connecting
it to either 3V8, or SGND changes the phase relationship
between CH1, CH2 and CLKOUT.
PLLFLTR: PLL Lowpass Filter Input. When synchroniz-
ing to an external clock, this pin serves as the lowpass
filter input for the PLL. A series resistor and capacitor
connected from PLLFLTR to SGND compensate the PLL
feedback loop.
RUN: Run Control Input. A voltage above 1.22V on the pin
turns on the IC. Forcing the pin below 1.22V causes the
IC to shut down. There is a 0.5μA pull-up current for this
pin. Once the RUN pin raises above 1.22V, an additional
4.5μA pull-up current is added to the pin for program-
mable hysteresis.


Similar Part No. - LTC3862HFE-1-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3862HFE-PBF LINER-LTC3862HFE-PBF Datasheet
612Kb / 40P
   Multi-Phase Current Mode Step-Up DC/DC Controller
LTC3862HFE-TRPBF LINER-LTC3862HFE-TRPBF Datasheet
612Kb / 40P
   Multi-Phase Current Mode Step-Up DC/DC Controller
More results

Similar Description - LTC3862HFE-1-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3862-1 LINER-LTC3862-1_15 Datasheet
1Mb / 42P
   Multi-Phase Current Mode Step-Up DC/DC Controller
LTC3862 LINER-LTC3862 Datasheet
612Kb / 40P
   Multi-Phase Current Mode Step-Up DC/DC Controller
LTC3862-2 LINER-LTC3862-2_15 Datasheet
880Kb / 46P
   Multi-Phase Current Mode Step-Up DC/DC Controller
LTC3862 LINER-LTC3862_15 Datasheet
1,021Kb / 42P
   Multi-Phase Current Mode Step-Up DC/DC Controller
logo
Analog Devices
LT8277 AD-LT8277 Datasheet
601Kb / 31P
   Multiphase Current Mode Step-Up DC/DC Controller
Rev 0
ADP1621 AD-ADP1621_15 Datasheet
598Kb / 32P
   Constant-Frequency, Current-Mode Step-Up DC/DC Controller
REV. B
ADP1621 AD-ADP1621 Datasheet
819Kb / 32P
   Constant-Frequency, Current-Mode Step-Up DC/DC Controller
REV. A
logo
Linear Technology
LT3782 LINER-LT3782_15 Datasheet
233Kb / 20P
   2-Phase Step-UP DC/DC Controller
LT3782A LINER-LT3782A Datasheet
238Kb / 20P
   2-Phase Step-Up DC/DC Controller
LT3782A LINER-LT3782A_15 Datasheet
275Kb / 20P
   2-Phase Step-Up DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com