Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3853EUJ-PBF Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3853EUJ-PBF
Description  Triple Output, Multiphase Synchronous Step-Down Controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3853EUJ-PBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3853EUJ-PBF Datasheet HTML 7Page - Linear Technology LTC3853EUJ-PBF Datasheet HTML 8Page - Linear Technology LTC3853EUJ-PBF Datasheet HTML 9Page - Linear Technology LTC3853EUJ-PBF Datasheet HTML 10Page - Linear Technology LTC3853EUJ-PBF Datasheet HTML 11Page - Linear Technology LTC3853EUJ-PBF Datasheet HTML 12Page - Linear Technology LTC3853EUJ-PBF Datasheet HTML 13Page - Linear Technology LTC3853EUJ-PBF Datasheet HTML 14Page - Linear Technology LTC3853EUJ-PBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
LTC3853
11
3853f
OPERATION
Main Control Loop
The LTC3853 is a constant-frequency, current mode
step-down controller with three channels operating 120
degrees out-of-phase. During normal operation, each
top MOSFET is turned on when the clock for that channel
sets the RS latch, and turned off when the main current
comparator, ICMP, resets the RS latch. The peak inductor
current at which ICMP resets the RS latch is controlled by
the voltage on the ITH pin, which is the output of each error
amplifier, EA. The VFB pin receives the voltage feedback
signal, which is compared to the internal reference voltage
by the EA. When the load current increases, it causes a
slight decrease in VFB relative to the 0.8V reference, which
in turn causes the ITH voltage to increase until the average
inductor current matches the new load current. After the
top MOSFET has turned off, the bottom MOSFET is turned
on until either the inductor current starts to reverse, as
indicated by the reverse current comparator IREV, or the
beginning of the next cycle.
INTVCC/EXTVCC/DRVCC12 Power
Power for the top and bottom MOSFET drivers of phase 3
and most other internal circuitry is derived from the
INTVCC pin. DRVCC12 provides driver power for phase 1
and phase 2. This pin must be externally tied to INTVCC.
If EXTVCC is taken above 4.7V, the 5V regulator is turned
off and an internal switch is turned on connecting EXTVCC.
Using the EXTVCCpinallowstheINTVCCpowertobederived
from a high efficiency external source such as one of the
LTC3853 switching regulator outputs.
Each top MOSFET driver is biased from the floating boot-
strap capacitor, CB, which normally recharges during each
off cycle through an external diode when the top MOSFET
turns off. If the input voltage, VIN, decreases to a voltage
close to VOUT, the loop may enter dropout and attempt to
turn on the top MOSFET continuously. The dropout detec-
tor detects this and forces the top MOSFET off for about
one-twelfth of the clock period every fifth cycle to allow
CB to recharge. However, it is recommended that there is
always a load be present during the drop-out transition
to ensure CB is recharged.
Shutdown and Start-Up (RUN1, RUN2, RUN3 and
TK/SS1, TK/SS2, TK/SS3 Pins)
The three channels of the LTC3853 can be independently
shut down using the RUN1, RUN2 and RUN3 pins. Pulling
any of these pins below 1.2V shuts down the main control
loop for that controller. Pulling all pins low disables all
three controllers and most internal circuits, including the
INTVCC regulator. Releasing any RUN pin allows an internal
0.5μA current to pull up the pin and enable that control-
ler. Alternatively, the RUN pin may be externally pulled up
or driven directly by logic. Be careful not to exceed the
absolute maximum rating of 6V on this pin.
The start-up of each controller’s output voltage VOUT is
controlled by the voltage on the TK/SS1, TK/SS2 and
TK/SS3 pins. When the voltage on the TK/SS pin is less
than the 0.8V internal reference, the LTC3853 regulates
the VFB voltage to the TK/SS pin voltage instead of the
0.8V reference. This allows the TK/SS pin to be used to
program a soft-start by connecting an external capacitor
from the TK/SS pin to SGND. An internal 1.3μA pull-up
current charges this capacitor, creating a voltage ramp
on the TK/SS pin. As the TK/SS voltage rises linearly
from 0V to 0.8V (and beyond), the output voltage VOUT
rises smoothly from zero to its final value. Alternatively
the TK/SS pin can be used to cause the start-up of VOUT
to “track” that of another supply. Typically, this requires
connecting to the TK/SS pin an external resistor divider
from the other supply to ground (see the Applications
Information section). When the corresponding RUN pin
is pulled low to disable a controller, or when INTVCC drops
below its undervoltage lockout threshold of 3.35V, the
TK/SS pin is pulled low by an internal MOSFET. When in
undervoltage lockout, all controllers are disabled and the
external MOSFETs are held off.
Light Load Current Operation (Burst Mode Operation,
Pulse Skipping or Continuous Conduction)
The LTC3853 can be enabled to enter high efficiency Burst
Mode operation, constant-frequency pulse skipping mode,
or forced continuous conduction mode. To select forced
continuous operation, tie the MODE/PLLIN pin to a DC


Similar Part No. - LTC3853EUJ-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3853 LINER-LTC3853 Datasheet
2Mb / 40P
   Dual, 2-Phase Synchronous Step-Down DC/DC Controllers
LTC3853 LINER-LTC3853 Datasheet
349Kb / 30P
   550kHz, PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulator
LTC3853 LINER-LTC3853 Datasheet
398Kb / 32P
   2-Phase, High Efficiency DC/DC Controller for Intel Mobile CPUs
LTC3853 LINER-LTC3853 Datasheet
721Kb / 54P
   Dual, Fast, Accurate Step-Down DC/DC Controller
LTC3853 LINER-LTC3853 Datasheet
696Kb / 50P
   Fast, Accurate, 2-Phase, Single-Output Step-Down DC/DC Controller
More results

Similar Description - LTC3853EUJ-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3853 LINER-LTC3853_15 Datasheet
752Kb / 36P
   Triple Output, Multiphase Synchronous Step-Down Controller
logo
Texas Instruments
TPS65263-Q1 TI1-TPS65263-Q1 Datasheet
1Mb / 47P
[Old version datasheet]   Output Current Triple Synchronous Step-Down Converter
TPS65265 TI1-TPS65265 Datasheet
2Mb / 47P
[Old version datasheet]   Output Current Triple Synchronous Step-Down Converter
TPS65262-2 TI1-TPS65262-2 Datasheet
2Mb / 41P
[Old version datasheet]   Output Current Triple Synchronous Step-Down Converter
logo
Analog Devices
LTC7819 AD-LTC7819 Datasheet
1Mb / 36P
   40V Low IQ, Triple Output, 3-Phase Synchronous Step-Down Controller
logo
Maxim Integrated Produc...
MAX17548 MAXIM-MAX17548 Datasheet
1Mb / 28P
   42V, Dual-Output, Synchronous Step-Down Controller
Rev 0; 2/17
MAX17559 MAXIM-MAX17559 Datasheet
951Kb / 28P
   60V, Dual-Output, Synchronous Step-Down Controller
Rev 0; 6/15
logo
Vishay Siliconix
SIP12202 VISHAY-SIP12202 Datasheet
768Kb / 10P
   Synchronous Step Down Controller
Rev. A, 10-Oct-05
SIP12201 VISHAY-SIP12201 Datasheet
865Kb / 11P
   Synchronous Step Down Controller
Rev. A, 10-Oct-05
logo
Linear Technology
LTC3892-2 LINER-LTC3892-2 Datasheet
426Kb / 8P
   60V, Low IQ Multiphase Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com