Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3851IMSE-1-PBF Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3851IMSE-1-PBF
Description  Synchronous Step-Down Switching Regulator Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3851IMSE-1-PBF Datasheet(HTML) 1 Page - Linear Technology

  LTC3851IMSE-1-PBF Datasheet HTML 1Page - Linear Technology LTC3851IMSE-1-PBF Datasheet HTML 2Page - Linear Technology LTC3851IMSE-1-PBF Datasheet HTML 3Page - Linear Technology LTC3851IMSE-1-PBF Datasheet HTML 4Page - Linear Technology LTC3851IMSE-1-PBF Datasheet HTML 5Page - Linear Technology LTC3851IMSE-1-PBF Datasheet HTML 6Page - Linear Technology LTC3851IMSE-1-PBF Datasheet HTML 7Page - Linear Technology LTC3851IMSE-1-PBF Datasheet HTML 8Page - Linear Technology LTC3851IMSE-1-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LTC3851-1
1
38511f
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Synchronous
Step-Down Switching
Regulator Controller
The LTC
®3851-1 is a high performance synchronous
step-down switching regulator controller that drives
an all N-channel synchronous power MOSFET stage. A
constant frequency current mode architecture allows a
phase-lockable frequency of up to 750kHz.
OPTI-LOOP compensation allows the transient response
to be optimized over a wide range of output capacitance
and ESR values. The LTC3851-1 features a precision 0.8V
reference and a power good indicator. A wide 4V to 38V (40V
absolute maximum) input supply range encompasses most
battery configurations and intermediate bus voltages.
The TK/SS pin ramps the output voltage during start-up
and shutdown with coincident or ratiometric tracking.
Current foldback limits MOSFET heat dissipation during
short-circuit conditions. The MODE/PLLIN pin selects
among Burst Mode operation, pulse skipping mode or
continuous inductor current mode at light loads and allows
the IC to be synchronized to an external clock.
The LTC3851-1 is identical to the LTC3851 except that the
ILIM pin is replaced by PGOOD.
High Efficiency Synchronous Step-Down Converter
n Wide VIN Range: 4V to 38V Operation
n RSENSE or DCR Current Sensing
n ±1% Output Voltage Accuracy
n Power Good Output Voltage Monitor
n Phase-Lockable Fixed Frequency: 250kHz to 750kHz
n Dual N-Channel MOSFET Synchronous Drive
n Very Low Dropout Operation: 99% Duty Cycle
n Adjustable Output Voltage Soft-Start or Tracking
n Output Current Foldback Limiting
n Output Overvoltage Protection
n OPTI-LOOP
® Compensation Minimizes COUT
n Selectable Continuous, Pulse-Skipping or
Burst Mode
® Operation at Light Loads
n Low Shutdown IQ: 20μA
n VOUT Range: 0.8V to 5.5V
n Thermally Enhanced 16-Lead MSOP
or 3mm
× 3mm QFN Package
n Automotive Systems
n Telecom Systems
n Industrial Equipment
n Distributed DC Power Systems
Efficiency and Power Loss
vs Load Current
L, LT, LTC, LTM, Burst Mode and OPTI-LOOP are registered trademarks of Linear Technology
Corporation. All other trademarks are the property of their respective owners.
Protected by U.S. Patents including 5408150, 5481178, 5705919, 5929620, 6304066,
6498466, 6580258, 6611131.
PGO0D
RUN
TK/SS
ITH
FREQ/PLLFLTR
VIN
INTVCC
TG
SW
INTVCC
PLLIN/MODE
BG
SENSE+
SENSE
VFB
GND
0.047μF
0.1μF
4.7μF
3.01k
LTC3851-1
22μF
VIN
4.5V TO 38V
VOUT
3.3V
15A
38511 TA01a
0.68μH
330pF
2200pF
0.1μF
0.1μF
330μF
2
BOOST
15k
154k
48.7k
30.1k
82.5k
100k
LOAD CURRENT (mA)
10
70
75
80
85
90
100
1000
10000
100000
38511TA01b
65
60
55
50
95
100
1000
100
10
10000
VIN = 12V
VOUT = 3.3V
EFFICIENCY
POWER LOSS


Similar Part No. - LTC3851IMSE-1-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3851 LINER-LTC3851 Datasheet
320Kb / 28P
   Synchronous Step-Down Switching Regulator Controller
LTC3851-1 LINER-LTC3851-1_15 Datasheet
362Kb / 28P
   Synchronous Step-Down Switching Regulator Controller
LTC3851A LINER-LTC3851A Datasheet
2Mb / 40P
   Dual, 2-Phase Synchronous Step-Down DC/DC Controllers
LTC3851A LINER-LTC3851A Datasheet
465Kb / 36P
   Current Mode Synchronous Controller for Sub Milliohm DCR Sensing
LTC3851A LINER-LTC3851A Datasheet
1Mb / 30P
   Low IQ Synchronous Step-Down Controller
More results

Similar Description - LTC3851IMSE-1-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3851-1 LINER-LTC3851-1_15 Datasheet
362Kb / 28P
   Synchronous Step-Down Switching Regulator Controller
LTC3851 LINER-LTC3851 Datasheet
320Kb / 28P
   Synchronous Step-Down Switching Regulator Controller
LTC3851A-1 LINER-LTC3851A-1_15 Datasheet
436Kb / 30P
   Synchronous Step-Down Switching Regulator Controller
LTC3851A LINER-LTC3851A_15 Datasheet
440Kb / 30P
   Synchronous Step-Down Switching Regulator Controller
LTC3851 LINER-LTC3851_15 Datasheet
335Kb / 28P
   Synchronous Step-Down Switching Regulator Controller
logo
Rohm
BD9610AMUV ROHM-BD9610AMUV Datasheet
1Mb / 30P
   60V Synchronous Step-down Switching Regulator(Controller type)
logo
Seiko Instruments Inc
S8533 SII-S8533 Datasheet
1Mb / 33P
   STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
logo
Rohm
BD9610AMUV-E2 ROHM-BD9610AMUV-E2 Datasheet
1Mb / 30P
   60V Synchronous Step-down Switching Regulator(Controller type)
logo
ABLIC Inc.
S-8533 ABLIC-S-8533 Datasheet
488Kb / 33P
   STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.3.0_02
logo
Seiko Instruments Inc
S-8533 SII-S-8533 Datasheet
410Kb / 31P
   STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com