Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3850EGN-1-PBF Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3850EGN-1-PBF
Description  Dual, 2-Phase Synchronous Step-Down Switching Controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3850EGN-1-PBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3850EGN-1-PBF Datasheet HTML 2Page - Linear Technology LTC3850EGN-1-PBF Datasheet HTML 3Page - Linear Technology LTC3850EGN-1-PBF Datasheet HTML 4Page - Linear Technology LTC3850EGN-1-PBF Datasheet HTML 5Page - Linear Technology LTC3850EGN-1-PBF Datasheet HTML 6Page - Linear Technology LTC3850EGN-1-PBF Datasheet HTML 7Page - Linear Technology LTC3850EGN-1-PBF Datasheet HTML 8Page - Linear Technology LTC3850EGN-1-PBF Datasheet HTML 9Page - Linear Technology LTC3850EGN-1-PBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
LTC3850/LTC3850-1
6
38501fb
TYPICAL PERFORMANCE CHARACTERISTICS
Load Step
(Burst Mode Operation)
Load Step
(Forced Continuous Mode)
Load Step
(Pulse-Skipping Mode)
Inductor Current at Light Load
Coincident Tracking
Prebiased Output at 2V
40μs/DIV
VOUT
100mV/DIV
AC COUPLED
IL
2A/DIV
ILOAD
2A/DIV
200mA TO 2.5A
38501 G04
CIRCUIT OF FIGURE 14
VIN = 12V, VOUT = 1.8V
40μs/DIV
CIRCUIT OF FIGURE 14
VIN = 12V, VOUT = 1.8V
IL
2A/DIV
ILOAD
2A/DIV
200mA TO 2.5A
VOUT
100mV/DIV
AC COUPLED
38501 G05
40μs/DIV
IL
2A/DIV
ILOAD
2A/DIV
200mA TO 2.5A
VOUT
100mV/DIV
AC COUPLED
38501 G06
CIRCUIT OF FIGURE 14
VIN = 12V, VOUT = 1.8V
1μs/DIV
Burst Mode
OPERATION
2A/DIV
FORCED
CONTINUOUS
MODE
2A/DIV
PULSE-SKIPPING
MODE
2A/DIV
38501 G07
CIRCUIT OF FIGURE 14
VIN = 12V, VOUT = 1.8V
ILOAD = 100μA
2.5ms/DIV
VOUT
2V/DIV
VFB
500mV/DIV
38501 G08
VTK/SS
500mV/DIV
1ms/DIV
RUN1
2V/DIV
VOUT1, 3.3V
3Ω LOAD, 1V/DIV
VOUT2, 1.8V
1.5Ω LOAD
1V/DIV
38501 G09


Similar Part No. - LTC3850EGN-1-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3850EGN-1PBF LINER-LTC3850EGN-1PBF Datasheet
595Kb / 38P
   Dual, 2-Phase Synchronous Step-Down Switching Controller
More results

Similar Description - LTC3850EGN-1-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3850 LINER-LTC3850_15 Datasheet
595Kb / 38P
   Dual, 2-Phase Synchronous Step-Down Switching Controller
LTC3850-2 LINER-LTC3850-2 Datasheet
401Kb / 36P
   Dual, 2-Phase Synchronous Step-Down Switching Controller
LTC3850-2 LINER-LTC3850-2_15 Datasheet
413Kb / 36P
   Dual, 2-Phase Synchronous Step-Down Switching Controller
LTC3850EUFDTRPBF LINER-LTC3850EUFDTRPBF Datasheet
595Kb / 38P
   Dual, 2-Phase Synchronous Step-Down Switching Controller
LTC3850-1 LINER-LTC3850-1_15 Datasheet
595Kb / 38P
   Dual, 2-Phase Synchronous Step-Down Switching Controller
LT3742 LINER-LT3742_15 Datasheet
317Kb / 26P
   Dual, 2-Phase Step-Down Switching Controller
LT3742 LINER-LT3742 Datasheet
283Kb / 24P
   Dual, 2-Phase Step-Down Switching Controller
LTC3827-1 LINER-LTC3827-1_15 Datasheet
452Kb / 32P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3826 LINER-LTC3826_15 Datasheet
479Kb / 36P
   30A IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3858-1 LINER-LTC3858-1_15 Datasheet
434Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com