Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV9120DEV-125.0M-1K Datasheet(PDF) 5 Page - Pletronics, Inc.

Part # LV9120DEV-125.0M-1K
Description  LVDS Clock Oscillators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

LV9120DEV-125.0M-1K Datasheet(HTML) 5 Page - Pletronics, Inc.

  LV9120DEV-125.0M-1K Datasheet HTML 1Page - Pletronics, Inc. LV9120DEV-125.0M-1K Datasheet HTML 2Page - Pletronics, Inc. LV9120DEV-125.0M-1K Datasheet HTML 3Page - Pletronics, Inc. LV9120DEV-125.0M-1K Datasheet HTML 4Page - Pletronics, Inc. LV9120DEV-125.0M-1K Datasheet HTML 5Page - Pletronics, Inc. LV9120DEV-125.0M-1K Datasheet HTML 6Page - Pletronics, Inc. LV9120DEV-125.0M-1K Datasheet HTML 7Page - Pletronics, Inc. LV9120DEV-125.0M-1K Datasheet HTML 8Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LV96/LV98 Series 3.3 V
LVDS Clock Oscillators
January 2008
www.pletronics.com
425-776-1880
5
Reliability: Environmental Compliance
Parameter
Condition
Mechanical Shock
MIL-STD-883 Method 2002, Condition B
Vibration
MIL-STD-883 Method 2007, Condition A
Solderability
MIL-STD-883 Method 2003
Thermal Shock
MIL-STD-883 Method 1011, Condition A
ESD Rating
Model
Minimum Voltage
Conditions
Human Body Model
1500
MIL-STD-883 Method 3115
Charged Device Model
1000
JESD 22-C101
Package Labeling
Label is 1" x 2.6" (25.4mm x 66.7mm)
Label is 1" x 2.6" (25.4mm x 66.7mm)
Font is Courier New
Font is Arial
Bar code is 39-Full ASCII
(The part number will show as LV96xx or LV98xx)
Layout and application information
For Optimum Jitter Performance, Pletronics recommends:
a ground plane under the device
no large transient signals (both current and voltage) should be routed under the device
do not layout near a large magnetic field such as a high frequency switching power supply
do not place near piezoelectric buzzers or mechanical fans.
As much ground plane and thermal paths that can be realized under and to the side of the part is desired
.


Similar Part No. - LV9120DEV-125.0M-1K

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV9005 SANYO-LV9005 Datasheet
202Kb / 7P
   Optical Sensor Switch IC
LV9005M SANYO-LV9005M Datasheet
202Kb / 7P
   Optical Sensor Switch IC
logo
Pletronics, Inc.
LV9320DEV-375.0M PLETRONICS-LV9320DEV-375.0M Datasheet
116Kb / 8P
   LVDS Clock Oscillators
LV9320DEV-375.0M-1K PLETRONICS-LV9320DEV-375.0M-1K Datasheet
116Kb / 8P
   LVDS Clock Oscillators
LV9320DEV-375.0M-T250 PLETRONICS-LV9320DEV-375.0M-T250 Datasheet
116Kb / 8P
   LVDS Clock Oscillators
More results

Similar Description - LV9120DEV-125.0M-1K

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
LV7745DEX PLETRONICS-LV7745DEX Datasheet
149Kb / 8P
   LVDS Clock Oscillators
LV7745DEW PLETRONICS-LV7745DEW Datasheet
148Kb / 8P
   LVDS Clock Oscillators
LV1145BEV PLETRONICS-LV1145BEV Datasheet
129Kb / 8P
   LVDS Clock Oscillators
LV7845DEV PLETRONICS-LV7845DEV Datasheet
161Kb / 8P
   LVDS Clock Oscillators
LV7645DEV PLETRONICS-LV7645DEV Datasheet
160Kb / 8P
   LVDS Clock Oscillators
LV7745DEV PLETRONICS-LV7745DEV Datasheet
148Kb / 8P
   LVDS Clock Oscillators
LV9345DEV PLETRONICS-LV9345DEV Datasheet
116Kb / 8P
   LVDS Clock Oscillators
LV5545DEW PLETRONICS-LV5545DEW Datasheet
110Kb / 8P
   LVDS Clock Oscillators
LV5545DEV PLETRONICS-LV5545DEV Datasheet
109Kb / 8P
   LVDS Clock Oscillators
LV7X45DEW PLETRONICS-LV7X45DEW Datasheet
200Kb / 9P
   LVDS Clock Oscillators
LV8845DEV-D PLETRONICS-LV8845DEV-D Datasheet
149Kb / 8P
   LVDS Clock Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com