Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV1145BV Datasheet(PDF) 3 Page - Pletronics, Inc.

Part # LV1145BV
Description  6 Pad Leadless Surface Mount Oscillator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

LV1145BV Datasheet(HTML) 3 Page - Pletronics, Inc.

  LV1145BV Datasheet HTML 1Page - Pletronics, Inc. LV1145BV Datasheet HTML 2Page - Pletronics, Inc. LV1145BV Datasheet HTML 3Page - Pletronics, Inc. LV1145BV Datasheet HTML 4Page - Pletronics, Inc. LV1145BV Datasheet HTML 5Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LV1145B LVDS Series
Mechanical:
not to scale
inches (mm)
Solder Pads
(425) 776 -1880, Fax: (425) 776-2760, ple-sales@pletronics.com, www.pletronics.com
5A
Pl tronics, Inc.
Due to part size and factory abilities, part marking may vary from lot to lot and may contain our part number or an internal code.
Pl tronics, Inc.
19013 36th Ave. W, Suite H Lynnwood, WA 98036 USA
Manufacturer of High Quality Frequency Control Products
.
Jun 2004
0.055
(1.4)
0.200 (5.08)
1
3
4
2
5
6
0 .145
(3.68)
0.560 (14.23) MAX
0.125 (3.17)
MAX
0.200 (5.08)
1
2
3
4
5
6
1
N.C.
2
E/D
3
GND
4
VoD+
5
VoD-
6
Vcc
PIN
SIGNAL
1
E/D
2
N.C.
3
GND
4
VoD+
5
VoD-
6
Vcc
PIN
SIGNAL
1
E/D
2
E/D
3
GND
4
VoD+
5
VoD-
6
Vcc
PIN
SIGNAL
LV1145B
LV3345B
LV3745B
1.50 - 650.0 MHz
120.0 - 650.0 MHz (5.0 Vcc - May not be available)
180.0 - 650.0 MHz (3.3 Vcc)
1
N.C.
2
E/D
3
GND
4
VoD+
5
VoD-
6
Vcc
PIN
SIGNAL
1
E/D
2
N.C.
3
GND
4
VoD+
5
VoD-
6
Vcc
PIN
SIGNAL
1
E/D
2
E/D
3
GND
4
VoD+
5
VoD-
6
Vcc
PIN
SIGNAL
LV1145B
LV3345B
LV3745B
1.50 - 650.0 MHz
120.0 - 650.0 MHz (5.0 Vcc - May not be available)
180.0 - 650.0 MHz (3.3 Vcc)
See page 6 for Layout Guidelines
Due to part size and factory abilities, part marking may vary from lot to lot
and may contain our part number or an internal code.
LV11BX
100.000M
PLE EV
YYWWX
LV33BX
53.125M
PLE EV
YYWWX
LV37BX
50.000M
PLE EV
YYWWX
Marking Examples and Explanation
LV11B, LV33B, LV37B = Model Code
X = Frequency Stability
Frequency in MHz
PLE = Pletronics
EV = Applicable Specs (some internal)
YYWWX = Date Code
0.055
(1.4)
0.200 (5.08)
1
3
4
2
5
6
0 .145
(3.68)
0.560 (14.23) MAX
0.125 (3.17)
MAX
0.200 (5.08)
1
2
3
4
5
6


Similar Part No. - LV1145BV

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
LV1145BV-125.0M PLETRONICS-LV1145BV-125.0M Datasheet
129Kb / 8P
   LVDS Clock Oscillators
LV1145BV-125.0M-1K PLETRONICS-LV1145BV-125.0M-1K Datasheet
129Kb / 8P
   LVDS Clock Oscillators
LV1145BV-125.0M-T250 PLETRONICS-LV1145BV-125.0M-T250 Datasheet
129Kb / 8P
   LVDS Clock Oscillators
LV1145BV-125.0M-T500 PLETRONICS-LV1145BV-125.0M-T500 Datasheet
129Kb / 8P
   LVDS Clock Oscillators
More results

Similar Description - LV1145BV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PE2245B ETC1-PE2245B Datasheet
41Kb / 1P
   10 Pad Leadless Surface Mount Clock Oscillator,see PE1145B for 6Pad
PVM5VBV ETC1-PVM5VBV Datasheet
48Kb / 2P
   6 Pad Leadless Surface Mount or 4 Lead Thru-Hole PECL Voltage Controlled Xtal Oscillator
logo
Connor-Winfield Corpora...
MSD611 CONNOR-WINFIELD-MSD611 Datasheet
210Kb / 2P
   LEADLESS SURFACE MOUNT HCMOS CLOCK OSCILLATOR
MSD621 CONNOR-WINFIELD-MSD621 Datasheet
203Kb / 2P
   LEADLESS SURFACE MOUNT HCMOS CLOCK OSCILLATOR
MSD641 CONNOR-WINFIELD-MSD641 Datasheet
210Kb / 2P
   LEADLESS SURFACE MOUNT HCMOS CLOCK OSCILLATOR
MSD631 CONNOR-WINFIELD-MSD631 Datasheet
203Kb / 2P
   LEADLESS SURFACE MOUNT HCMOS CLOCK OSCILLATOR
logo
CTS Corporation
753 CTS-753 Datasheet
234Kb / 6P
   Leadless Surface Mount
logo
Microsemi Corporation
1N4614UR-1 MICROSEMI-1N4614UR-1 Datasheet
122Kb / 2P
   LEADLESS PACKAGE FOR SURFACE MOUNT
1N746AUR-1 MICROSEMI-1N746AUR-1 Datasheet
44Kb / 2P
   LEADLESS PACKAGE FOR SURFACE MOUNT
BZV55C7V5 MICROSEMI-BZV55C7V5 Datasheet
24Kb / 1P
   LEADLESS PACKAGE FOR SURFACE MOUNT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com