Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3835EGN-1 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3835EGN-1
Description  Low IQ Synchronous Step-Down Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3835EGN-1 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3835EGN-1 Datasheet HTML 5Page - Linear Technology LTC3835EGN-1 Datasheet HTML 6Page - Linear Technology LTC3835EGN-1 Datasheet HTML 7Page - Linear Technology LTC3835EGN-1 Datasheet HTML 8Page - Linear Technology LTC3835EGN-1 Datasheet HTML 9Page - Linear Technology LTC3835EGN-1 Datasheet HTML 10Page - Linear Technology LTC3835EGN-1 Datasheet HTML 11Page - Linear Technology LTC3835EGN-1 Datasheet HTML 12Page - Linear Technology LTC3835EGN-1 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
LTC3835
9
3835fc
PHASMD (Pin 20/Pin 18): Control Input to Phase Selector
which determines the phase relationships between TG and
the CLKOUT signal.
PIN FUNCTIONS (FE Package/UFD Package)
Exposed Pad (Pin 21/Pin 21): SGND. Must be soldered
to the PCB.
FUNCTIONAL DIAGRAM
SWITCH
LOGIC
+
4.7V
VIN
VIN
INTVCC-0.5V
INTVCC
0.8V
FC
10k
BURSTEN
CLK
+
+
+
+
INTERNAL
SUPPLY
RLP
CLP
PLLIN/MODE
EXTVCC
INTVCC
SGND
+
5.25V/
7.5V
LDO
SW
SHDN
SLEEP
0.4V
TOP
BOOST
TG
CB
CIN
D
DB
PGND
BOT
BG
INTVCC
INTVCC
VIN
COUT
VOUT
3835 FD
RSENSE
RB
VFB
DROP
OUT
DET
BOT
TOP ON
S
R
Q
Q
OSCILLATOR
PHASE DET
PLLLPF
PLLIN/
MODE
FC
BURSTEN
EA
0.88V
0.80V
TRACK/SS
OV
VFB
0.5μA
1μA
6V
RA
+
RC
TRACK/SS
ITH
CC
CC2
CSS
2(VFB)
0.45V
SLOPE
COMP
6mV
+
+
SENSE
SENSE+
ICMP
IR
B
RUN
+
+
PHASMD
CLKOUT
FIN
+
+
PGOOD
VFB1
0.88V
0.72V
L
SHDN


Similar Part No. - LTC3835EGN-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3835EGN-1 LINER-LTC3835EGN-1 Datasheet
299Kb / 28P
   Low IQ Synchronous Step-Down Controller
LTC3835EGN-1-PBF LINER-LTC3835EGN-1-PBF Datasheet
299Kb / 28P
   Low IQ Synchronous Step-Down Controller
LTC3835EGN-1-TR LINER-LTC3835EGN-1-TR Datasheet
299Kb / 28P
   Low IQ Synchronous Step-Down Controller
LTC3835EGN-1-TRPBF LINER-LTC3835EGN-1-TRPBF Datasheet
299Kb / 28P
   Low IQ Synchronous Step-Down Controller
More results

Similar Description - LTC3835EGN-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3835-1 LINER-LTC3835-1 Datasheet
299Kb / 28P
   Low IQ Synchronous Step-Down Controller
LTC3835EUFD LINER-LTC3835EUFD Datasheet
1Mb / 30P
   Low IQ Synchronous Step-Down Controller
LTC3835-1 LINER-LTC3835-1_15 Datasheet
297Kb / 28P
   Low IQ Synchronous Step-Down Controller
LTC3835 LINER-LTC3835_15 Datasheet
418Kb / 30P
   Low IQ Synchronous Step-Down Controller
LTC3891 LINER-LTC3891_15 Datasheet
680Kb / 32P
   Low IQ, 60V Synchronous Step-Down Controller
LTC3834 LINER-LTC3834_15 Datasheet
780Kb / 30P
   30A IQ Synchronous Step-Down Controller
LTC3834-1 LINER-LTC3834-1_15 Datasheet
298Kb / 28P
   30A IQ Synchronous Step-Down Controller
LTC3827-1 LINER-LTC3827-1_15 Datasheet
452Kb / 32P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3858-1 LINER-LTC3858-1_15 Datasheet
434Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3868 LINER-LTC3868_15 Datasheet
402Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com