Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3836 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3836
Description  Dual 2-Phase, No RSENSETM Low VIN Synchronous Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3836 Datasheet(HTML) 1 Page - Linear Technology

  LTC3836 Datasheet HTML 1Page - Linear Technology LTC3836 Datasheet HTML 2Page - Linear Technology LTC3836 Datasheet HTML 3Page - Linear Technology LTC3836 Datasheet HTML 4Page - Linear Technology LTC3836 Datasheet HTML 5Page - Linear Technology LTC3836 Datasheet HTML 6Page - Linear Technology LTC3836 Datasheet HTML 7Page - Linear Technology LTC3836 Datasheet HTML 8Page - Linear Technology LTC3836 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LTC3836
1
3836fa
FEATURES
APPLICATIONS
DESCRIPTION
Dual 2-Phase,
No RSENSETM Low VIN
Synchronous Controller
The LTC®3836 is a 2-phase dual output synchronous
step-down switching regulator controller with tracking
that drives external N-channel power MOSFETs using few
external components. The constant-frequency current
mode architecture with MOSFET VDS sensing eliminates
the need for sense resistors and improves efficiency.
The power loss and noise due to the ESR of the input
capacitance are minimized by operating the two control-
lers out-of-phase. Pulse-skipping operation provides high
efficiency at light loads. The 97% duty cycle capability
provides low dropout operation, extending operating time
in battery-powered systems.
The operating frequency is selectable from 300kHz to
750kHz, allowing the use of small surface mount induc-
tors and capacitors. For noise sensitive applications, the
LTC3836 operating frequency can be externally synchro-
nized from 250kHz to 850kHz.
The LTC3836 features an internal 1ms soft-start that can
be extended with an external capacitor. A tracking input al-
lows the second output to track the first during start-up.
The LTC3836 is available in the tiny thermally enhanced
(4mm × 5mm) QFN and 28-lead narrow SSOP packages.
High Efficiency, 2-Phase, Dual Synchronous DC/DC Step-Down Converter
n No Current Sense Resistors Required
n Out-of-Phase Controllers Reduce Required Input
Capacitance
n All N-Channel Synchronous Drive
n VIN Range: 2.75V to 4.5V
n Constant-Frequency Current Mode Operation
n 0.6V ±1.5% Voltage Reference
n Low Dropout Operation: 97% Duty Cycle
n True PLL for Frequency Locking or Adjustment
n Selectable Pulse-Skipping/Continuous Operation
n Tracking Function
n Internal Soft-Start Circuitry
n Power Good Output Voltage Monitor
n Output Overvoltage Protection
n Micropower Shutdown: IQ = 6.5μA
n Tiny Low Profile (4mm × 5mm) QFN and Narrow
SSOP Packages
n General Purpose 3.3V to 1.X Supplies
n Single Lithium-Ion Powered Devices
n Distributed DC Power Systems
SENSE1+
VIN
LTC3836
SGND
SENSE2+
BOOST1
BOOST2
TG1
TG2
SW1
SW2
BG1
BG2
PGND
VFB1
VFB2
820pF
VOUT1
1.8V AT
15A
VOUT2
1.2V AT
15A
100μF
× 2
100μF
× 2
15k
820pF
15k
59k
59k
118k
59k
0.47μH
0.47μH
ITH1
3836 TA01
ITH2
22μF
× 3
VIN
3.3V
Efficiency/Power Loss vs Load Current
LOAD CURRENT (mA)
30
90
100
20
10
80
50
70
60
40
100
1000
100000
10000
3836 TA01b
0
10000
10
100
1000
1
10
3.3V-1.2V
POWER LOSS
CIRCUIT OF FIGURE 15
3.3V-1.2V
EFFICIENCY
3.3V-1.8V
EFFICIENCY
3.3V-1.8V
POWER LOSS
TYPICAL APPLICATION
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation. No RSENSE
is a trademark of Linear Technology Corporation. All other trademarks are the property of their
respective owners. Protected by U.S. Patents including 5481178, 5929620, 6144194, 6304066,
6498466, 6580258, 6611131.


Similar Part No. - LTC3836

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3836 LINER-LTC3836 Datasheet
424Kb / 32P
   Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3836 LINER-LTC3836_15 Datasheet
468Kb / 30P
   Dual 2-Phase, No RSENSETM Low VIN Synchronous Controller
More results

Similar Description - LTC3836

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3836 LINER-LTC3836_15 Datasheet
468Kb / 30P
   Dual 2-Phase, No RSENSETM Low VIN Synchronous Controller
LTC3822 LINER-LTC3822 Datasheet
237Kb / 20P
   No RSENSETM, Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3809-1 LINER-LTC3809-1 Datasheet
260Kb / 24P
   No RSENSETM, Low Input Voltage, Synchronous DC/DC Controller with Output Tracking
LTC3736 LINER-LTC3736 Datasheet
348Kb / 28P
   Dual 2-Phase, No RSENSE Synchronous Controller with Output Tracking
LTC3736-1 LINER-LTC3736-1 Datasheet
528Kb / 28P
   Dual 2-Phase, No RSENSE Synchronous Controller with Spread Spectrum
LTC3736-1 LINER-LTC3736-1_15 Datasheet
534Kb / 28P
   Dual 2-Phase, No RSENSE, Synchronous Controller with Spread Spectrum
LTC3736 LINER-LTC3736_15 Datasheet
441Kb / 28P
   Dual 2-Phase, No RSENSE, Synchronous Controller with Output Tracking
LTC3736-2 LINER-LTC3736-2 Datasheet
417Kb / 28P
   Dual 2-Phase, No RSENSE Synchronous Controller with Output Tracking
LTC3736-2 LINER-LTC3736-2_15 Datasheet
354Kb / 28P
   Dual 2-Phase, No RSENSE, Synchronous Controller with Output Tracking
LTC3827-1 LINER-LTC3827-1_15 Datasheet
452Kb / 32P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com