Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3835EDHC-1 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3835EDHC-1
Description  Low IQ Synchronous Step-Down Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3835EDHC-1 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3835EDHC-1 Datasheet HTML 6Page - Linear Technology LTC3835EDHC-1 Datasheet HTML 7Page - Linear Technology LTC3835EDHC-1 Datasheet HTML 8Page - Linear Technology LTC3835EDHC-1 Datasheet HTML 9Page - Linear Technology LTC3835EDHC-1 Datasheet HTML 10Page - Linear Technology LTC3835EDHC-1 Datasheet HTML 11Page - Linear Technology LTC3835EDHC-1 Datasheet HTML 12Page - Linear Technology LTC3835EDHC-1 Datasheet HTML 13Page - Linear Technology LTC3835EDHC-1 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LTC3835
10
3835fc
OPERATION (Refer to Functional Diagram)
Main Control Loop
The LTC3835 uses a constant-frequency, current mode
step-down architecture. During normal operation, the
external top MOSFET is turned on when the clock sets the
RS latch, and is turned off when the main current compara-
tor, ICMP, resets the RS latch. The peak inductor current
at which ICMP trips and resets the latch is controlled by
the voltage on the ITH pin, which is the output of the error
amplifier EA. The error amplifier compares the output volt-
age feedback signal at the VFB pin, (which is generated with
an external resistor divider connected across the output
voltage, VOUT, to ground) to the internal 0.800V reference
voltage. When the load current increases, it causes a slight
decrease in VFB relative to the reference, which cause the
EA to increase the ITH voltage until the average inductor
current matches the new load current.
After the top MOSFET is turned off each cycle, the bottom
MOSFET is turned on until either the inductor current starts
to reverse, as indicated by the current comparator IR, or
the beginning of the next clock cycle.
INTVCC/EXTVCC Power
Power for the top and bottom MOSFET drivers and most
other internal circuitry is derived from the INTVCC pin.
When the EXTVCC pin is left open or tied to a voltage less
than 4.7V, an internal 5.25V low dropout linear regulator
supplies INTVCC power from VIN. If EXTVCC is taken above
4.7V, the 5.25V regulator is turned off and a 7.5V low
dropout linear regulator is enabled that supplies INTVCC
power from EXTVCC. If EXTVCC is less than 7.5V (but
greater than 4.7V), the 7.5V regulator is in dropout and
INTVCC is approximately equal to EXTVCC. When EXTVCC
is greater than 7.5V (up to an absolute maximum rating
of 10V), INTVCC is regulated to 7.5V. Using the EXTVCC
pin allows the INTVCC power to be derived from a high
efficiency external source such as one of the LTC3835
switching regulator outputs.
The top MOSFET driver is biased from the floating bootstrap
capacitor CB, which normally recharges during each off
cycle through an external diode when the top MOSFET
turns off. If the input voltage VIN decreases to a voltage
close to VOUT, the loop may enter dropout and attempt
to turn on the top MOSFET continuously. The dropout
detector detects this and forces the top MOSFET off for
about one twelfth of the clock period every tenth cycle to
allow CB to recharge.
Shutdown and Start-Up (RUN and TRACK/SS Pins)
The LTC3835 can be shut down using the RUN pin. Pulling
this pin below 0.7V shuts down the main control loop of the
controller. A low disables the controller and most internal
circuits, including the INTVCC regulator, at which time the
LTC3835 draws only 10μA of quiescent current.
Releasing the RUN pin allows an internal 0.5μA current
to pull up the pin and enable that controller. Alternatively,
the RUN pin may be externally pulled up or driven directly
by logic. Be careful not to exceed the Absolute Maximum
rating of 7V on this pin.
The start-up of the output voltage VOUT is controlled by
the voltage on the TRACK/SS pin. When the voltage on
the TRACK/SS pin is less than the 0.8V internal reference,
the LTC3835 regulates the VFB voltage to the TRACK/SS
pin voltage instead of the 0.8V reference. This allows
the TRACK/SS pin to be used to program a soft start by
connecting an external capacitor from the TRACK/SS pin
to SGND. An internal 1μA pull-up current charges this
capacitor creating a voltage ramp on the TRACK/SS pin.
As the TRACK/SS voltage rises linearly from 0V to 0.8V
(and beyond), the output voltage VOUT rises smoothly
from zero to its final value.
Alternatively the TRACK/SS pin can be used to cause the
start-up of VOUT to “track” that of another supply. Typically,
this requires connecting to the TRACK/SS pin an external
resistor divider from the other supply to ground (see
Applications Information section).
When the RUN pin is pulled low to disable the LTC3835, or
when VIN drops below its undervoltage lockout threshold
of 3.5V, the TRACK/SS pin is pulled low by an internal
MOSFET. When in undervoltage lockout, the controller is
disabled and the external MOSFETs are held off.


Similar Part No. - LTC3835EDHC-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3835EDHC-1 LINER-LTC3835EDHC-1 Datasheet
299Kb / 28P
   Low IQ Synchronous Step-Down Controller
LTC3835EDHC-1-PBF LINER-LTC3835EDHC-1-PBF Datasheet
299Kb / 28P
   Low IQ Synchronous Step-Down Controller
LTC3835EDHC-1-TR LINER-LTC3835EDHC-1-TR Datasheet
299Kb / 28P
   Low IQ Synchronous Step-Down Controller
LTC3835EDHC-1-TRPBF LINER-LTC3835EDHC-1-TRPBF Datasheet
299Kb / 28P
   Low IQ Synchronous Step-Down Controller
More results

Similar Description - LTC3835EDHC-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3835-1 LINER-LTC3835-1 Datasheet
299Kb / 28P
   Low IQ Synchronous Step-Down Controller
LTC3835EUFD LINER-LTC3835EUFD Datasheet
1Mb / 30P
   Low IQ Synchronous Step-Down Controller
LTC3835-1 LINER-LTC3835-1_15 Datasheet
297Kb / 28P
   Low IQ Synchronous Step-Down Controller
LTC3835 LINER-LTC3835_15 Datasheet
418Kb / 30P
   Low IQ Synchronous Step-Down Controller
LTC3891 LINER-LTC3891_15 Datasheet
680Kb / 32P
   Low IQ, 60V Synchronous Step-Down Controller
LTC3834 LINER-LTC3834_15 Datasheet
780Kb / 30P
   30A IQ Synchronous Step-Down Controller
LTC3834-1 LINER-LTC3834-1_15 Datasheet
298Kb / 28P
   30A IQ Synchronous Step-Down Controller
LTC3827-1 LINER-LTC3827-1_15 Datasheet
452Kb / 32P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3858-1 LINER-LTC3858-1_15 Datasheet
434Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3868 LINER-LTC3868_15 Datasheet
402Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com