Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3835IDHC-1-TRPBF Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3835IDHC-1-TRPBF
Description  Low IQ Synchronous Step-Down Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3835IDHC-1-TRPBF Datasheet(HTML) 1 Page - Linear Technology

  LTC3835IDHC-1-TRPBF Datasheet HTML 1Page - Linear Technology LTC3835IDHC-1-TRPBF Datasheet HTML 2Page - Linear Technology LTC3835IDHC-1-TRPBF Datasheet HTML 3Page - Linear Technology LTC3835IDHC-1-TRPBF Datasheet HTML 4Page - Linear Technology LTC3835IDHC-1-TRPBF Datasheet HTML 5Page - Linear Technology LTC3835IDHC-1-TRPBF Datasheet HTML 6Page - Linear Technology LTC3835IDHC-1-TRPBF Datasheet HTML 7Page - Linear Technology LTC3835IDHC-1-TRPBF Datasheet HTML 8Page - Linear Technology LTC3835IDHC-1-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LTC3835-1
1
38351fc
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Low IQ Synchronous
Step-Down Controller
L, LT, LTC, LTM, Burst Mode, and OPTI-LOOP are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
Protected by U.S. Patents, including 5408150, 5481178, 5705919, 5929620, 6304066,
6498466, 6580258, 6611131.
High Efficiency Step-Down Converter
Efficiency and Power Loss
vs Load Current
n Wide Output Voltage Range: 0.8V ≤ VOUT ≤ 10V
n Low Operating IQ: 80μA
n OPTI-LOOP
® Compensation Minimizes COUT
n ±1% Output Voltage Accuracy
n Wide VIN Range: 4V to 36V Operation
n Phase-Lockable Fixed Frequency 140kHz to 650kHz
n Dual N-Channel MOSFET Synchronous Drive
n Very Low Dropout Operation: 99% Duty Cycle
n Adjustable Output Voltage Soft-Start or Tracking
n Output Current Foldback Limiting
n Output Overvoltage Protection
n Low Shutdown IQ: 10μA
n Selectable Continuous, Pulse-Skipping or
Burst Mode
® Operation at Light Loads
n Small 16-Lead Narrow SSOP or 3mm
× 5mm
DFN Package
n Automotive Systems
n Telecom Systems
n Battery-Operated Digital Devices
n Distributed DC Power Systems
The LTC
®3835-1 is a high performance step-down switch-
ing regulator controller that drives an all N-channel synchro-
nous power MOSFET stage. A constant-frequency current
mode architecture allows a phase-lockable frequency of
up to 650kHz.
The 80μA no-load quiescent current extends operating
life in battery powered systems. OPTI-LOOP compensa-
tion allows the transient response to be optimized over
a wide range of output capacitance and ESR values. The
LTC3835-1 features a precision 0.8V reference and a power
good output indicator. The 4V to 36V input supply range
encompasses a wide range of battery chemistries.
The TRACK/SS pin ramps the output voltage during start-
up. Current foldback limits MOSFET heat dissipation during
short-circuit conditions.
Comparison of LTC3835 and LTC3835-1
PART #
CLKOUT/
PHASMD
EXTVCC
PGOOD
PACKAGES
LTC3835
YES
YES
YES
FE20/4
× 5 QFN
LTC3835-1
NO
NO
NO
GN16/3
× 5 DFN
VOUT
3.3V
5A
150μF
0.01μF
VIN
4V TO 36V
ITH
SGND
PLLIN/MODE
VFB
SENSE+
SENSE
PLLLPF
RUN
TRACK/SS
INTVCC
BG
PGND
LTC3835-1
3.3μH
0.012Ω
20k
38351 TA01
100pF
330pF
33k
62.5k
4.7μF
0.22μF
TG
VIN
BOOST
SW
10μF
LOAD CURRENT (mA)
0.01
0.1
1
10
100
1000 10000
38351 TA01b
0.001
1
10
1000
100
0.1
100000
10000
40
50
60
70
80
30
20
10
0
90
100
POWER LOSS
EFFICIENCY
VIN = 12V; VOUT = 3.3V


Similar Part No. - LTC3835IDHC-1-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3835IDHC-1-TRPBF LINER-LTC3835IDHC-1-TRPBF Datasheet
323Kb / 28P
   Low IQ Synchronous Step-Down Controller
More results

Similar Description - LTC3835IDHC-1-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3835 LINER-LTC3835 Datasheet
323Kb / 28P
   Low IQ Synchronous Step-Down Controller
LTC3835EUFD LINER-LTC3835EUFD Datasheet
1Mb / 30P
   Low IQ Synchronous Step-Down Controller
LTC3835-1 LINER-LTC3835-1_15 Datasheet
297Kb / 28P
   Low IQ Synchronous Step-Down Controller
LTC3835 LINER-LTC3835_15 Datasheet
418Kb / 30P
   Low IQ Synchronous Step-Down Controller
LTC3891 LINER-LTC3891_15 Datasheet
680Kb / 32P
   Low IQ, 60V Synchronous Step-Down Controller
LTC3834 LINER-LTC3834_15 Datasheet
780Kb / 30P
   30A IQ Synchronous Step-Down Controller
LTC3834-1 LINER-LTC3834-1_15 Datasheet
298Kb / 28P
   30A IQ Synchronous Step-Down Controller
LTC3827-1 LINER-LTC3827-1_15 Datasheet
452Kb / 32P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3858-1 LINER-LTC3858-1_15 Datasheet
434Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3868 LINER-LTC3868_15 Datasheet
402Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com