Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3835IGN-1 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3835IGN-1
Description  Low IQ Synchronous Step-Down Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3835IGN-1 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3835IGN-1 Datasheet HTML 6Page - Linear Technology LTC3835IGN-1 Datasheet HTML 7Page - Linear Technology LTC3835IGN-1 Datasheet HTML 8Page - Linear Technology LTC3835IGN-1 Datasheet HTML 9Page - Linear Technology LTC3835IGN-1 Datasheet HTML 10Page - Linear Technology LTC3835IGN-1 Datasheet HTML 11Page - Linear Technology LTC3835IGN-1 Datasheet HTML 12Page - Linear Technology LTC3835IGN-1 Datasheet HTML 13Page - Linear Technology LTC3835IGN-1 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LTC3835-1
10
38351fc
OPERATION (Refer to Functional Diagram)
Light Load Current Operation (Burst Mode Operation,
Pulse-Skipping, or Continuous Conduction)
(PLLIN/MODE Pin)
The LTC3835-1 can be enabled to enter high efficiency
Burst Mode operation, constant-frequency pulse-skipping
mode, or forced continuous conduction mode at low load
currents. To select Burst Mode operation, tie the PLLIN/
MODE pin to a DC voltage below 0.8V (e.g., SGND). To
select forced continuous operation, tie the PLLIN/MODE
pin to INTVCC. To select pulse-skipping mode, tie the
PLLIN/MODE pin to a DC voltage greater than 0.8V and
less than INTVCC – 0.5V.
When the LTC3835-1 is enabled for Burst Mode operation,
the peak current in the inductor is set to approximately
one-tenth of the maximum sense voltage even though the
voltage on the ITH pin indicates a lower value. If the aver-
age inductor current is lower than the load current, the
error amplifier EA will decrease the voltage on the ITH pin.
When the ITH voltage drops below 0.4V, the internal sleep
signal goes high (enabling “sleep” mode) and both external
MOSFETs are turned off. The ITH pin is then disconnected
from the output of the EA and “parked” at 0.425V.
In sleep mode, much of the internal circuitry is turned off,
reducing the quiescent current that the LTC3835-1 draws
to only 80μA. In sleep mode, the load current is supplied
by the output capacitor. As the output voltage decreases,
the EA’s output begins to rise. When the output voltage
drops enough, the ITH pin is reconnected to the output
of the EA, the sleep signal goes low, and the controller
resumes normal operation by turning on the top external
MOSFET on the next cycle of the internal oscillator.
When the LTC3835-1 is enabled for Burst Mode operation,
the inductor current is not allowed to reverse. The reverse
current comparator (IR) turns off the bottom external
MOSFET just before the inductor current reaches zero,
preventing it from reversing and going negative, thus
operating in discontinuous operation.
In forced continuous operation, the inductor current is
allowed to reverse at light loads or under large transient
conditions. The peak inductor current is determined by the
voltage on the ITH pin, just as in normal operation. In this
mode, the efficiency at light loads is lower than in Burst
Mode operation. However, continuous operation has the
advantages of lower output ripple and less interference
to audio circuitry. In forced continuous mode, the output
ripple is independent of load current.
When the PLLIN/MODE pin is connected for pulse-skip-
ping mode or clocked by an external clock source to
use the phase-locked loop (see Frequency Selection and
Phase-Locked Loop section), the LTC3835-1 operates in
PWM pulse-skipping mode at light loads. In this mode,
constant-frequency operation is maintained down to ap-
proximately 1% of designed maximum output current.
At very light loads, the current comparator ICMP may
remain tripped for several cycles and force the external top
MOSFET to stay off for the same number of cycles (i.e.,
skipping pulses). The inductor current is not allowed to
reverse (discontinuous operation). This mode, like forced
continuous operation, exhibits low output ripple as well as
low audio noise and reduced RF interference as compared
to Burst Mode operation. It provides higher low current
efficiency than forced continuous mode, but not nearly as
high as Burst Mode operation.
Frequency Selection and Phase-Locked Loop
(PLLLPF and PLLIN/MODE Pins)
The selection of switching frequency is a tradeoff between
efficiency and component size. Low frequency opera-
tion increases efficiency by reducing MOSFET switching
losses, but requires larger inductance and/or capacitance
to maintain low output ripple voltage.
The switching frequency of the LTC3835-1’s controllers
can be selected using the PLLLPF pin.
IfthePLLIN/MODEpinisnotbeingdrivenbyanexternalclock
source, the PLLLPF pin can be floated, tied to INTVCC, or tied
to SGND to select 400kHz, 530kHz or 250kHz, respectively.
A phase-locked loop (PLL) is available on the LTC3835-1
to synchronize the internal oscillator to an external clock
source that is connected to the PLLIN/MODE pin. In this
case, a series R-C should be connected between the
PLLLPF pin and SGND to serve as the PLL’s loop filter.
The LTC3835-1 phase detector adjusts the voltage on the
PLLLPF pin to align the turn-on of the external top MOSFET
to the rising edge of the synchronizing signal.


Similar Part No. - LTC3835IGN-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3835IGN-1 LINER-LTC3835IGN-1 Datasheet
323Kb / 28P
   Low IQ Synchronous Step-Down Controller
LTC3835IGN-1-PBF LINER-LTC3835IGN-1-PBF Datasheet
323Kb / 28P
   Low IQ Synchronous Step-Down Controller
LTC3835IGN-1-TR LINER-LTC3835IGN-1-TR Datasheet
323Kb / 28P
   Low IQ Synchronous Step-Down Controller
LTC3835IGN-1-TRPBF LINER-LTC3835IGN-1-TRPBF Datasheet
323Kb / 28P
   Low IQ Synchronous Step-Down Controller
More results

Similar Description - LTC3835IGN-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3835 LINER-LTC3835 Datasheet
323Kb / 28P
   Low IQ Synchronous Step-Down Controller
LTC3835EUFD LINER-LTC3835EUFD Datasheet
1Mb / 30P
   Low IQ Synchronous Step-Down Controller
LTC3835-1 LINER-LTC3835-1_15 Datasheet
297Kb / 28P
   Low IQ Synchronous Step-Down Controller
LTC3835 LINER-LTC3835_15 Datasheet
418Kb / 30P
   Low IQ Synchronous Step-Down Controller
LTC3891 LINER-LTC3891_15 Datasheet
680Kb / 32P
   Low IQ, 60V Synchronous Step-Down Controller
LTC3834 LINER-LTC3834_15 Datasheet
780Kb / 30P
   30A IQ Synchronous Step-Down Controller
LTC3834-1 LINER-LTC3834-1_15 Datasheet
298Kb / 28P
   30A IQ Synchronous Step-Down Controller
LTC3827-1 LINER-LTC3827-1_15 Datasheet
452Kb / 32P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3858-1 LINER-LTC3858-1_15 Datasheet
434Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3868 LINER-LTC3868_15 Datasheet
402Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com