Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3834IUFD-TRPBF Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3834IUFD-TRPBF
Description  30關A IQ Synchronous Step-Down Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3834IUFD-TRPBF Datasheet(HTML) 5 Page - Linear Technology

  LTC3834IUFD-TRPBF Datasheet HTML 1Page - Linear Technology LTC3834IUFD-TRPBF Datasheet HTML 2Page - Linear Technology LTC3834IUFD-TRPBF Datasheet HTML 3Page - Linear Technology LTC3834IUFD-TRPBF Datasheet HTML 4Page - Linear Technology LTC3834IUFD-TRPBF Datasheet HTML 5Page - Linear Technology LTC3834IUFD-TRPBF Datasheet HTML 6Page - Linear Technology LTC3834IUFD-TRPBF Datasheet HTML 7Page - Linear Technology LTC3834IUFD-TRPBF Datasheet HTML 8Page - Linear Technology LTC3834IUFD-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LTC3834
5
3834fb
TYPICAL PERFORMANCE CHARACTERISTICS
Load Step (Burst Mode Operation)
Load Step
(Forced Continuous Mode)
Load Step (Pulse Skipping Mode)
Inductor Current at Light Load
Soft Start-Up
Tracking Start-Up
Total Input Supply Current vs
Input Voltage
EXTVCC Switchover and INTVCC
Voltages vs Temperature
INTVCC Line Regulation
TA = 25°C, unless otherwise noted.
VOUT = 3.3V
FIGURE 11 CIRCUIT
VOUT
100mV/DIV
AC
COUPLED
3834 G04
20μs/DIV
IL
2A/DIV
VOUT = 3.3V
FIGURE 11 CIRCUIT
VOUT
100mV/DIV
AC
COUPLED
3834 G05
20μs/DIV
IL
2A/DIV
VOUT = 3.3V
FIGURE 11 CIRCUIT
VOUT
100mV/DIV
AC
COUPLED
3834 G06
20μs/DIV
IL
2A/DIV
VOUT = 3.3V
ILOAD = 100μA
FIGURE 11 CIRCUIT
FORCED
CONTINUOUS
MODE
3834 G07
2μs/DIV
2A/DIV
Burst Mode
OPERATION
PULSE
SKIPPING
MODE
3834 G08
20ms/DIV
FIGURE 11 CIRCUIT
VOUT
1V/DIV
3834 G09
20ms/DIV
FIGURE 11 CIRCUIT
MASTER
2V/DIV
VOUT
2V/DIV
INPUT VOLTAGE (V)
200
250
25
3834 G10
100
150
10
515
20
30
35
50
0
300
350
300μA LOAD
NO LOAD
FIGURE 11 CIRCUIT
TEMPERATURE (°C)
4.8
5.0
5.4
5.6
5.8
6.0
55
3834 G11
4.6
4.4
–5
–25
–45
15
35
75
95
4.2
4.0
5.2
INTVCC
EXTVCC RISING
EXTVCC FALLING
INPUT VOLTAGE (V)
5.2
5.4
5.5
30
3834 G12
5.1
15
10
5
020
25
35
40
5.0
5.3


Similar Part No. - LTC3834IUFD-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3834IDHC-1-PBF LINER-LTC3834IDHC-1-PBF Datasheet
301Kb / 28P
   30關A IQ Synchronous Step-Down Controller
LTC3834IDHC-1-TRPBF LINER-LTC3834IDHC-1-TRPBF Datasheet
301Kb / 28P
   30關A IQ Synchronous Step-Down Controller
LTC3834IGN-1-PBF LINER-LTC3834IGN-1-PBF Datasheet
301Kb / 28P
   30關A IQ Synchronous Step-Down Controller
LTC3834IGN-1-TRPBF LINER-LTC3834IGN-1-TRPBF Datasheet
301Kb / 28P
   30關A IQ Synchronous Step-Down Controller
More results

Similar Description - LTC3834IUFD-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3834-1 LINER-LTC3834-1 Datasheet
301Kb / 28P
   30關A IQ Synchronous Step-Down Controller
LTC3826 LINER-LTC3826 Datasheet
474Kb / 36P
   30關A IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3826-1 LINER-LTC3826-1 Datasheet
424Kb / 32P
   30關A IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3834 LINER-LTC3834_15 Datasheet
780Kb / 30P
   30A IQ Synchronous Step-Down Controller
LTC3835-1 LINER-LTC3835-1 Datasheet
299Kb / 28P
   Low IQ Synchronous Step-Down Controller
LTC3835 LINER-LTC3835 Datasheet
323Kb / 28P
   Low IQ Synchronous Step-Down Controller
LTC3834-1 LINER-LTC3834-1_15 Datasheet
298Kb / 28P
   30A IQ Synchronous Step-Down Controller
LTC3835EUFD LINER-LTC3835EUFD Datasheet
1Mb / 30P
   Low IQ Synchronous Step-Down Controller
LTC3835-1 LINER-LTC3835-1_15 Datasheet
297Kb / 28P
   Low IQ Synchronous Step-Down Controller
LTC3835 LINER-LTC3835_15 Datasheet
418Kb / 30P
   Low IQ Synchronous Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com