Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV7845DW-125.0M-T250 Datasheet(PDF) 3 Page - Pletronics, Inc.

Part # LV7845DW-125.0M-T250
Description  LVDS Clock Oscillators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

LV7845DW-125.0M-T250 Datasheet(HTML) 3 Page - Pletronics, Inc.

  LV7845DW-125.0M-T250 Datasheet HTML 1Page - Pletronics, Inc. LV7845DW-125.0M-T250 Datasheet HTML 2Page - Pletronics, Inc. LV7845DW-125.0M-T250 Datasheet HTML 3Page - Pletronics, Inc. LV7845DW-125.0M-T250 Datasheet HTML 4Page - Pletronics, Inc. LV7845DW-125.0M-T250 Datasheet HTML 5Page - Pletronics, Inc. LV7845DW-125.0M-T250 Datasheet HTML 6Page - Pletronics, Inc. LV7845DW-125.0M-T250 Datasheet HTML 7Page - Pletronics, Inc. LV7845DW-125.0M-T250 Datasheet HTML 8Page - Pletronics, Inc. LV7845DW-125.0M-T250 Datasheet HTML 9Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
LV76D / LV78D Series 2.5 V
LVDS Clock Oscillators
January 2008
www.pletronics.com
425-776-1880
3
Electrical Specification for 2.50V +
_10% over the specified temperature range
Item
Min
Max
Unit
Condition
Frequency Range
80
250
MHz
Frequency Accuracy “45"
-50
+50
ppm
For all supply voltages, load changes, aging for
1 year, shock, vibration and temperatures
44"
-25
+25
20"
-20
+20
Output Waveform
LVDS
Output High Level
--
1.60
Volts
See load circuit
R1 = 50 ohms
Output Low Level
0.90
--
Volts
See load circuit
R1 = 50 ohms
Differential Output (V
OD)
247
454
mVolts
See load circuit
R1 = 50 ohms
Output Offset Voltage (V
OS)
1.125
1.375
Volts
See load circuit
R1 = 50 ohms
Differential Output Error (dV
OS)
--
50
mVolts
See load circuit
R1 = 50 ohms
Output Symmetry
45
55
%
Referenced to 50% of amplitude or crossing
point
Output T
RISE and TFALL
300
700
pS
Vth is 20% and 80% of waveform
Jitter
-
0.15
pS RMS
Measured from 12KHz to 20MHz from Fnominal
-
2.8
Measured from 10Hz to 1MHz from Fnominal
Vcc Supply Current
-
63
mA
Includes current of properly terminated device
Enable/Disable Internal Pull-up
50
-
Kohm
To Vcc (equivalent resistance)
V disable
-
0.8
Volts
Referenced to Ground
V enable
2.0
-
Volts
Referenced to Ground
Output leakage
V
OUT = VCC
-10
+10
uA
Pad 1 low, device disabled
V
OUT = 0V
-10
+10
uA
Enable
-
10
nS
Time for output to reach a logic state
Disable time
-
10
nS
Time for output to reach a high Z state
Start up time
-
5
mS
Measured from the time Vcc = 3.0V
Operating Temperature Range
-10
+70
oC
Standard Temperature Range
-40
+85
oC
Extended Temperature Range
E” Option
Storage Temperature Range
-55
+125
oC
Standby Current I
CC
-
3
uA
Pad 1 low, device disabled
Specifications with E/D open circuit


Similar Part No. - LV7845DW-125.0M-T250

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
LV7845DEV PLETRONICS-LV7845DEV Datasheet
161Kb / 8P
   LVDS Clock Oscillators
LV7845DEV-125.0M PLETRONICS-LV7845DEV-125.0M Datasheet
161Kb / 8P
   LVDS Clock Oscillators
LV7845DEV-125.0M-1K PLETRONICS-LV7845DEV-125.0M-1K Datasheet
161Kb / 8P
   LVDS Clock Oscillators
LV7845DEV-125.0M-T250 PLETRONICS-LV7845DEV-125.0M-T250 Datasheet
161Kb / 8P
   LVDS Clock Oscillators
LV7845DEV-125.0M-T500 PLETRONICS-LV7845DEV-125.0M-T500 Datasheet
161Kb / 8P
   LVDS Clock Oscillators
More results

Similar Description - LV7845DW-125.0M-T250

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
LV7745DEX PLETRONICS-LV7745DEX Datasheet
149Kb / 8P
   LVDS Clock Oscillators
LV7745DEW PLETRONICS-LV7745DEW Datasheet
148Kb / 8P
   LVDS Clock Oscillators
LV1145BEV PLETRONICS-LV1145BEV Datasheet
129Kb / 8P
   LVDS Clock Oscillators
LV7845DEV PLETRONICS-LV7845DEV Datasheet
161Kb / 8P
   LVDS Clock Oscillators
LV7645DEV PLETRONICS-LV7645DEV Datasheet
160Kb / 8P
   LVDS Clock Oscillators
LV7745DEV PLETRONICS-LV7745DEV Datasheet
148Kb / 8P
   LVDS Clock Oscillators
LV9345DEV PLETRONICS-LV9345DEV Datasheet
116Kb / 8P
   LVDS Clock Oscillators
LV5545DEW PLETRONICS-LV5545DEW Datasheet
110Kb / 8P
   LVDS Clock Oscillators
LV5545DEV PLETRONICS-LV5545DEV Datasheet
109Kb / 8P
   LVDS Clock Oscillators
LV8845DEV-D PLETRONICS-LV8845DEV-D Datasheet
149Kb / 8P
   LVDS Clock Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com