Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE43072 Datasheet(PDF) 9 Page - Peregrine Semiconductor Corp.

Part # PE43072
Description  50 廓 RF Digital Attenuator 7-bit, 31.75 dB, DC-4.0 GHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE43072 Datasheet(HTML) 9 Page - Peregrine Semiconductor Corp.

Back Button PE43072 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE43072 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE43072 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE43072 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE43072 Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE43072 Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE43072 Datasheet HTML 9Page - Peregrine Semiconductor Corp. PE43072 Datasheet HTML 10Page - Peregrine Semiconductor Corp. PE43072 Datasheet HTML 11Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Product Specification
PE43702
Page 9 of 11
Document No. 70-0244-03
│ www.psemi.com
©2008-2009 Peregrine Semiconductor Corp. All rights reserved.
Figure 19. Package Drawing
Figure 18. Evaluation Board Schematic
Peregrine Specification 102-0379
Note: Capacitors C1-C8, C13, & C14 may be omitted.
Z=50 Ohm
De-embeding trace
Z=50 Ohm
Z=50 Ohm
43X0X DSA 50 Ohm 4x4 MLP24
D3
C7
100pF
C1
100pF
D0
1
J4
SMA
P/S
C6
100pF
D4
C4
100pF
D5
1
1
3
3
5
5
7
7
2
2
4
4
6
6
8
8
10
10
12
12
14
14
13
13
9
9
11
11
J1
HEADER 14
1
J7
SMA
C3
100pF
C10
100pF
D6
1
J5
SMA
D1
1
J6
SMA
C2
100pF
C8
100pF
C9
0.1µF
D2
C5
100pF
1
2
J3
CON2
1
CLOCK
2
DATA
3
LE
4
GND
SERIAL
HEADER 4
C13
100pF
C14
100pF
1
CP25
2
VDD
3
S/P
4
GND
5
RF1
6
GND
13
GND
14
RF2
15
GND
16
LE
17
CLK
18
SI
U1
VDD
VDD
D3
D1
D4
D5
P/S
D0
D2
D6
CLK
DATA
LE
D0
VDD


Similar Part No. - PE43072

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4307 PEREGRINE-PE4307 Datasheet
547Kb / 11P
   75 廓 RF Digital Attenuator 5-bit, 15.5 dB, DC - 2.0 GHz
logo
Pasternack Enterprises,...
PE4307 PASTERNACK-PE4307 Datasheet
302Kb / 2P
   BNC Male Right Angle Connector Clamp/Solder Attachment For RG174, RG316, RG188
logo
Peregrine Semiconductor
PE4307 PSEMI-PE4307 Datasheet
441Kb / 11P
   RF Digital Attenuator
logo
Peregrine Semiconductor...
PE4307 PEREGRINE-PE4307 Datasheet
441Kb / 11P
   75廓 RF Digital Attenuator
logo
Pasternack Enterprises,...
PE4307 PASTERNACK-PE4307 Datasheet
415Kb / 3P
   BNC Male Right Angle Connector Clamp/Solder Attachment
More results

Similar Description - PE43072

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE43701 PEREGRINE-PE43701 Datasheet
404Kb / 13P
   50 廓 RF Digital Attenuator 7-bit, 31.75 dB, DC-4.0 GHz
PE43073 PEREGRINE-PE43073 Datasheet
452Kb / 15P
   50 廓 RF Digital Attenuator 7-bit, Product Description 31.75 dB, DC-6.0 GHz
PE4306 PEREGRINE-PE4306 Datasheet
451Kb / 11P
   50 廓 RF Digital Attenuator 5-bit, 31 dB, DC - 4.0 GHz
PE4309 PEREGRINE-PE4309_07 Datasheet
337Kb / 9P
   50 廓 RF Digital Attenuator 6-bit, 31.5 dB, DC-4.0 GHz
PE4305 PEREGRINE-PE4305 Datasheet
457Kb / 11P
   50 廓 RF Digital Attenuator 5-bit, 15.5 dB, DC - 4.0 GHz
logo
Peregrine Semiconductor
PE43705 PSEMI-PE43705 Datasheet
711Kb / 18P
   RF Digital Step Attenuator, 7-bit, 31.75 dB 50 MHz ??8 GHz
PE43705 PSEMI-PE43705_15 Datasheet
711Kb / 18P
   UltraCMOS RF Digital Step Attenuator, 7-bit, 31.75 dB 50 MHz - 8 GHz
logo
Peregrine Semiconductor...
PE4302 PEREGRINE-PE4302 Datasheet
470Kb / 11P
   50 -RF Digital Attenuator 6-bit, 31.5 dB, DC - 4.0 GHz
PE4306 PEREGRINE-PE4306_08 Datasheet
454Kb / 11P
   50 RF Digital Attenuator 5-bit, 31 dB, DC - 4.0 GHz
logo
Peregrine Semiconductor
PE43703MLI-Z PSEMI-PE43703MLI-Z Datasheet
1Mb / 15P
   50 廓 RF Digital Attenuator 7-bit, 31.75 dB, 9 kHz - 6000 MHz VssEXT option
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com