Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV7820DEV-125.0M Datasheet(PDF) 6 Page - Pletronics, Inc.

Part # LV7820DEV-125.0M
Description  LVDS Clock Oscillators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

LV7820DEV-125.0M Datasheet(HTML) 6 Page - Pletronics, Inc.

  LV7820DEV-125.0M Datasheet HTML 1Page - Pletronics, Inc. LV7820DEV-125.0M Datasheet HTML 2Page - Pletronics, Inc. LV7820DEV-125.0M Datasheet HTML 3Page - Pletronics, Inc. LV7820DEV-125.0M Datasheet HTML 4Page - Pletronics, Inc. LV7820DEV-125.0M Datasheet HTML 5Page - Pletronics, Inc. LV7820DEV-125.0M Datasheet HTML 6Page - Pletronics, Inc. LV7820DEV-125.0M Datasheet HTML 7Page - Pletronics, Inc. LV7820DEV-125.0M Datasheet HTML 8Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LV78D Series 3.3 V
LVDS Clock Oscillators
January 2008
www.pletronics.com
425-776-1880
6
Mechanical:
Cover:
Centered on the base
304 Stainless Steel
0.010 inch (0.25mm)
Electroless Nickel Plated
1 µinch (25 µm) typical
Label:
White Kapton with Black Letters
–or--
Blue Epoxy heat cure ink covering
top with laser marked lettering
Inches
mm
FR4 PCB Base:
Solder masked
All via holes tented on bottom
Copper Clad 670 µinch (17 µm)
Nickel plated 118 µinch (3 µm)
Gold plated 0.8 µinch (0.02 µm)
Typical thicknesses
Pin 3 Ground plane is typical
Not to scale
A
0.351 +
_0.003
8.91 +
_0.07
B
0.356 +
_0.005
9.04 +
_0.13
C
0.103 +
_0.005
2.62 +
_0.13
D
1
0.324
8.23
E
1
0.316
8.03
F
1
0.050
1.27
G
1
0.040
1.02
H
1
0.059
1.50
I
1
0.020
0.51
J
1
0.040
1.02
K
1
0.100
2.54
L
1
0.026 typical
0.66
The package is not hermetically sealed (the crystal unit inside is hermetically sealed).
The sides are intentionally left open to permit cleaning material to freely flow in the package, thus minimizing the
accumulation of contaminants during cleaning processes.
The internal part of the package must be thoroughly dry before operating.
Pad
Function
Note
1
No connect
There is no internal connection to this pad
2
Output
Enable/Disable
When this pad is not connected the oscillator shall operate.
When this pad is <0.30 volts, the output will be inhibited (high impedance state.)
Recommend connecting this pad to V
CC if the oscillator is to be always on.
3
Ground (GND)
4
Output
The outputs must be terminated, 100 ohms between the outputs is the ideal
termination.
5
Output*
6
Supply Voltage
(V
CC)
Recommend connecting appropriate power supply bypass capacitors as close as
possible.


Similar Part No. - LV7820DEV-125.0M

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
LV7820DEW-125.0M PLETRONICS-LV7820DEW-125.0M Datasheet
200Kb / 9P
   LVDS Clock Oscillators
LV7820DEW-125.0M-1K PLETRONICS-LV7820DEW-125.0M-1K Datasheet
200Kb / 9P
   LVDS Clock Oscillators
LV7820DEW-125.0M-T250 PLETRONICS-LV7820DEW-125.0M-T250 Datasheet
200Kb / 9P
   LVDS Clock Oscillators
LV7820DEW-125.0M-T500 PLETRONICS-LV7820DEW-125.0M-T500 Datasheet
200Kb / 9P
   LVDS Clock Oscillators
More results

Similar Description - LV7820DEV-125.0M

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
LV7745DEX PLETRONICS-LV7745DEX Datasheet
149Kb / 8P
   LVDS Clock Oscillators
LV7745DEW PLETRONICS-LV7745DEW Datasheet
148Kb / 8P
   LVDS Clock Oscillators
LV1145BEV PLETRONICS-LV1145BEV Datasheet
129Kb / 8P
   LVDS Clock Oscillators
LV7645DEV PLETRONICS-LV7645DEV Datasheet
160Kb / 8P
   LVDS Clock Oscillators
LV7745DEV PLETRONICS-LV7745DEV Datasheet
148Kb / 8P
   LVDS Clock Oscillators
LV9345DEV PLETRONICS-LV9345DEV Datasheet
116Kb / 8P
   LVDS Clock Oscillators
LV5545DEW PLETRONICS-LV5545DEW Datasheet
110Kb / 8P
   LVDS Clock Oscillators
LV5545DEV PLETRONICS-LV5545DEV Datasheet
109Kb / 8P
   LVDS Clock Oscillators
LV7X45DEW PLETRONICS-LV7X45DEW Datasheet
200Kb / 9P
   LVDS Clock Oscillators
LV8845DEV-D PLETRONICS-LV8845DEV-D Datasheet
149Kb / 8P
   LVDS Clock Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com