Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3827EG-1-TR Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3827EG-1-TR
Description  Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3827EG-1-TR Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3827EG-1-TR Datasheet HTML 5Page - Linear Technology LTC3827EG-1-TR Datasheet HTML 6Page - Linear Technology LTC3827EG-1-TR Datasheet HTML 7Page - Linear Technology LTC3827EG-1-TR Datasheet HTML 8Page - Linear Technology LTC3827EG-1-TR Datasheet HTML 9Page - Linear Technology LTC3827EG-1-TR Datasheet HTML 10Page - Linear Technology LTC3827EG-1-TR Datasheet HTML 11Page - Linear Technology LTC3827EG-1-TR Datasheet HTML 12Page - Linear Technology LTC3827EG-1-TR Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
LTC3827-1
9
38271fe
FUNCTIONAL DIAGRAM
Main Control Loop
The LTC3827-1 uses a constant frequency, current mode
step-down architecture with the two controller channels
operating 180 degrees out of phase. During normal op-
eration, each external top MOSFET is turned on when the
clock for that channel sets the RS latch, and is turned off
when the main current comparator, ICMP, resets the RS
latch. The peak inductor current at which ICMP trips and
resets the latch is controlled by the voltage on the ITH pin,
which is the output of the error amplifier EA. The error
amplifier compares the output voltage feedback signal at
the VFB pin, (which is generated with an external resis-
tor divider connected across the output voltage, VOUT, to
ground) to the internal 0.800V reference voltage. When the
load current increases, it causes a slight decrease in VFB
relative to the reference, which causes the EA to increase
the ITH voltage until the average inductor current matches
the new load current.
After the top MOSFET is turned off each cycle, the bottom
MOSFET is turned on until either the inductor current starts
to reverse, as indicated by the current comparator IR, or
the beginning of the next clock cycle.
(Refer to Functional Diagram)
SWITCH
LOGIC
+
4.7V
VIN
VIN
INTVCC-0.5V
0.8V
FC
BURSTEN
CLK2
CLK1
+
+
+
+
INTERNAL
SUPPLY
RLP
CLP
PLLIN/MODE
EXTVCC
INTVCC
SGND
+
5.25V/
7.5V
LDO
SW
SHDN
SLEEP
0.4V
TOP
BOOST
TG
CB
CIN
D
DB
PGND
BOT
BG
INTVCC
INTVCC
VIN
COUT
VOUT
38271 FD
RSENSE
RB
VFB
DROP
OUT
DET
FOLDBACK
BOT
TOP ON
S
R
Q
Q
OSCILLATOR
PHASE DET
PLLLPF
PLLIN/MODE
FC
BURSTEN
EA
0.88V
0.80V
TRACK/SS
OV
VFB
0.5μA
1μA
6V
RA
+
RC
2(VFB)
RST
SHDN
TRACK/SS
1,13
2, 12
4, 10
3, 11
23, 18
25, 16
26, 15
24, 17
CC
CC2
CSS
2(VFB)
0.45V
SLOPE
COMP
6mV
+
+
SENSE
SENSE+
ICMP
IR
B
RUN
8, 9
DUPLICATE FOR SECOND
CONTROLLER CHANNEL
+
+
FIN
+
+
PGOOD1
VFB1
0.88V
0.72V
L
SHDN
6
5
27
22
20
19
7
28,14
21
ITH
100k
OPERATION


Similar Part No. - LTC3827EG-1-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3827EUH LINER-LTC3827EUH Datasheet
446Kb / 36P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3827EUH-PBF LINER-LTC3827EUH-PBF Datasheet
446Kb / 36P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3827EUH-TR LINER-LTC3827EUH-TR Datasheet
446Kb / 36P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3827EUH-TRPBF LINER-LTC3827EUH-TRPBF Datasheet
446Kb / 36P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
More results

Similar Description - LTC3827EG-1-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3827-1 LINER-LTC3827-1_15 Datasheet
452Kb / 32P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3858-1 LINER-LTC3858-1_15 Datasheet
434Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3868 LINER-LTC3868_15 Datasheet
402Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3857 LINER-LTC3857 Datasheet
531Kb / 38P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3858-1 LINER-LTC3858-1 Datasheet
591Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3868-1 LINER-LTC3868-1 Datasheet
595Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3827 LINER-LTC3827 Datasheet
446Kb / 36P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3857 LINER-LTC3857_15 Datasheet
447Kb / 38P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3858 LINER-LTC3858_15 Datasheet
429Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3858-2 LINER-LTC3858-2 Datasheet
442Kb / 40P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3867 LINER-LTC3867_15 Datasheet
389Kb / 36P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com