Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV7620DW-125.0M-T500 Datasheet(PDF) 6 Page - Pletronics, Inc.

Part # LV7620DW-125.0M-T500
Description  LVDS Clock Oscillators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

LV7620DW-125.0M-T500 Datasheet(HTML) 6 Page - Pletronics, Inc.

  LV7620DW-125.0M-T500 Datasheet HTML 1Page - Pletronics, Inc. LV7620DW-125.0M-T500 Datasheet HTML 2Page - Pletronics, Inc. LV7620DW-125.0M-T500 Datasheet HTML 3Page - Pletronics, Inc. LV7620DW-125.0M-T500 Datasheet HTML 4Page - Pletronics, Inc. LV7620DW-125.0M-T500 Datasheet HTML 5Page - Pletronics, Inc. LV7620DW-125.0M-T500 Datasheet HTML 6Page - Pletronics, Inc. LV7620DW-125.0M-T500 Datasheet HTML 7Page - Pletronics, Inc. LV7620DW-125.0M-T500 Datasheet HTML 8Page - Pletronics, Inc. LV7620DW-125.0M-T500 Datasheet HTML 9Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
LV76D / LV78D Series 2.5 V
LVDS Clock Oscillators
January 2008
www.pletronics.com
425-776-1880
6
Mechanical:
Inches
mm
B
0.356 +
_0.005
9.04 +
_0.13
C
0.126 +
_0.005
3.21 +
_0.13
D
0.324 +
_0.005
8.23 +
_0.13
F
1
0.050
1.27
Label:
laser marked lettering
FR4 PCB Base:
Solder masked
All via holes tented on bottom
Copper Clad 670 µinch (17 µm)
Nickel plated 118 µinch (3 µm)
Gold plated 0.8 µinch (0.02 µm)
Typical thicknesses
Pin 3 Ground plane is typical
Not to scale
G
1
0.040
1.02
H
1
0.059
1.50
I
1
0.020
0.51
J
1
0.040
1.02
K
1
0.100
2.54
L
1
0.062
1.57
Pad
Function
Note
76
78
1
2
No connect
There is no internal connection to this pad
2
1
Output
Enable/Disable
When this pad is not connected the oscillator shall operate.
When this pad is <0.30 volts, the output will be inhibited (high impedance state.)
Recommend connecting this pad to V
CC if the oscillator is to be always on.
3
Ground (GND)
4
Output
The outputs must be terminated, 100 ohms between the outputs is the ideal
termination.
5
Output*
6
Supply Voltage
(V
CC)
Recommend connecting appropriate power supply bypass capacitors as close as
possible.
Layout and application information
Recommend connecting Pad 1 and Pad 2 together to permit the design to accept Enable/Disable on both
input pads (see LV76D for E/D on pad 1)
For Optimum Jitter Performance, Pletronics recommends:
a ground plane under the device
no large transient signals (both current and voltage) should be routed under the device
do not layout near a large magnetic field such as a high frequency switching power supply


Similar Part No. - LV7620DW-125.0M-T500

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
LV7620DEV-125.0M PLETRONICS-LV7620DEV-125.0M Datasheet
160Kb / 8P
   LVDS Clock Oscillators
LV7620DEV-125.0M-1K PLETRONICS-LV7620DEV-125.0M-1K Datasheet
160Kb / 8P
   LVDS Clock Oscillators
LV7620DEV-125.0M-T250 PLETRONICS-LV7620DEV-125.0M-T250 Datasheet
160Kb / 8P
   LVDS Clock Oscillators
LV7620DEV-125.0M-T500 PLETRONICS-LV7620DEV-125.0M-T500 Datasheet
160Kb / 8P
   LVDS Clock Oscillators
LV7620DV-125.0M PLETRONICS-LV7620DV-125.0M Datasheet
160Kb / 8P
   LVDS Clock Oscillators
More results

Similar Description - LV7620DW-125.0M-T500

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
LV7745DEX PLETRONICS-LV7745DEX Datasheet
149Kb / 8P
   LVDS Clock Oscillators
LV7745DEW PLETRONICS-LV7745DEW Datasheet
148Kb / 8P
   LVDS Clock Oscillators
LV1145BEV PLETRONICS-LV1145BEV Datasheet
129Kb / 8P
   LVDS Clock Oscillators
LV7845DEV PLETRONICS-LV7845DEV Datasheet
161Kb / 8P
   LVDS Clock Oscillators
LV7645DEV PLETRONICS-LV7645DEV Datasheet
160Kb / 8P
   LVDS Clock Oscillators
LV7745DEV PLETRONICS-LV7745DEV Datasheet
148Kb / 8P
   LVDS Clock Oscillators
LV9345DEV PLETRONICS-LV9345DEV Datasheet
116Kb / 8P
   LVDS Clock Oscillators
LV5545DEW PLETRONICS-LV5545DEW Datasheet
110Kb / 8P
   LVDS Clock Oscillators
LV5545DEV PLETRONICS-LV5545DEV Datasheet
109Kb / 8P
   LVDS Clock Oscillators
LV8845DEV-D PLETRONICS-LV8845DEV-D Datasheet
149Kb / 8P
   LVDS Clock Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com