Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3826EUH Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3826EUH
Description  30關A IQ, Dual, 2-Phase Synchronous Step-Down Controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3826EUH Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3826EUH Datasheet HTML 2Page - Linear Technology LTC3826EUH Datasheet HTML 3Page - Linear Technology LTC3826EUH Datasheet HTML 4Page - Linear Technology LTC3826EUH Datasheet HTML 5Page - Linear Technology LTC3826EUH Datasheet HTML 6Page - Linear Technology LTC3826EUH Datasheet HTML 7Page - Linear Technology LTC3826EUH Datasheet HTML 8Page - Linear Technology LTC3826EUH Datasheet HTML 9Page - Linear Technology LTC3826EUH Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
LTC3826
6
3826fc
TYPICAL PERFORMANCE CHARACTERISTICS
Total Input Supply Current
vs Input Voltage
EXTVCC Switchover and INTVCC
Voltages vs Temperature
INTVCC Line Regulation
Maximum Current Sense Voltage
vs ITH Voltage
Sense Pins Total Input
Bias Current
Maximum Current Sense
Threshold vs Duty Cycle
Foldback Current Limit
Quiescent Current vs Temperature
SENSE Pins Total Input
Bias Current vs ITH
INPUT VOLTAGE (V)
5
350
300
250
200
150
100
50
0
20
30
3826 G10
10
15
25
35
NO LOAD
300μA LOAD
TEMPERATURE (°C)
–45
4.0
4.2
4.6
4.8
5.0
6.0
5.4
–5
35
55
3826 G11
4.4
5.6
5.8
5.2
–25
15
75
95
INTVCC
EXTVCC RISING
EXTVCC FALLING
INPUT VOLTAGE (V)
0
5.0
5.5
5.2
10
20
25
3826 G12
5.3
5.4
5.1
515
30
35
40
ITH PIN VOLTAGE (V)
0
40
60
100
0.6
1.0
3826 G13
20
0
0.2
0.4
0.8
1.2
1.4
–20
–40
80
PULSE SKIPPING
FORCED CONTINUOUS
Burst Mode OPERATION
(RISING)
Burst Mode OPERATION
(FALLING)
10% DUTY CYCLE
VSENSE COMMON MODE VOLTAGE (V)
0
–120
–60
0
60
8
3826 G14
–180
–240
–150
–90
–30
30
–210
–270
–300
2
4
6
10
7
1
3
5
9
DUTY CYCLE (%)
0
40
80
120
20
60
100
20
40
60
80
3826 G15
100
10
030
50
70
90
FEEDBACK VOLTAGE (V)
0
0
20
60
80
100
0.2
0.4 0.5
0.9
3826 G16
40
0.1
0.3
0.6 0.7 0.8
120
TRACK/SS = 1V
TEMPERATURE (°C)
–45
24
26
30
32
34
44
38
–15
15
30
90
3826 G17
28
40
42
36
–30
0
45
60
75
PLLIN/MODE = 0V
ITH VOLTAGE (V)
0
3
1.4
1.2
3826 G18
0
0.2
0.4
0.6
0.8
1.0
4
2
1
VSENSE = 3.3V


Similar Part No. - LTC3826EUH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3826EG-1 LINER-LTC3826EG-1 Datasheet
424Kb / 32P
   30關A IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3826EG-1-PBF LINER-LTC3826EG-1-PBF Datasheet
424Kb / 32P
   30關A IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3826EG-1-TR LINER-LTC3826EG-1-TR Datasheet
424Kb / 32P
   30關A IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3826EG-1-TRPBF LINER-LTC3826EG-1-TRPBF Datasheet
424Kb / 32P
   30關A IQ, Dual, 2-Phase Synchronous Step-Down Controller
More results

Similar Description - LTC3826EUH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3826-1 LINER-LTC3826-1 Datasheet
424Kb / 32P
   30關A IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3834 LINER-LTC3834 Datasheet
426Kb / 28P
   30關A IQ Synchronous Step-Down Controller
LTC3834-1 LINER-LTC3834-1 Datasheet
301Kb / 28P
   30關A IQ Synchronous Step-Down Controller
LTC3827-1 LINER-LTC3827-1_15 Datasheet
452Kb / 32P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3826 LINER-LTC3826_15 Datasheet
479Kb / 36P
   30A IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3858-1 LINER-LTC3858-1_15 Datasheet
434Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3868 LINER-LTC3868_15 Datasheet
402Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3857 LINER-LTC3857 Datasheet
531Kb / 38P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3858-1 LINER-LTC3858-1 Datasheet
591Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3868-1 LINER-LTC3868-1 Datasheet
595Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com