Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3824IMSE Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3824IMSE
Description  High Voltage Step-Down Controller With 40關A Quiescent Current
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3824IMSE Datasheet(HTML) 1 Page - Linear Technology

  LTC3824IMSE Datasheet HTML 1Page - Linear Technology LTC3824IMSE Datasheet HTML 2Page - Linear Technology LTC3824IMSE Datasheet HTML 3Page - Linear Technology LTC3824IMSE Datasheet HTML 4Page - Linear Technology LTC3824IMSE Datasheet HTML 5Page - Linear Technology LTC3824IMSE Datasheet HTML 6Page - Linear Technology LTC3824IMSE Datasheet HTML 7Page - Linear Technology LTC3824IMSE Datasheet HTML 8Page - Linear Technology LTC3824IMSE Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LTC3824
1
3824fc
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
High Voltage Step-Down
Controller With 40µA
Quiescent Current
The LTC®3824 is a step-down DC/DC controller designed
to drive an external P-channel MOSFET. With a wide input
range of 4V to 60V and a high voltage gate driver, the
LTC3824 is suitable for many industrial and automotive
high power applications. Constant frequency current mode
operation provides excellent performance.
The LTC3824 can be configured for Burst Mode operation.
Burst Mode operation enhances low current efficiency
(only 40μA quiescent current) and extends battery run
time. The switching frequency can be programmed up to
600kHz and is easily synchronizable.
Other features include current limit, soft-start, micropower
shutdown, and Burst Mode disable.
The LTC3824 is available in a 10-lead MSE power package.
5V/2A Buck Converter
n Wide Input Range: 4V to 60V
n Current Mode Constant Frequency PWM
n Very Low Dropout Operation: 100% Duty Cycle
n Programmable Switching Frequency:
200kHz to 600kHz
n Selectable High Efficient Burst Mode® Operation:
40μA Quiescent Current
n Easy Synchronization
n 8V, 2A Gate Drive (VCC > 10V) for Industrial High
Voltage P-channel MOSFET
n Programmable Soft-Start
n Programmable Current Limit
n Available in a Small 10-Pin Thermally Enhanced
MSE Package
n Industrial and Automotive Power Supplies
n Telecom Power Supplies
n Distributed Power Systems
L, LT, LTC, LTM and Burst Mode are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners. Protected by U.S. Patents
including 5731964.
Efficiency and Power Loss vs Load Current
3824 TA01
10k
80.6k
RS
0.025Ω
51Ω
CCAP
0.1μF
422k
100pF
COUT
100μF
2
22μH
VOUT
5V
2A
0.1μF
392k
CIN
33μF
100V
3.3nF
LTC3824
SENSE
GATE
CAP
VFB
VC
VCC
RSET
GND
SS
SYNC/MODE
VIN
5.5V TO 60V
+
LOAD CURRENT (mA)
60
70
90
80
10
100
3824 TA01a
50
100
0.5
1.0
2.0
1.5
0
2.5
EFFICIENCY
POWER LOSS
2000
1000
VIN = 12V
VIN = 40V
VIN = 40V
VIN = 12V


Similar Part No. - LTC3824IMSE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3824 LINER-LTC3824 Datasheet
245Kb / 16P
   72VIN, 6 Output DC/DC SEPIC 關Module Regulator
LTC3824 LINER-LTC3824 Datasheet
315Kb / 26P
   High Voltage, Current Mode Switching Regulator Controller Thermal Shutdown
LTC3824 LINER-LTC3824 Datasheet
487Kb / 28P
   60V Low IQ Step-Down DC/DC Controller with 100% Duty Cycle Capability
LTC3824 LINER-LTC3824 Datasheet
1Mb / 30P
   Low IQ Synchronous Step-Down Controller
LTC3824 LINER-LTC3824 Datasheet
256Kb / 14P
   High Voltage Step-Down Controller With 40A Quiescent Current
More results

Similar Description - LTC3824IMSE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3824 LINER-LTC3824_15 Datasheet
256Kb / 14P
   High Voltage Step-Down Controller With 40A Quiescent Current
LT3437 LINER-LT3437_1 Datasheet
558Kb / 28P
   High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100關A Quiescent Current
LT1976B LINER-LT1976B Datasheet
306Kb / 28P
   High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100關A Quiescent Current
LT3973 LINER-LT3973 Datasheet
113Kb / 6P
   42V, 750mA Step-Down Regulator with 2.5關A Quiescent Current
LT3971A LINER-LT3971A Datasheet
357Kb / 24P
   38V, 1.3A, 2MHz Step-Down Regulator with 2.2關A Quiescent Current
LTC8606 LINER-LTC8606 Datasheet
1Mb / 24P
   42V, 350mA Synchronous Step-Down Regulator with 2.5關A Quiescent Current
LT8620 LINER-LT8620 Datasheet
590Kb / 26P
   65V, 2A Synchronous Step-Down Regulator with 2.5關A Quiescent Current
LT8610AC LINER-LT8610AC Datasheet
544Kb / 26P
   42V, 3.5A Synchronous Step-Down Regulator with 2.5關A Quiescent Current
LTC3621 LINER-LTC3621 Datasheet
240Kb / 16P
   17V, 1A Synchronous Step-Down Regulator with 3.5關A Quiescent Current
logo
Monolithic Power System...
MP4566 MPS-MP4566 Datasheet
358Kb / 14P
   36V, 1MHz, 0.6A Step-Down Converter With 35關A Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com