Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3809IMSE-1-TRPBF Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3809IMSE-1-TRPBF
Description  No RSENSETM, Low Input Voltage, Synchronous DC/DC Controller with Output Tracking
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3809IMSE-1-TRPBF Datasheet(HTML) 5 Page - Linear Technology

  LTC3809IMSE-1-TRPBF Datasheet HTML 1Page - Linear Technology LTC3809IMSE-1-TRPBF Datasheet HTML 2Page - Linear Technology LTC3809IMSE-1-TRPBF Datasheet HTML 3Page - Linear Technology LTC3809IMSE-1-TRPBF Datasheet HTML 4Page - Linear Technology LTC3809IMSE-1-TRPBF Datasheet HTML 5Page - Linear Technology LTC3809IMSE-1-TRPBF Datasheet HTML 6Page - Linear Technology LTC3809IMSE-1-TRPBF Datasheet HTML 7Page - Linear Technology LTC3809IMSE-1-TRPBF Datasheet HTML 8Page - Linear Technology LTC3809IMSE-1-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LTC3809-1
5
38091fc
VOUT
1.8V
Vx
2.5V
500mV/DIV
10ms/DIV
VIN = 4.2V
RTA = 590
RTB = 1.18k
FIGURE 8 CIRCUIT
38091 G09
VOUT
1.8V
Vx
2.5V
500mV/DIV
10ms/DIV
VIN = 4.2V
RTA = 590
RTB = 1.18k
FIGURE 8 CIRCUIT
38091 G10
VOUT
1.8V
Vx
2.5V
500mV/DIV
10ms/DIV
VIN = 4.2V
RTA = 590
RTB = 1.69k
FIGURE 8 CIRCUIT
38091 G11
TEMPERATURE (°C)
–60
0.594
0.596
0.598
0.600
0.602
–20
20
60
100
38091 G012
0.604
0.606
–40
0
40
80
TEMPERATURE (°C)
–60
2.15
2.20
2.25
2.30
2.35
2.40
2.45
–20
20
60
100
38091 G13
2.50
2.55
–40
0
40
80
VIN RISING
VIN FALLING
TEMPERATURE (°C)
–60
1.00
1.05
–20
20
60
100
38091 G14
1.15
1.10
1.20
–40
0
40
80
TEMPER
–60
115
120
125
130
–20
20
60
100
38091 G15
ATURE (°C)
135
–40
0
40
80
IPRG = FLOAT
TEMPERATURE (°C)
–60
0.94
–20
20
60
100
38091 G16
0.96
0.98
1.04
1.02
1.00
–40
0
40
80
TRACK/SS = 0V
Regulated Feedback Voltage
vs Temperature
Undervoltage Lockout Threshold
vs Temperature
Shutdown (RUN) Threshold
vs Temperature
Maximum Current Sense
Threshold vs Temperature
TRACK/SS Start-Up Current
vs Temperature
Start-Up with Coincident Tracking
(VOUT = 0V at 0s)
Start-Up with Coincident Tracking
(VOUT = 0.8V at 0s)
Start-Up with Ratiometric Tracking
(VOUT = 0V at 0s)
TYPICAL PERFORMANCE CHARACTERISTICS TA = 25°C, unless otherwise noted.


Similar Part No. - LTC3809IMSE-1-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3809 LINER-LTC3809 Datasheet
291Kb / 24P
   No RSENSE?? Low EMI, Synchronous DC/DC Controller
LTC3809 LINER-LTC3809 Datasheet
424Kb / 32P
   Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3809 LINER-LTC3809 Datasheet
296Kb / 24P
   No RSENSE, Low EMI, Synchronous DC/DC Controller
LTC3809-1 LINER-LTC3809-1 Datasheet
424Kb / 32P
   Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3809-1 LINER-LTC3809-1_15 Datasheet
266Kb / 24P
   No RSENSE, Low Input Voltage, Synchronous DC/DC Controller with Output Tracking
More results

Similar Description - LTC3809IMSE-1-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3809-1 LINER-LTC3809-1_15 Datasheet
266Kb / 24P
   No RSENSE, Low Input Voltage, Synchronous DC/DC Controller with Output Tracking
LTC3822 LINER-LTC3822 Datasheet
237Kb / 20P
   No RSENSETM, Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3808 LINER-LTC3808_15 Datasheet
382Kb / 28P
   No RSENSE, Low EMI, Synchronous DC/DC Controller with Output Tracking
LTC3808 LINER-LTC3808 Datasheet
376Kb / 28P
   No RSENSE TM, Low EMI, Synchronous DC/DC Controller with Output Tracking
LTC3822-1 LINER-LTC3822-1_15 Datasheet
385Kb / 24P
   No RSENSE, Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3822-1 LINER-LTC3822-1 Datasheet
375Kb / 24P
   No RSENSE, Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3737 LINER-LTC3737 Datasheet
303Kb / 24P
   Dual 2-Phase, No RSENSE DC/DC Controller with Output Tracking
LTC3737 LINER-LTC3737_15 Datasheet
280Kb / 24P
   Dual 2-Phase, No RSENSE, DC/DC Controller with Output Tracking
LTC3709 LINER-LTC3709 Datasheet
290Kb / 24P
   Fast 2-Phase, No RSENSE Synchronous DC/DC Controller with Tracking/Sequencing
LTC3709 LINER-LTC3709_15 Datasheet
326Kb / 24P
   Fast 2-Phase, No RSENSE Synchronous DC/DC Controller with Tracking/Sequencing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com