Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3813EG-TRPBF Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3813EG-TRPBF
Description  100V Current Mode Synchronous Step-Up Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3813EG-TRPBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3813EG-TRPBF Datasheet HTML 3Page - Linear Technology LTC3813EG-TRPBF Datasheet HTML 4Page - Linear Technology LTC3813EG-TRPBF Datasheet HTML 5Page - Linear Technology LTC3813EG-TRPBF Datasheet HTML 6Page - Linear Technology LTC3813EG-TRPBF Datasheet HTML 7Page - Linear Technology LTC3813EG-TRPBF Datasheet HTML 8Page - Linear Technology LTC3813EG-TRPBF Datasheet HTML 9Page - Linear Technology LTC3813EG-TRPBF Datasheet HTML 10Page - Linear Technology LTC3813EG-TRPBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
LTC3813
7
3813fb
EXTVCC LDO Resistance at
Dropout vs Temperature
INTVCC Current vs Temperature
INTVCC Shutdown Current
vs Temperature
INTVCC Current vs INTVCC Voltage
INTVCC Shutdown Current
vs INTVCC Voltage
SS Pull-Up Current
vs Temperature
ITH Voltage
vs Load Current
Shutdown Threshold
vs Temperature
TYPICAL PERFORMANCE CHARACTERISTICS
TEMPERATURE (°C)
–50
25
3813 G18
8
4
2
–25
0
50
0
14
12
10
6
75
100
125
TEMPERATURE (°C)
–50
–25
0
2
4
0
50
75
3813 G19
1
3
25
100
125
TEMPERATURE (°C)
–50
25
3813 G20
200
100
–25
0
50
0
400
300
75
100
125
INTVCC VOLTAGE (V)
0
2.0
2.5
4.0
3.5
610
3813 G21
1.5
1.0
24
812
14
0.5
0
3.0
INTVCC VOLTAGE (V)
0
200
250
300
610
3813 G22
150
100
24
812
14
50
0
TEMPERATURE (°C)
–50
2
3
25
75
3813 G23
1
–25
0
50
100
125
0
LOAD CURRENT (A)
1
2
0
3
3813 G24
FRONT PAGE CIRCUIT
VIN = 24V
VRNG = 1V
0
1234
TEMPERATURE (°C)
–50
2.0
25
3813 G25
1.4
1.0
–25
0
50
0.8
0.6
2.2
1.8
1.6
1.2
75
100
125


Similar Part No. - LTC3813EG-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3813 LINER-LTC3813_15 Datasheet
460Kb / 32P
   100V Current Mode Synchronous Step-Up Controller
More results

Similar Description - LTC3813EG-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3813 LINER-LTC3813_15 Datasheet
460Kb / 32P
   100V Current Mode Synchronous Step-Up Controller
LTC3814-5 LINER-LTC3814-5_15 Datasheet
363Kb / 30P
   60V Current Mode Synchronous Step-Up Controller
LTC3814-5 LINER-LTC3814-5 Datasheet
356Kb / 28P
   60V Current Mode Synchronous Step-Up Controller
LTC3810 LINER-LTC3810 Datasheet
487Kb / 36P
   100V Current Mode Synchronous Switching Regulator Controller
LT3800 LINER-LT3800_15 Datasheet
264Kb / 24P
   High-Voltage Synchronous Current Mode Step-Down Controller
LT3800 LINER-LT3800 Datasheet
314Kb / 24P
   High-Voltage Synchronous Current Mode Step-Down Controller
logo
Analog Devices
LT8277 AD-LT8277 Datasheet
601Kb / 31P
   Multiphase Current Mode Step-Up DC/DC Controller
Rev 0
logo
National Semiconductor ...
LM5020 NSC-LM5020 Datasheet
229Kb / 12P
   100V Current Mode PWM Controller
LM5020 NSC-LM5020_06 Datasheet
629Kb / 13P
   100V Current Mode PWM Controller
logo
Texas Instruments
SM74202 TI1-SM74202 Datasheet
179Kb / 12P
[Old version datasheet]   100V Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com