Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3811EUHF-TRPBF Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3811EUHF-TRPBF
Description  High Speed Dual, Multiphase Step-Down DC/DC Controller
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3811EUHF-TRPBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3811EUHF-TRPBF Datasheet HTML 7Page - Linear Technology LTC3811EUHF-TRPBF Datasheet HTML 8Page - Linear Technology LTC3811EUHF-TRPBF Datasheet HTML 9Page - Linear Technology LTC3811EUHF-TRPBF Datasheet HTML 10Page - Linear Technology LTC3811EUHF-TRPBF Datasheet HTML 11Page - Linear Technology LTC3811EUHF-TRPBF Datasheet HTML 12Page - Linear Technology LTC3811EUHF-TRPBF Datasheet HTML 13Page - Linear Technology LTC3811EUHF-TRPBF Datasheet HTML 14Page - Linear Technology LTC3811EUHF-TRPBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
LTC3811
11
3811f
PIN FUNCTIONS
BG1, BG2: High Current Gate Driver Outputs for the
N-Channel Lower Power MOSFETs.
BOOST1, BOOST2: Bootstrapped Supply Inputs to the
Topside Floating Drivers. A low ESR (X5R or better) ceramic
bypass capacitor should be connected between the BOOST
pin and the SW pin as close as possible to the IC.
CLKOUT: A Digital Output Used for Daisy-Chaining Multiple
LTC3811 ICs in Multiphase Systems. The PHASEMODE
pin voltage controls the phase relationship between the
channel 1 TG signal and CLKOUT.
COMP1, COMP2: Error Amplifier Output Voltages. The
error amplifiers in the LTC3811 are high bandwidth, low
offset true operational amplifiers that have low output
impedance. As a result, the outputs of two active error
amplifiers cannot be directly connected together! For
multiphase operation, connecting the FB pin of a slave
error amplifier to INTVCC will disable the output of that
amplifier. Multiphase operation can then be achieved by
connecting all of the COMP pins together and using one
channel as the master and all of the others as slaves. The
FB and COMP pins are also used for compensating the
control loop of the converter.
CSOUT (QFN Only): Output of the Voltage Positioning
gm Amplifier. This pin allows the user to program the
amount of voltage droop in the output voltage at high
load current. The output of the voltage positioning gm
amplifier is a bi-directional current proportional to the
(SENSE+ – SENSE) voltages for both channels. The
gm is internally fixed to 5mS. Forcing the gm amplifier
output current through a low value external resistor will
program the amount of voltage droop seen at the output.
See Applications Information for more details regarding
voltage positioning.
DIFF/IN+: Remote Sense Differential Amplifier Positive
Input. A low offset, high bandwidth operational amplifier
is configured with four precision 80k resistors for a non-
inverting gain of one. This pin is normally connected to the
positive terminal of the decoupling capacitor at the load.
DIFF/IN:
Remote Sense Differential Amplifier Negative
Input. This pin is normally connected to the negative
terminal of the decoupling capacitor at the remote load.
The DIFF/IN+ and DIFF/INPCB traces should be routed
as close as possible and parallel to each other from the
IC to the output capacitor.
DIFF/OUT: Remote Sense Differential Amplifier Output
Voltage, Configured for a Noninverting Gain of One. The
voltage at the DIFF/OUT pin is normally connected through
an external resistor divider to the FB pin of one channel.
The bottom of the divider should be connected to the
SGND pin of the IC.
DRVCC: Output of the Internal 6V Low Dropout Regulator
(LDO), Supply Pin for the Bottom Gate Drivers and Output
of the PMOS EXTVCC Switch. A low ESR (X5R or better)
4.7μF ceramic bypass capacitor should be connected
between the DRVCC pin and the PGND pin, as close as
possible to the IC.
Exposed Pad (QFN Only): The Exposed Pad of the QFN
Leadframe is PGND.
EXTVCC: External Power Supply Input to an Internal PMOS
Power Switch Connected Between EXTVCC (Drain) and
DRVCC (Source). This pin allows an external supply to be
used for the high current gate drivers, thereby reducing
power dissipation in the LDO and increasing efficiency.
When EXTVCC exceeds 4.5V (rising), the high current
PMOS switch turns on and shorts EXTVCC to DRVCC,
bypassing the internal LDO. See Applications Information
for more details.


Similar Part No. - LTC3811EUHF-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3811 LINER-LTC3811_15 Datasheet
544Kb / 48P
   High Speed Dual, Multiphase Step-Down DC/DC Controller
More results

Similar Description - LTC3811EUHF-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3811 LINER-LTC3811_15 Datasheet
544Kb / 48P
   High Speed Dual, Multiphase Step-Down DC/DC Controller
LTC3860 LINER-LTC3860_15 Datasheet
446Kb / 36P
   Dual, Multiphase Step-Down Voltage Mode DC/DC Controller with Current Sharing
LTC3860 LINER-LTC3860 Datasheet
451Kb / 36P
   Dual, Multiphase Step-Down Voltage Mode DC/DC Controller with Current Sharing
LTC3861-1 LINER-LTC3861-1_15 Datasheet
1Mb / 38P
   Dual, Multiphase Step-Down Voltage Mode DC/DC Controller with Accurate Current Sharing
LTC3861 LINER-LTC3861_15 Datasheet
977Kb / 38P
   Dual, Multiphase Step-Down Voltage Mode DC/DC Controller with Accurate Current Sharing
LTC3861-1 LINER-LTC3861-1 Datasheet
550Kb / 36P
   Dual, Multiphase Step-Down Voltage Mode DC/DC Controller with Accurate Current Sharing
logo
Analog Devices
LT8277 AD-LT8277 Datasheet
601Kb / 31P
   Multiphase Current Mode Step-Up DC/DC Controller
Rev 0
logo
Maxim Integrated Produc...
MAX16993 MAXIM-MAX16993 Datasheet
1Mb / 25P
   Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
Rev 0; 5/13
MAX16993 MAXIM-MAX16993_V01 Datasheet
1Mb / 24P
   Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
2016
MAX20028 MAXIM-MAX20028 Datasheet
1Mb / 24P
   Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
Rev 6; 3/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com